Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3DD13002E-HF Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 3DD13002E-HF
Description  NPN Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

3DD13002E-HF Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  3DD13002E-HF Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 3DD13002E-HF Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
NPN Transistors
3DD13002-HF
Typical Characterisitics
10
10
0
0
0
1
0
0
1
0
1
0.1
1
10
0
25
50
75
100
125
150
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0
0
0
1
0
0
1
0
1
10
100
1000
0.1
1
10
100
1000
1
10
100
0
1
1
1
.
0
1
10
100
1000
0.0
0.3
0.6
0.9
1.2
0.1
1
10
100
1000
0
2
4
6
8
10
0
50
100
150
200
250
1
I
C
f
T
——
COMMON EMITTER
V
CE=10V
T
a=25
COLLECTOR CURRENT
I
C
(mA)
200
100
β=5
I
C
V
BEsat
——
COLLECTOR CURREMT
I
C
(mA)
T
a=100
T
a=25
P
C
—— T
a
AMBIENT TEMPERATURE
T
a
( )
T
a=100
T
a=25
β=5
I
C
V
CEsat
——
COLLECTOR CURREMT
I
C
(mA)
I
C
h
FE
——
T
a=100
T
a=25
COLLECTOR CURRENT
I
C
(mA)
COMMON EMITTER
V
CE= 10V
20
f=1MHz
I
E=0/IC=0
T
a=25
V
CB/VEB
C
ob/Cib
——
C
ob
C
ib
REVERSE VOLTAGE
V
(V)
5000
5
5
BASE-EMMITER VOLTAGE V
BE (V)
I
C
——
V
BE
COMMON EMITTER
V
CE=10V
Static Characteristic
COMMON
EMITTER
T
a=25
10mA
9mA
8mA
7mA
6mA
5mA
4mA
3mA
2mA
I
B=1mA
COLLECTOR-EMITTER VOLTAGE
V
CE
(V)


Similar Part No. - 3DD13002E-HF

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
3DD13002E-O-M-N-B JSMC-3DD13002E-O-M-N-B Datasheet
225Kb / 5P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
3DD13002E-O-M-N-C JSMC-3DD13002E-O-M-N-C Datasheet
225Kb / 5P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
More results

Similar Description - 3DD13002E-HF

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
   NPN Transistors
2SD2391 KEXIN-2SD2391_15 Datasheet
1,008Kb / 2P
   NPN Transistors
2SC4617 KEXIN-2SC4617_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
   NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
   NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com