Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC1830GT Datasheet(PDF) 8 Page - NEC

Part # UPC1830GT
Description  FILTER-CONTAINING VIDEO CHROMA, SYNCHRONIZING SIGNAL PROCESSING LSI COMPATIBLE WITH NTSC/PAL SYSTEM
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1830GT Datasheet(HTML) 8 Page - NEC

Back Button UPC1830GT Datasheet HTML 4Page - NEC UPC1830GT Datasheet HTML 5Page - NEC UPC1830GT Datasheet HTML 6Page - NEC UPC1830GT Datasheet HTML 7Page - NEC UPC1830GT Datasheet HTML 8Page - NEC UPC1830GT Datasheet HTML 9Page - NEC UPC1830GT Datasheet HTML 10Page - NEC UPC1830GT Datasheet HTML 11Page - NEC UPC1830GT Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
µPC1830
8
22
Clamp pulse
input
23
R output
24
G output
25
B output
26
Color killer
filter
27
fSC VCO output
Matrix clamp pulse input pin.
Clamp operation is performed at
2.8 V or more.
Matrix R, G, and B output pins.
DC level is approx. 2.0 V.
Sync. signal component, added to
Y-input (16 pin), appears in R, G,
and B output pins.
Filter connection pin of color killer
sync detector.
fSC VCO oscillator output pin.
Connect this pin to pin 28 via a
3.58 MHz oscillation filter and to
pin 29 via a 4.43 MHz oscillation
filter.
Pin No.
Pin name
Equivalent circuit
Function descriptions
VCC
20 A
10 k
22
µ
VCC
2 mA
23
24
25
50
26
500
VCC
10 k
10 k
27
VCC
3.3 k
125
125
2.9 mA


Similar Part No. - UPC1830GT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC1830GT RENESAS-UPC1830GT Datasheet
525Kb / 46P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1994
More results

Similar Description - UPC1830GT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB1229DN TOSHIBA-TB1229DN Datasheet
4Mb / 94P
   VIDEO, CHROMA AND SYNCHRONIZING SIGNALS PROCESSING IC FOR PAL/NTSC SYSTEM COLOR TV
TB1230AN TOSHIBA-TB1230AN Datasheet
4Mb / 88P
   VIDEO, CHROMA AND SYNCHRONIZING SIGNALS PROCESSING IC FOR PAL/NTSC SYSTEM COLOR TV
TB1227BN TOSHIBA-TB1227BN Datasheet
4Mb / 92P
   VIDEO, CHROMA AND SYNCHRONIZING SIGNALS PROCESSING IC FOR PAL/NTSC/SECAM SYSTEM COLOR TV
TB1226DNG TOSHIBA-TB1226DNG Datasheet
3Mb / 99P
   VIDEO, CHROMA AND SYNCHRONIZING SIGNALS PROCESSING IC FOR PAL/NTSC/ SECAM SYSTEM COLOR TV
TB1227CNG TOSHIBA-TB1227CNG Datasheet
1Mb / 94P
   VIDEO, CHROMA AND SYNCHRONIZING SIGNALS PROCESSING IC FOR PAL / NTSC / SECAM SYSTEM COLOR TV
TB1226EN TOSHIBA-TB1226EN Datasheet
2Mb / 100P
   VIDEO, CHROMA AND SYNCHRONIZING SIGNALS PROCESSING IC FOR PAL / NTSC / SECAM SYSTEM COLOR TV
2001-07-26
TA8867AN TOSHIBA-TA8867AN Datasheet
1Mb / 32P
   VIDEO, CHROMA, AND SYNC. SIGNAL PROCESSING IC FOR PAL/NTSC-SYSTEM COLOR TELEVISIONS
TA8867BN TOSHIBA-TA8867BN Datasheet
1Mb / 32P
   VIDEO, CHROMA, AND SYNC. SIGNAL PROCESSING IC FOR PAL/NTSC-SYSTEM COLOR TELEVISIONS
TA8759BN TOSHIBA-TA8759BN Datasheet
2Mb / 58P
   VIDEO CHROMA AND SYNC. SIGNAL PROCESSING IC FOR PAL/NTSC/SECAM SYSTEM COLOR TELEVISION
TA8880CN TOSHIBA-TA8880CN Datasheet
1Mb / 38P
   VIDEO, CHROMA, AND SYNC. SIGNAL PROCESSING IC FOR PAL/NTSC/SECAM-SYSTEM COLOR TELEVISIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com