Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTC3467 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KTC3467
Description  NPN Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KTC3467 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  KTC3467_15 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KTC3467_15 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd KTC3467_15 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DIP Type
www.kexin.com.cn
1
Transistors
NPN Transistors
KTC3467
Features
High Voltage and High fT
Low Collector Output Capacitance
Complementary to KTA1070
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
200
Collector - Emitter Voltage
VCEO
200
Emitter - Base Voltage
VEBO
5
Collector Current - Continuous
IC
100
Collector Current - Pulse
ICP
200
Collector Power Dissipation
PC
1
W
Junction Temperature
TJ
150
Storage Temperature Range
Tstg
-55 to 150
V
mA
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= 100uA, IE= 0
200
Collector- emitter breakdown voltage
VCEO
Ic= 1 mA,IB=0
200
Emitter - base breakdown voltage
VEBO
IE= 100uA, IC= 0
5
Collector-base cut-off current
ICBO
VCB= 150V , IE= 0
0.1
Emitter cut-off current
IEBO
VEB= 4V , IC=0
0.1
Collector-emitter saturation voltage
VCE(sat) IC=20mA, IB=2mA
0.6
Base - emitter saturation voltage
VBE(sat) IC=20mA, IB=2mA
1
DC current gain
hFE
VCE= 5V, IC=10mA
70
240
Reverse transfer capassification
Cre
VCB= 30V,f=1MHz
1.2
Collector output capacitance
Cob
VCB= 30V,f=1MHz
1.7
Transition frequency
fT
VCE= 30V, IC= 10mA
150
MHz
V
uA
V
pF
Classification of hfe
Type
KTC3467-O
KTC3467-Y
Range
70-140
120-240
TO-92L
Unit:mm
2.54 ±0.1
1.27
0.45 ±0.1
0.7 ±0.1
4.9 ± 0.2
1.60 (max)
4.0(min)
1 2 3
1.
Base
2.Collector
3.
Emitter


Similar Part No. - KTC3467_15

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3467 KEC-KTC3467 Datasheet
353Kb / 3P
   EPITAXIAL PLANAR NPN TRANSISTOR (HIGH-DEFINITION CRT DISPLAY VIDEO OUTPUT)
More results

Similar Description - KTC3467_15

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
   NPN Transistors
2SD2391 KEXIN-2SD2391_15 Datasheet
1,008Kb / 2P
   NPN Transistors
2SC4617 KEXIN-2SC4617_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
   NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
   NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com