Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NS10165T6R8NNA Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # NS10165T6R8NNA
Description  SMD Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

NS10165T6R8NNA Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  NS10165T6R8NNA Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc NS10165T6R8NNA Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification.
INDUCTORS
SMD Power Inductors (NS series)
NS10165T6R8NNA
Features
Item Summary
6.8μH(±30%), 6A, 5.22A
Lifecycle Stage
Mass Production
Standard packaging quantity (minimum)
Taping 2000pcs(500pcs*4reel)
Products characteristics table
CaseSize (EIA/JIS)
-/101101
Inductance
6.8μH(±30%)
Inductance Measuring Frequency
100kHz
Rated Current -Saturation Current
6A
Rated Current -Temperature Rise Current
5.22A
DC Resistance (max)
0.0168Ω
Avg. of DC.Resistance
0.014Ω
Self-resonant Frequency (min)
20.7MHz
RoHS Compliance
Yes
Halogen Free
Yes
Soldering Method
Reflow
External Dimensions
L
10.1mm ±0.3
W
10.1mm ±0.3
H
6.5mm ±0.35
Recommended Land Patterns
2015.03.09
1 / 1


Similar Part No. - NS10165T6R8NNA

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
NS10165T6R8NNA TAIYO-YUDEN-NS10165T6R8NNA Datasheet
298Kb / 3P
   SMD Power Inductors (NS series)
NS10165T6R8NNA TAIYO-YUDEN-NS10165T6R8NNA Datasheet
373Kb / 3P
   Wire-wound Ferrite Power Inductors LSRN series for General Electronic Equipment
2021/8/4
NS10165T6R8NNA TAIYO-YUDEN-NS10165T6R8NNA_19 Datasheet
298Kb / 3P
   SMD Power Inductors (NS series)
More results

Similar Description - NS10165T6R8NNA

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com