Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCTS390K Datasheet(PDF) 9 Page - Intersil Corporation

Part # HCTS390K
Description  Radiation Hardened Dual Decade Ripple Counter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCTS390K Datasheet(HTML) 9 Page - Intersil Corporation

  HCTS390K Datasheet HTML 1Page - Intersil Corporation HCTS390K Datasheet HTML 2Page - Intersil Corporation HCTS390K Datasheet HTML 3Page - Intersil Corporation HCTS390K Datasheet HTML 4Page - Intersil Corporation HCTS390K Datasheet HTML 5Page - Intersil Corporation HCTS390K Datasheet HTML 6Page - Intersil Corporation HCTS390K Datasheet HTML 7Page - Intersil Corporation HCTS390K Datasheet HTML 8Page - Intersil Corporation HCTS390K Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
670
HCTS390MS
Die Characteristics
DIE DIMENSIONS:
86 x 86 mils
2190
µm x 2190µm
METALLIZATION:
Type: SiAl
Metal Thickness: 11k
Å
± 1kÅ
GLASSIVATION:
Type: SiO2
Thickness: 13k
Å
± 2.6kÅ
WORST CASE CURRENT DENSITY:
<2.0 x 105A/cm2
BOND PAD SIZE:
100
µm x 100µm
4 mils x 4 mils
Metallization Mask Layout
HCTS390MS
NOTE: The die diagram is a generic plot from a similar HCS device. It is intended to indicate approximate die size and bond pad location.
The mask series for the HCTS390 is TA14489A.
(2) MR1
Q0 1 (3)
CP1N1 (4)
Q1 (5)
Q2 (6)
(14) MR 2
(13) Q0 2
(12) CP1N 2
(11) Q1 2
(10) Q2 2
Spec Number
518634


Similar Part No. - HCTS390K

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCTS393D INTERSIL-HCTS393D Datasheet
145Kb / 9P
   Radiation Hardened Dual 4-Stage Binary Counter
August 1995
logo
Renesas Technology Corp
HCTS393D RENESAS-HCTS393D Datasheet
471Kb / 9P
   Radiation Hardened Dual 4-Stage Binary Counter
August 1995
logo
Intersil Corporation
HCTS393DMSR INTERSIL-HCTS393DMSR Datasheet
145Kb / 9P
   Radiation Hardened Dual 4-Stage Binary Counter
August 1995
logo
Renesas Technology Corp
HCTS393DMSR RENESAS-HCTS393DMSR Datasheet
471Kb / 9P
   Radiation Hardened Dual 4-Stage Binary Counter
August 1995
logo
Intersil Corporation
HCTS393HMSR INTERSIL-HCTS393HMSR Datasheet
145Kb / 9P
   Radiation Hardened Dual 4-Stage Binary Counter
August 1995
More results

Similar Description - HCTS390K

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC390 PHILIPS-74HC390 Datasheet
49Kb / 7P
   Dual decade ripple counter
December 1990
logo
List of Unclassifed Man...
74HC390 ETC1-74HC390 Datasheet
256Kb / 6P
   DUAL DECADE RIPPLE COUNTER
logo
Nexperia B.V. All right...
74HC390 NEXPERIA-74HC390 Datasheet
257Kb / 15P
   Dual decade ripple counter
Rev. 5 - 18 October 2021
logo
Renesas Technology Corp
HCS160MS RENESAS-HCS160MS Datasheet
337Kb / 9P
   Radiation Hardened BCD Decade Synchronous Counter
September 1995
logo
Intersil Corporation
HCS160MS INTERSIL-HCS160MS Datasheet
120Kb / 9P
   Radiation Hardened BCD Decade Synchronous Counter
September 1995
HCTS93MS INTERSIL-HCTS93MS Datasheet
168Kb / 9P
   Radiation Hardened 4-Bit Binary Ripple Counter
August 1995
logo
Texas Instruments
CD74HC390 TI-CD74HC390_07 Datasheet
423Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Dual Decade Ripple Counter
CD54HCT390 TI-CD54HCT390 Datasheet
267Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Dual Decade Ripple Counter
CD74HC390 TI-CD74HC390 Datasheet
45Kb / 8P
[Old version datasheet]   High Speed CMOS Logic Dual Decade Ripple Counter
logo
Intersil Corporation
HCTS160MS INTERSIL-HCTS160MS Datasheet
138Kb / 9P
   Radiation Hardened Synchronous Counter
September 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com