Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCTS390HMSR Datasheet(PDF) 4 Page - Intersil Corporation

Part # HCTS390HMSR
Description  Radiation Hardened Dual Decade Ripple Counter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCTS390HMSR Datasheet(HTML) 4 Page - Intersil Corporation

  HCTS390HMSR Datasheet HTML 1Page - Intersil Corporation HCTS390HMSR Datasheet HTML 2Page - Intersil Corporation HCTS390HMSR Datasheet HTML 3Page - Intersil Corporation HCTS390HMSR Datasheet HTML 4Page - Intersil Corporation HCTS390HMSR Datasheet HTML 5Page - Intersil Corporation HCTS390HMSR Datasheet HTML 6Page - Intersil Corporation HCTS390HMSR Datasheet HTML 7Page - Intersil Corporation HCTS390HMSR Datasheet HTML 8Page - Intersil Corporation HCTS390HMSR Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
665
Specifications HCTS390MS
TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTES 1, 2)
CONDITIONS
GROUP
A SUB-
GROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
CP0N to Q0n
TPHL
TPLH
VCC = 4.5V
9
+25oC
2
22
ns
10, 11
+125oC, -55oC
2
27
ns
CP1Nn to Q1n
TPHL
TPLH
VCC = 4.5V
9
+25oC
2
29
ns
10, 11
+125oC, -55oC
2
35
ns
CP1Nn to Q2n
TPHL
TPLH
VCC = 4.5V
9
+25oC
2
34
ns
10, 11
+125oC, -55oC
2
41
ns
CP1Nn to Q3n
TPHL
TPLH
VCC = 4.5V
9
+25oC
2
29
ns
10, 11
+125oC, -55oC
2
35
ns
MR to QNn
TPHL
VCC = 4.5V
9
+25oC
2
23
ns
10, 11
+125oC, -55oC
2
29
ns
NOTES:
1. All voltages referenced to device GND.
2. AC measurements assume RL = 500
Ω, CL = 50pF, Input TR = TF = 3ns, VIL = GND, VIH = 3V.
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Capacitance Power
Dissipation
CPD
VCC = 5.0V, f = 1MHz
1, 2, 3
+25oC
-
50
pF
1, 2, 3
+125oC, -55oC
-
56
pF
Input Capacitance
CIN
VCC = 5.0V, f = 1MHz
1, 2, 3
+25oC
-
10
pF
1, 2, 3
+125oC
-
10
pF
Output Transition
Time
TTHL
TTLH
VCC = 4.5V
1, 2, 3
+25oC
-
15
ns
1, 2, 3
+125oC
-
22
ns
Max Operating
Frequency
FMAX
VCC = 4.5V
1, 2, 3
+25oC
-
27
MHz
1, 2, 3
+125oC, -55oC
-
18
MHz
Pulse Width CP0Nn,
CP1Nn
TW
VCC = 4.5V
1, 2, 3
+25oC15
-
ns
1, 2, 3
+125oC, -55oC22
-
ns
Pulse Width Reset
TW
VCC = 4.5V
1, 2, 3
+25oC13
-
ns
1, 2, 3
+125oC, -55oC20
-
ns
Removal Time
Reset
TREM
VCC = 4.5V
1, 2, 3
+25oC15
-
ns
1, 2, 3
+125oC, -55oC22
-
ns
NOTES:
1. The parameters listed in Table 3 are controlled via design or process parameters. Min and Max Limits are guaranteed but not directly
tested. These parameters are characterized upon initial design release and upon design changes which affect these characteristics.
2. Applies to DIC packaged devices.
3. Applies to Flatpack packaged devices.
Spec Number
518634


Similar Part No. - HCTS390HMSR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCTS393D INTERSIL-HCTS393D Datasheet
145Kb / 9P
   Radiation Hardened Dual 4-Stage Binary Counter
August 1995
logo
Renesas Technology Corp
HCTS393D RENESAS-HCTS393D Datasheet
471Kb / 9P
   Radiation Hardened Dual 4-Stage Binary Counter
August 1995
logo
Intersil Corporation
HCTS393DMSR INTERSIL-HCTS393DMSR Datasheet
145Kb / 9P
   Radiation Hardened Dual 4-Stage Binary Counter
August 1995
logo
Renesas Technology Corp
HCTS393DMSR RENESAS-HCTS393DMSR Datasheet
471Kb / 9P
   Radiation Hardened Dual 4-Stage Binary Counter
August 1995
logo
Intersil Corporation
HCTS393HMSR INTERSIL-HCTS393HMSR Datasheet
145Kb / 9P
   Radiation Hardened Dual 4-Stage Binary Counter
August 1995
More results

Similar Description - HCTS390HMSR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC390 PHILIPS-74HC390 Datasheet
49Kb / 7P
   Dual decade ripple counter
December 1990
logo
List of Unclassifed Man...
74HC390 ETC1-74HC390 Datasheet
256Kb / 6P
   DUAL DECADE RIPPLE COUNTER
logo
Nexperia B.V. All right...
74HC390 NEXPERIA-74HC390 Datasheet
257Kb / 15P
   Dual decade ripple counter
Rev. 5 - 18 October 2021
logo
Renesas Technology Corp
HCS160MS RENESAS-HCS160MS Datasheet
337Kb / 9P
   Radiation Hardened BCD Decade Synchronous Counter
September 1995
logo
Intersil Corporation
HCS160MS INTERSIL-HCS160MS Datasheet
120Kb / 9P
   Radiation Hardened BCD Decade Synchronous Counter
September 1995
HCTS93MS INTERSIL-HCTS93MS Datasheet
168Kb / 9P
   Radiation Hardened 4-Bit Binary Ripple Counter
August 1995
logo
Texas Instruments
CD74HC390 TI-CD74HC390_07 Datasheet
423Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Dual Decade Ripple Counter
CD54HCT390 TI-CD54HCT390 Datasheet
267Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Dual Decade Ripple Counter
CD74HC390 TI-CD74HC390 Datasheet
45Kb / 8P
[Old version datasheet]   High Speed CMOS Logic Dual Decade Ripple Counter
logo
Intersil Corporation
HCTS160MS INTERSIL-HCTS160MS Datasheet
138Kb / 9P
   Radiation Hardened Synchronous Counter
September 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com