Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCTS540KMSR Datasheet(PDF) 9 Page - Intersil Corporation

Part # HCTS540KMSR
Description  Radiation Hardened Inverting Octal Buffer/Line Driver, Three-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCTS540KMSR Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HCTS540KMSR Datasheet HTML 2Page - Intersil Corporation HCTS540KMSR Datasheet HTML 3Page - Intersil Corporation HCTS540KMSR Datasheet HTML 4Page - Intersil Corporation HCTS540KMSR Datasheet HTML 5Page - Intersil Corporation HCTS540KMSR Datasheet HTML 6Page - Intersil Corporation HCTS540KMSR Datasheet HTML 7Page - Intersil Corporation HCTS540KMSR Datasheet HTML 8Page - Intersil Corporation HCTS540KMSR Datasheet HTML 9Page - Intersil Corporation HCTS540KMSR Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate
and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which
may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Sales Office Headquarters
NORTH AMERICA
Intersil Corporation
P. O. Box 883, Mail Stop 53-204
Melbourne, FL 32902
TEL: (321) 724-7000
FAX: (321) 724-7240
EUROPE
Intersil SA
Mercure Center
100, Rue de la Fusee
1130 Brussels, Belgium
TEL: (32) 2.724.2111
FAX: (32) 2.724.22.05
ASIA
Intersil (Taiwan) Ltd.
Taiwan Limited
7F-6, No. 101 Fu Hsing North Road
Taipei, Taiwan
Republic of China
TEL: (886) 2 2716 9310
FAX: (886) 2 2715 3029
HCTS540MS
Three-State High Timing Diagrams
THREE-STATE HIGH VOLTAGE LEVELS
PARAMETER
HCTS
UNITS
VCC
4.50
V
VIH
3.00
V
VS
1.30
V
VT
1.30
V
VW
3.60
V
VIL
0
V
GND
0
V
VS
INPUT
OUTPUT
VIH
VIL
VOH
VOZ
TPHZ
TPZH
VW
VT
Three-State High Load Circuit
DUT
TEST
CL
RL
POINT
CL = 50pF
RL = 500
Spec Number
518631


Similar Part No. - HCTS540KMSR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HCTS540KMSR RENESAS-HCTS540KMSR Datasheet
422Kb / 10P
   Radiation Hardened Inverting Octal Buffer/Line Driver, Three-State
September 1995
More results

Similar Description - HCTS540KMSR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCS241MS INTERSIL-HCS241MS Datasheet
169Kb / 9P
   Radiation Hardened Inverting Octal Three-State Buffer/Line Driver
September 1995
ACS240MS INTERSIL-ACS240MS Datasheet
46Kb / 2P
   Radiation Hardened Inverting, Octal, Three-State Buffer/Line Driver
March 1998
logo
Renesas Technology Corp
HCTS540MS RENESAS-HCTS540MS Datasheet
422Kb / 10P
   Radiation Hardened Inverting Octal Buffer/Line Driver, Three-State
September 1995
logo
Intersil Corporation
ACS244MS INTERSIL-ACS244MS Datasheet
46Kb / 2P
   Radiation Hardened Non-Inverting, Octal, Three-State Buffer/Line Driver
March 1998
logo
Renesas Technology Corp
HCTS541MS RENESAS-HCTS541MS Datasheet
423Kb / 10P
   Radiation Hardened Non-Inverting Octal Buffer/Line Driver, Three-State
August 1995
ACS244MS RENESAS-ACS244MS Datasheet
192Kb / 2P
   Radiation Hardened Non-Inverting, Octal, Three-State Buffer/Line Driver
March 1998
logo
Intersil Corporation
HCTS541MS INTERSIL-HCTS541MS Datasheet
126Kb / 10P
   Radiation Hardened Non-Inverting Octal Buffer/Line Driver, Three-State
August 1995
HCTS240AMS INTERSIL-HCTS240AMS Datasheet
192Kb / 10P
   Radiation Hardened Octal Buffer/Line Driver, Three-State
September 1995
HCTS244MS INTERSIL-HCTS244MS Datasheet
192Kb / 10P
   Radiation Hardened Octal Buffer/Line Driver, Three-State
September 1995
ACTS240T INTERSIL-ACTS240T Datasheet
50Kb / 3P
   High Reliability, Radiation Hardened Octal Buffer/Line Driver, Three-State, Inverting
July 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com