Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCTS541KMSR Datasheet(PDF) 4 Page - Intersil Corporation

Part # HCTS541KMSR
Description  Radiation Hardened Non-Inverting Octal Buffer/Line Driver, Three-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCTS541KMSR Datasheet(HTML) 4 Page - Intersil Corporation

  HCTS541KMSR Datasheet HTML 1Page - Intersil Corporation HCTS541KMSR Datasheet HTML 2Page - Intersil Corporation HCTS541KMSR Datasheet HTML 3Page - Intersil Corporation HCTS541KMSR Datasheet HTML 4Page - Intersil Corporation HCTS541KMSR Datasheet HTML 5Page - Intersil Corporation HCTS541KMSR Datasheet HTML 6Page - Intersil Corporation HCTS541KMSR Datasheet HTML 7Page - Intersil Corporation HCTS541KMSR Datasheet HTML 8Page - Intersil Corporation HCTS541KMSR Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
685
Specifications HCTS541MS
TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTES 1, 2)
CONDITIONS
GROUP
A SUB-
GROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Data to Output
TPHL,
TPLH
VCC = 4.5V
9
+25oC
2
20
ns
VCC = 4.5V
10, 11
+125oC, -55oC
2
22
ns
Enable to Output
TPZL
VCC = 4.5V
9
+25oC
2
23
ns
10, 11
+125oC, -55oC
2
26
ns
TPZH
VCC = 4.5V
9
+25oC
2
20
ns
10, 11
+125oC, -55oC
2
21
ns
Disable to Output
TPLZ
VCC = 4.5V
9
+25oC
2
22
ns
10, 11
+125oC, -55oC
2
23
ns
TPHZ
VCC = 4.5V
9
+25oC
2
21
ns
10, 11
+125oC, -55oC
2
22
ns
NOTES:
1. All voltages referenced to device GND.
2. AC measurements assume RL = 500
Ω, CL = 50pF, Input TR = TF = 3ns, VIL = GND, VIH = 3V.
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Capacitance Power
Dissipation
CPD
VCC = 5.0V, f = 1MHz
1
+25oC
-
38
pF
1
+125oC, -55oC
-
60
pF
Input Capacitance
CIN
VCC = 5.0V, f = 1MHz
1
+25oC
-
10
pF
1
+125oC
-
10
pF
Output Transition
Time
TTHL,
TTLH
VCC = 4.5V
1
+25oC
-
12
ns
1
+125oC, -55oC
-
18
ns
NOTE:
1. The parameters listed in Table 3 are controlled via design or process parameters. Min and Max Limits are guaranteed but not directly
tested. These parameters are characterized upon initial design release and upon design changes which affect these characteristics.
Spec Number
518630


Similar Part No. - HCTS541KMSR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HCTS541KMSR RENESAS-HCTS541KMSR Datasheet
423Kb / 10P
   Radiation Hardened Non-Inverting Octal Buffer/Line Driver, Three-State
August 1995
More results

Similar Description - HCTS541KMSR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS244MS INTERSIL-ACS244MS Datasheet
46Kb / 2P
   Radiation Hardened Non-Inverting, Octal, Three-State Buffer/Line Driver
March 1998
logo
Renesas Technology Corp
HCTS541MS RENESAS-HCTS541MS Datasheet
423Kb / 10P
   Radiation Hardened Non-Inverting Octal Buffer/Line Driver, Three-State
August 1995
ACS244MS RENESAS-ACS244MS Datasheet
192Kb / 2P
   Radiation Hardened Non-Inverting, Octal, Three-State Buffer/Line Driver
March 1998
logo
Intersil Corporation
HCS241MS INTERSIL-HCS241MS Datasheet
169Kb / 9P
   Radiation Hardened Inverting Octal Three-State Buffer/Line Driver
September 1995
ACS240MS INTERSIL-ACS240MS Datasheet
46Kb / 2P
   Radiation Hardened Inverting, Octal, Three-State Buffer/Line Driver
March 1998
logo
Renesas Technology Corp
HCTS540MS RENESAS-HCTS540MS Datasheet
422Kb / 10P
   Radiation Hardened Inverting Octal Buffer/Line Driver, Three-State
September 1995
logo
Intersil Corporation
HCTS540MS INTERSIL-HCTS540MS Datasheet
135Kb / 10P
   Radiation Hardened Inverting Octal Buffer/Line Driver, Three-State
September 1995
ACTS244MS INTERSIL-ACTS244MS Datasheet
47Kb / 3P
   Radiation Hardened Octal Non-Inverting Three-State Buffer
January 1996
logo
Renesas Technology Corp
ACTS244MS RENESAS-ACTS244MS Datasheet
211Kb / 3P
   Radiation Hardened Octal Non-Inverting Three-State Buffer
January 1996
logo
Intersil Corporation
HCTS240AMS INTERSIL-HCTS240AMS Datasheet
192Kb / 10P
   Radiation Hardened Octal Buffer/Line Driver, Three-State
September 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com