Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCTS75HMSR Datasheet(PDF) 2 Page - Intersil Corporation

Part # HCTS75HMSR
Description  Radiation Hardened Dual 2-Bit Bistable Transparent Latch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCTS75HMSR Datasheet(HTML) 2 Page - Intersil Corporation

  HCTS75HMSR Datasheet HTML 1Page - Intersil Corporation HCTS75HMSR Datasheet HTML 2Page - Intersil Corporation HCTS75HMSR Datasheet HTML 3Page - Intersil Corporation HCTS75HMSR Datasheet HTML 4Page - Intersil Corporation HCTS75HMSR Datasheet HTML 5Page - Intersil Corporation HCTS75HMSR Datasheet HTML 6Page - Intersil Corporation HCTS75HMSR Datasheet HTML 7Page - Intersil Corporation HCTS75HMSR Datasheet HTML 8Page - Intersil Corporation HCTS75HMSR Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
471
Specifications HCTS75MS
Absolute Maximum Ratings
Reliability Information
Supply Voltage (VCC). . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +7.0V
Input Voltage Range, All Inputs . . . . . . . . . . . . .-0.5V to VCC +0.5V
DC Input Current, Any One Input
. . . . . . . . . . . . . . . . . . . . . . . .±10mA
DC Drain Current, Any One Output
. . . . . . . . . . . . . . . . . . . . . . .±25mA
(All Voltage Reference to the VSS Terminal)
Storage Temperature Range (TSTG) . . . . . . . . . . . -65oC to +150oC
Lead Temperature (Soldering 10sec) . . . . . . . . . . . . . . . . . . +265oC
Junction Temperature (TJ) . . . . . . . . . . . . . . . . . . . . . . . . . . +175oC
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 1
Thermal Resistance
θ
JA
θ
JC
SBDIP Package. . . . . . . . . . . . . . . . . . . .
73oC/W
24oC/W
Ceramic Flatpack Package . . . . . . . . . . .
114oC/W
29oC/W
Maximum Package Power Dissipation at +125oC Ambient
SBDIP Package. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.68W
Ceramic Flatpack Package . . . . . . . . . . . . . . . . . . . . . . . . . 0.44W
If device power exceeds package dissipation capability, provide heat
sinking or derate linearly at the following rate:
SBDIP Package. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13.7mW/oC
Ceramic Flatpack Package . . . . . . . . . . . . . . . . . . . . . . 8.8mW/oC
CAUTION: As with all semiconductors, stress listed under “Absolute Maximum Ratings” may be applied to devices (one at a time) without resulting in permanent
damage. This is a stress rating only. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. The conditions listed
under “Electrical Performance Characteristics” are the only conditions recommended for satisfactory device operation.
Operating Conditions
Supply Voltage (VCC). . . . . . . . . . . . . . . . . . . . . . . . +4.5V to +5.5V
Input Rise and Fall Times at VCC = 4.5V (TR, TF) . . . 100ns/V Max
Operating Temperature Range (TA) . . . . . . . . . . . . -55
oC to +125oC
Input Low Voltage (VIL). . . . . . . . . . . . . . . . . . . . . . . . . 0.0V to 0.8V
Input High Voltage (VIH) . . . . . . . . . . . . . . . . . . . . . . .VCC/2 to VCC
TABLE 1. DC ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTE 1)
CONDITIONS
GROUP
A SUB-
GROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Quiescent Current
ICC
VCC = 5.5V,
VIN = VCC or GND
1
+25oC-
20
µA
2, 3
+125oC, -55oC
-
400
µA
Output Current
(Sink)
IOL
VCC = VIH = 4.5V,
VOUT = 0.4V, VIL = 0V
1
+25oC
4.8
-
mA
2, 3
+125oC, -55oC
4.0
-
mA
Output Current
(Source)
IOH
VCC = VIH = 4.5V,
VOUT = VCC - 0.4V,
VIL = 0V
1
+25oC
-4.8
-
mA
2, 3
+125oC, -55oC
-4.0
-
mA
Output Voltage Low
VOL
VCC = 5.5V, VIH = 2.75V,
VIL = 0.8V, IOL = 50
µA
1, 2, 3
+25oC, +125oC,
-55oC
-
0.1
V
VCC = 4.5V, VIH = 2.25V,
VIL = 0.8V, IOL = 50
µA
1, 2, 3
+25oC, +125oC,
-55oC
-
0.1
V
Output Voltage High
VOH
VCC = 5.5V, VIH = 2.75V,
VIL = 0.8V, IOH = -50
µA
1, 2, 3
+25oC, +125oC,
-55oC
VCC -0.1
-
V
VCC = 4.5V, VIH = 2.25V,
VIL = 0.8V, IOH = -50
µA
1, 2, 3
+25oC, +125oC,
-55oC
VCC -0.1
-
V
Input Leakage
Current
IIN
VCC = 5.5V, VIN = VCC or
GND
1
+25oC
-0.5
+0.5
µA
2, 3
+125oC, -55oC
-5.0
+5.0
µA
Noise Immunity
Functional Test
FN
VCC = 4.5V, VIH = 2.25V,
VIL = 0.8V (Note 2)
7, 8A, 8B
+25oC, +125oC,
-55oC
--
V
NOTES:
1. All voltages referenced to device GND.
2. For functional tests VO
≥ 4.0V is recognized as a logic “1”, and VO ≤ 0.5V is recognized as a logic “0”.
Spec Number
518625


Similar Part No. - HCTS75HMSR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCTS7266D/SAMPLE INTERSIL-HCTS7266D/SAMPLE Datasheet
135Kb / 8P
   Radiation Hardened Quad 2-Input Exclusive NOR Gate
HCTS7266DMSR INTERSIL-HCTS7266DMSR Datasheet
135Kb / 8P
   Radiation Hardened Quad 2-Input Exclusive NOR Gate
HCTS7266HMSR INTERSIL-HCTS7266HMSR Datasheet
135Kb / 8P
   Radiation Hardened Quad 2-Input Exclusive NOR Gate
HCTS7266K/SAMPLE INTERSIL-HCTS7266K/SAMPLE Datasheet
135Kb / 8P
   Radiation Hardened Quad 2-Input Exclusive NOR Gate
HCTS7266KMSR INTERSIL-HCTS7266KMSR Datasheet
135Kb / 8P
   Radiation Hardened Quad 2-Input Exclusive NOR Gate
More results

Similar Description - HCTS75HMSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC75 TI-CD54HC75_08 Datasheet
508Kb / 17P
[Old version datasheet]   Dual 2-Bit Bistable Transparent Latch
CD74HC75 TI-CD74HC75 Datasheet
56Kb / 8P
[Old version datasheet]   Dual 2-Bit Bistable Transparent Latch
CD54HC75 TI-CD54HC75 Datasheet
348Kb / 15P
[Old version datasheet]   Dual 2-Bit Bistable Transparent Latch
CD54HC75 TI-CD54HC75_07 Datasheet
430Kb / 19P
[Old version datasheet]   Dual 2-Bit Bistable Transparent Latch
logo
Intersil Corporation
HCS373T INTERSIL-HCS373T Datasheet
95Kb / 3P
   Radiation Hardened Octal Transparent Latch, Three-State
July 1999
HCTS373MS INTERSIL-HCTS373MS Datasheet
277Kb / 11P
   Radiation Hardened Octal Transparent Latch, Three-State
August 1995
ACS373MS INTERSIL-ACS373MS Datasheet
91Kb / 10P
   Radiation Hardened Octal Transparent Latch, Three-State
April 1995
ACTS573MS INTERSIL-ACTS573MS Datasheet
45Kb / 3P
   Radiation Hardened Octal Three-State Transparent Latch
January 1996
logo
Renesas Technology Corp
ACTS373MS RENESAS-ACTS373MS Datasheet
416Kb / 10P
   Radiation Hardened Octal Transparent Latch, Three-State
April 1995
HCS373MS RENESAS-HCS373MS Datasheet
547Kb / 10P
   Radiation Hardened Octal Transparent Latch, Three-State
September 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com