Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD-15531 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HD-15531
Description  CMOS Manchester Encoder-Decoder
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HD-15531 Datasheet(HTML) 1 Page - Intersil Corporation

  HD-15531 Datasheet HTML 1Page - Intersil Corporation HD-15531 Datasheet HTML 2Page - Intersil Corporation HD-15531 Datasheet HTML 3Page - Intersil Corporation HD-15531 Datasheet HTML 4Page - Intersil Corporation HD-15531 Datasheet HTML 5Page - Intersil Corporation HD-15531 Datasheet HTML 6Page - Intersil Corporation HD-15531 Datasheet HTML 7Page - Intersil Corporation HD-15531 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
5-170
March 1997
HD-15531/883
CMOS Manchester Encoder-Decoder
Features
• This Circuit is Processed in Accordance to MIL-STD-
883 and is Fully Conformant Under the Provisions of
Paragraph 1.2.1.
• Support of MIL-STD-1553
• Data Rate (15531B) . . . . . . . . . . . . . . . 2.5 Megabit/Sec
• Data Rate (15531) . . . . . . . . . . . . . . . . 1.25 Megabit/Sec
• Variable Frame Length to 32-Bits
• Sync Identification and Lock-In
• Separate Manchester II Encode, Decode
• Low Operating Power . . . . . . . . . . . . . . . . . 50mW at 5V
Description
The Intersil HD-15531/883 is a high performance CMOS
device intended to service the requirements of MIL-STD-
1553 and similar Manchester II encoded, time division multi-
plexed serial data protocols. This LSI chip is divided into two
sections, an Encoder and a Decoder. These sections oper-
ate independently of each other, except for the master reset
and word length functions. This circuit provides many of the
requirements of MIL-STD-1553. The Encoder produces the
sync pulse and the parity bit as well as the encoding of the
data bits. The Decoder recognizes the sync pulse and identi-
fies it as well as decoding the data bits and checking parity.
The HD-15531/883 also surpasses the requirements of MIL-
STD-1553 by allowing the word length to be programmable
(from 2 to 28 data bits). A frame consists of three bits for
sync followed by the data word (2 to 28 data bits) followed by
one bit of parity, thus, the frame length will vary from 6 to 32
bit periods. This chip also allows selection of either even or
odd parity for the Encoder and Decoder separately.
This integrated circuit is fully guaranteed to support the
1MHz data rate of MIL-STD-1553 over both temperature and
voltage. For high speed applications the 15531B will support
a 2.5 Megabit/sec data rate.
The HD-15531/883 can also be used in many party line digi-
tal data communications applications, such as a local area
network or an environmental control system driven from a
single twisted pair or fiber optic cable throughout a building.
Ordering Information
PACKAGE
TEMPERATURE RANGE
1.25MBIT/SEC
2.5MBIT/SEC
PKG. NO.
CERDIP
-55oC to +125oC
HD1-15531/883
HD1-15531B/883
F40.6
File Number
2962.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999


Similar Part No. - HD-15531

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HD-15531 INTERSIL-HD-15531 Datasheet
266Kb / 16P
   CMOS Manchester Encoder-Decoder
logo
Renesas Technology Corp
HD-15531 RENESAS-HD-15531 Datasheet
732Kb / 16P
   CMOS Manchester Encoder-Decoder
March 1997
logo
Intersil Corporation
HD-15531/883 INTERSIL-HD-15531/883 Datasheet
177Kb / 8P
   CMOS Manchester Encoder-Decoder
HD-15531883 INTERSIL-HD-15531883 Datasheet
177Kb / 8P
   CMOS Manchester Encoder-Decoder
HD-15531 INTERSIL-HD-15531_02 Datasheet
266Kb / 16P
   CMOS Manchester Encoder-Decoder
More results

Similar Description - HD-15531

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD-6409 RENESAS-HD-6409 Datasheet
687Kb / 15P
   CMOS Manchester Encoder-Decoder
logo
Intersil Corporation
HD-15530 INTERSIL-HD-15530_02 Datasheet
281Kb / 13P
   CMOS Manchester Encoder-Decoder
HD-6409883 INTERSIL-HD-6409883 Datasheet
135Kb / 7P
   CMOS Manchester Encoder-Decoder
HD-15530 INTERSIL-HD-15530 Datasheet
169Kb / 12P
   CMOS Manchester Encoder-Decoder
March 1997
HD1-15530-9 INTERSIL-HD1-15530-9 Datasheet
276Kb / 13P
   CMOS Manchester Encoder-Decoder
March 1997
HD-6409 INTERSIL-HD-6409_05 Datasheet
277Kb / 12P
   CMOS Manchester Encoder-Decoder
HD3-6409-9 INTERSIL-HD3-6409-9 Datasheet
347Kb / 15P
   CMOS Manchester Encoder-Decoder
October 1, 2015
logo
Renesas Technology Corp
HD-15531 RENESAS-HD-15531 Datasheet
732Kb / 16P
   CMOS Manchester Encoder-Decoder
March 1997
logo
Intersil Corporation
HD-6409 INTERSIL-HD-6409 Datasheet
68Kb / 12P
   CMOS Manchester Encoder-Decoder
March 1997
logo
Aeroflex Circuit Techno...
ACT15530 AEROFLEX-ACT15530 Datasheet
131Kb / 15P
   CMOS Manchester Encoder / Decoder
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com