Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9784 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9784
Description  14-Bit, 200 MSPS/500 MSPS TxDAC
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9784 Datasheet(HTML) 5 Page - Analog Devices

  AD9784_15 Datasheet HTML 1Page - Analog Devices AD9784_15 Datasheet HTML 2Page - Analog Devices AD9784_15 Datasheet HTML 3Page - Analog Devices AD9784_15 Datasheet HTML 4Page - Analog Devices AD9784_15 Datasheet HTML 5Page - Analog Devices AD9784_15 Datasheet HTML 6Page - Analog Devices AD9784_15 Datasheet HTML 7Page - Analog Devices AD9784_15 Datasheet HTML 8Page - Analog Devices AD9784_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
Preliminary Technical Data
AD9784
Rev. PrC | Page 5 of 52
DYNAMIC SPECIFICATIONS
Table 2. TMIN to TMAX, AVDD1, AVDD2 = 3.3 V, ACVDD, ADVDD, CLKVDD, DVDD, DRVDD = 2.5 V, IOUTFS = 20 mA,
Differential Transformer Coupled Output, 50 Ω Doubly Terminated, unless otherwise noted
Parameter
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
Maximum DAC Output Update Rate (fDAC)
500
MSPS
Output Settling Time (tST) (to 0.025%)
ns
Output Propogation Delay5 (tPD)
ns
Output Rise Time (10%–90%)6
ns
Output Fall Time (90%–10%)6
ns
Output Noise (IOUTFS = 20 mA)
pA√Hz
AC LINEARITY—BASEBAND MODE
Spurious-Free Dynamic Range (SFDR) to Nyquist (fOUT = 0 dBFS)
fDATA = 160 MSPS; fOUT= 1 MHz
95
dBc
fDATA = MSPS; fOUT = MHz
dBc
fDATA = MSPS; fOUT = MHz
dBc
fDATA = MSPS; fOUT = MHz
dBc
fDATA = MSPS; fOUT = MHz
dBc
fDATA = MSPS; fOUT = MHz
Two-Tone Intermodulation (IMD) to Nyquist (fOUT1 = fOUT2 = –6 dBFS)
fDATA = 160 MSPS; fOUT1 = 25 MHz; fOUT2 = 31 MHz
80
dBc
fDATA = MSPS; fOUT1 = MHz; fOUT2 = MHz
dBc
fDATA = MSPS; fOUT1 = MHz; fOUT2 = MHz
dBc
fDATA = MSPS; fOUT1 = MHz; fOUT2 = MHz
dBc
fDATA = MSPS; fOUT1 = MHz; fOUT2 = MHz
dBc
fDATA = MSPS; fOUT1 = MHz; fOUT2 = MHz
dBc
Total Harmonic Distortion (THD)
fDATA = MSPS; fOUT = MHz; 0 dBFS
dB
fDATA = MSPS; fOUT = MHz; 0 dBFS
dB
Signal-to-Noise Ratio (SNR)
fDATA = MSPS; fOUT = MHz; 0 dBFS
dBFS
fDATA = MSPS; fOUT = MHz; 0 dBFS
dBFS
Adjacent Channel Power Ratio (ACPR)
WCDMA with MHz BW, MHz Channel Spacing
IF = 16 MHz, fDATA = 65.536 MSPS
dBc
IF = 32 MHz, fDATA = 131.072 MSPS
dBc
Four-Tone Intermodulation
MHz, MHz, MHz and MHz at –12 dBFS (fDATA = MSPS, Missing Center)
dBFS
AC LINEARITY—IF MODE
Four-Tone Intermodulation at IF = MHz
MHz, MHz, MHz and MHz at dBFS
dBFS
fDATA = MSPS, fDAC = MHz
5 Propagation delay is delay from CLK input to DAC update.
6 Measured single-ended into 50 Ω load.


Similar Part No. - AD9784_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9784 AD-AD9784 Datasheet
1Mb / 52P
   14-Bit, 200 MSPS/500 MSPS TxDAC with 2횞/4횞/8횞 Interpolation and Signal Processing
Rev. PrC
More results

Similar Description - AD9784_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9786BSVZ AD-AD9786BSVZ Datasheet
1Mb / 56P
   16-Bit, 200 MSPS/500 MSPS TxDAC
REV. B
AD9786 AD-AD9786_15 Datasheet
1Mb / 56P
   16-Bit, 200 MSPS/500 MSPS TxDAC
REV. B
AD9782 AD-AD9782_15 Datasheet
1Mb / 52P
   12-Bit, 200 MSPS/500 MSPS TxDAC
Rev. PrC
AD9784 AD-AD9784 Datasheet
1Mb / 52P
   14-Bit, 200 MSPS/500 MSPS TxDAC with 2횞/4횞/8횞 Interpolation and Signal Processing
Rev. PrC
AD9786 AD-AD9786 Datasheet
1Mb / 60P
   16-Bit, 200 MSPS/500 MSPS TxDAC with 2횞/4횞/8횞 Interpolation and Signal Processing
REV. 0
AD9764ARZ AD-AD9764ARZ Datasheet
314Kb / 22P
   14-Bit, 125 MSPS TxDAC D/A Converter
REV. B
AD9764ARUZ AD-AD9764ARUZ Datasheet
314Kb / 22P
   14-Bit, 125 MSPS TxDAC D/A Converter
REV. B
AD9764ARUZRL7 AD-AD9764ARUZRL7 Datasheet
314Kb / 22P
   14-Bit, 125 MSPS TxDAC D/A Converter
REV. B
AD9764 AD-AD9764 Datasheet
307Kb / 22P
   14-Bit, 125 MSPS TxDAC D/A Converter
REV. B
AD9772A AD-AD9772A_V01 Datasheet
881Kb / 40P
   14-Bit, 160 MSPS TxDAC with 2횞 Interpolation Filter
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com