Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9786 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9786
Description  16-Bit, 200 MSPS/500 MSPS TxDAC
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9786 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9786_15 Datasheet HTML 4Page - Analog Devices AD9786_15 Datasheet HTML 5Page - Analog Devices AD9786_15 Datasheet HTML 6Page - Analog Devices AD9786_15 Datasheet HTML 7Page - Analog Devices AD9786_15 Datasheet HTML 8Page - Analog Devices AD9786_15 Datasheet HTML 9Page - Analog Devices AD9786_15 Datasheet HTML 10Page - Analog Devices AD9786_15 Datasheet HTML 11Page - Analog Devices AD9786_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
AD9786
Rev. B | Page 8 of 56
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
With Respect to
Rating
AVDD1, AVDD2,
DRVDD
AGND1, AGND2,
ACGND, ADGND,
CLKGND, DGND
−0.3 V to +3.6 V
ACVDD, ADVDD,
CLKVDD, DVDD
AGND1, AGND2,
ACGND, ADGND,
CLKGND, DGND
−0.3 V to +2.8 V
AGND1, AGND2,
ACGND, ADGND,
CLKGND, DGND
AGND1, AGND2,
ACGND, ADGND,
CLKGND, DGND
−0.3 V to +0.3 V
REFIO, FSADJ
AGND1
−0.3 to AVDD1 + 0.3
IOUTA, IOUTB
AGND1
−1.0 to AVDD1 +0.3
P1B15 to P1B0,
P2B15 to P2B0, RESET
DGND
−0.3 to DRVDD + 0.3
DATACLK
DGND
−0.3 to DRVDD + 0.3
CLK+, CLK−
CLKGND
−0.3 to CLKVDD + 0.3
CSB, SCLK,
SDIO, SDO
DGND
−0.3 to DRVDD + 0.3
Junction
Temperature Range
−65°C to +125°C
Storage
Temperature
150°C
Lead Temperature
(10 sec)
300°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 5. Thermal Resistance
Package Type1
θJA
Unit
80-lead TQFP_EP (Thermally Enhanced)
23.5
°C/W
`
1 With thermal pad soldered to PCB.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate
on the human body and test equipment and can discharge without detection. Although this product
features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to
high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid
performance degradation or loss of functionality.


Similar Part No. - AD9786_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9786-EB AD-AD9786-EB Datasheet
1Mb / 56P
   16-Bit, 200 MSPS/500 MSPS TxDAC
REV. B
AD9786BSV AD-AD9786BSV Datasheet
1Mb / 60P
   16-Bit, 200 MSPS/500 MSPS TxDAC with 2횞/4횞/8횞 Interpolation and Signal Processing
REV. 0
AD9786BSV AD-AD9786BSV Datasheet
1Mb / 56P
   16-Bit, 200 MSPS/500 MSPS TxDAC
REV. B
AD9786BSVRL AD-AD9786BSVRL Datasheet
1Mb / 60P
   16-Bit, 200 MSPS/500 MSPS TxDAC with 2횞/4횞/8횞 Interpolation and Signal Processing
REV. 0
AD9786BSVRL AD-AD9786BSVRL Datasheet
1Mb / 56P
   16-Bit, 200 MSPS/500 MSPS TxDAC
REV. B
More results

Similar Description - AD9786_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9786BSVZ AD-AD9786BSVZ Datasheet
1Mb / 56P
   16-Bit, 200 MSPS/500 MSPS TxDAC
REV. B
AD9784 AD-AD9784_15 Datasheet
1Mb / 52P
   14-Bit, 200 MSPS/500 MSPS TxDAC
Rev. PrC
AD9782 AD-AD9782_15 Datasheet
1Mb / 52P
   12-Bit, 200 MSPS/500 MSPS TxDAC
Rev. PrC
AD9786 AD-AD9786 Datasheet
1Mb / 60P
   16-Bit, 200 MSPS/500 MSPS TxDAC with 2횞/4횞/8횞 Interpolation and Signal Processing
REV. 0
AD9784 AD-AD9784 Datasheet
1Mb / 52P
   14-Bit, 200 MSPS/500 MSPS TxDAC with 2횞/4횞/8횞 Interpolation and Signal Processing
Rev. PrC
AD9782 AD-AD9782 Datasheet
1Mb / 52P
   12-Bit, 200 MSPS/500 MSPS TxDAC with 2 x /4 x /8 x Interpolation and Signal Processing
Rev. PrC
AD9709 AD-AD9709_15 Datasheet
597Kb / 32P
   8-Bit, 125 MSPS, Dual TxDAC
REV. B
AD9139 AD-AD9139 Datasheet
1Mb / 56P
   16-Bit, 1600 MSPS, TxDAC Digital-to- Analog Converter
REV. 0
AD9467 AD-AD9467 Datasheet
987Kb / 32P
   16-Bit, 200 MSPS/250 MSPS Analog-to-Digital Converter
Rev. D
AD9125 AD-AD9125 Datasheet
889Kb / 56P
   Dual, 16-Bit, 1000 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com