Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9823 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9823
Description  Correlated Double Sampler
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9823 Datasheet(HTML) 7 Page - Analog Devices

  AD9823_15 Datasheet HTML 1Page - Analog Devices AD9823_15 Datasheet HTML 2Page - Analog Devices AD9823_15 Datasheet HTML 3Page - Analog Devices AD9823_15 Datasheet HTML 4Page - Analog Devices AD9823_15 Datasheet HTML 5Page - Analog Devices AD9823_15 Datasheet HTML 6Page - Analog Devices AD9823_15 Datasheet HTML 7Page - Analog Devices AD9823_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
AD9823
Rev. 0 | Page 7 of 8
CCD
SIGNAL
EFFECTIVE PIXELS
CLP
OPTICAL BLACK PIXELS
HORIZONTAL
BLANKING
DUMMY PIXELS
EFFECTIVE PIXELS
Figure 4. CLP Timing
14
13
12
11
10
9
8
1
2
3
4
5
6
7
AD9823
TOP VIEW
(Not to Scale)
NC
NC = NO CONNECT
CLP
VDD
SHP
SHD
REFOUT
GND
CCDIN
DATAOUT
GND
NC
BYP1
BYP3
BYP2
3V
ANALOG
SUPPLY
4.7
µF
0.1
µF
SHP
SHD
CCDIN
CLP
REFOUT
(CONNECT TO VIN– ON AD9821)
DATAOUT
(CONNECT TO VIN+ ON AD9821)
0.1
µF
0.1
µF
0.1
µF
0.1
µF
Figure 5. AD9823 Circuit Configuration
14
13
12
11
8
9
10
1
2
3
4
5
6
7
AD9823
TOP VIEW
(Not to Scale)
NC
CLP
VDD
SHP
SHD
REFOUT
GND
CCDIN
DATAOUT
GND
NC
BYP1
BYP3
BYP2
OUTPUT
FROM
CCD
SHD
SHP
36
35
34
33
32
31
30
29
28
27
26
25
13 14 15 16 17 18 19 20 21 22 23 24
1
2
3
4
5
6
7
8
9
10
11
12
37
48 47 46 45 44
39 38
43 42 41 40
PIN 1
IDENTIFIER
TEST
AVSS
TEST
AVDD2
BYP1
VIN–
VIN+
TEST
TEST
AVDD1
AVSS
AVSS
D0
D1
D2
D3
D4
D5
D6
D7
D8
(MSB) D11
AD9821
TOP VIEW
(Not to Scale
3V
ANALOG SUPPLY
12
DATA
OUTPUTS
3
SERIAL
INTERFACE
3V
ANALOG SUPPLY
3
CLOCK
INPUTS
3V
ANALOG SUPPLY
3V
DRIVER
SUPPLY
NC = INTERNALLY NOT CONNECTED
D9
D10
IMAGER INPUT, NEGATIVE
IMAGER INPUT, POSITIVE
CLP
3V
ANALOG SUPPLY
3V
ANALOG SUPPLY
0.1
µF
0.1
µF
0.1
µF
1.0
µF
1.0
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
4.7
µF
4.7
µF
Figure 6. Circuit Configuration with the AD9821 12-Bit Image Signal Processor


Similar Part No. - AD9823_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9823BRUZ AD-AD9823BRUZ Datasheet
401Kb / 8P
   Correlated Double Sampler (CDS)
REV. 0
More results

Similar Description - AD9823_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9823 AD-AD9823 Datasheet
401Kb / 8P
   Correlated Double Sampler (CDS)
REV. 0
logo
Panasonic Semiconductor
AN2011S PANASONIC-AN2011S Datasheet
18Kb / 1P
   Correlated Double Sampling IC
AN2018S PANASONIC-AN2018S Datasheet
28Kb / 3P
   Correlated Double Sampling IC
logo
Murata Power Solutions ...
CDS-1401 MURATA-PS-CDS-1401 Datasheet
89Kb / 8P
   14-Bit, Fast-Settling Correlated Double Sampling Circuit
logo
DATEL, Inc.
CDS-1401 DATEL-CDS-1401 Datasheet
290Kb / 9P
   14-Bit, Fast-Settling Correlated Double Sampling Circuit
logo
Murata Power Solutions ...
CDS-1402 MURATA-PS-CDS-1402 Datasheet
205Kb / 8P
   14-Bit, Very Fast Settling Correlated Double Sampling Circuit
logo
DATEL, Inc.
CDS-1402 DATEL-CDS-1402 Datasheet
247Kb / 9P
   14-Bit, Very Fast-Settling Correlated Double Sampling Circuit
logo
List of Unclassifed Man...
CDS-1402 ETC1-CDS-1402 Datasheet
203Kb / 8P
   14-Bit, Very Fast Settling Correlated Double Sampling Circuit
logo
NTE Electronics
NTE461 NTE-NTE461 Datasheet
83Kb / 2P
   Silicon N−Channel JFET Transistor Dual, Matched Pair DC Amp/Sampler/Chopper
logo
Pasternack Enterprises,...
PE71S6065 PASTERNACK-PE71S6065 Datasheet
389Kb / 4P
   Double Pole Double Throw Relay Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com