Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFA1103IB Datasheet(PDF) 1 Page - Intersil Corporation

Part # HFA1103IB
Description  200MHz, Video Op Amp with High Speed Sync Stripper
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA1103IB Datasheet(HTML) 1 Page - Intersil Corporation

  HFA1103IB Datasheet HTML 1Page - Intersil Corporation HFA1103IB Datasheet HTML 2Page - Intersil Corporation HFA1103IB Datasheet HTML 3Page - Intersil Corporation HFA1103IB Datasheet HTML 4Page - Intersil Corporation HFA1103IB Datasheet HTML 5Page - Intersil Corporation HFA1103IB Datasheet HTML 6Page - Intersil Corporation HFA1103IB Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
File Number
3957.3
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Copyright
© Intersil Corporation 1999
HFA1103
200MHz, Video Op Amp with High Speed
Sync Stripper
The HFA1103 is a high-speed, wideband, fast settling
current feedback op amp with a sync stripping function. The
HFA1103 is a basic op amp with a modified output stage that
enables it to strip the sync from a component video signal.
The output stage has an open emitter NPN transistor that
prevents the output from going low during the sync pulse.
Removing the sync signal benefits digitizing systems
because only the active video information is applied to the
A/D converter. This enables the full dynamic range of the
A/D converter to be used to process the video signal. The
HFA1103 includes inverting input bias current adjust pins
(pins 1 and 5) for adjusting the output offset voltage.
Sync Stripper Waveforms
Application Schematic
Features
• Removes Sync Signal From Component Video
• Low Residual Sync . . . . . . . . . . . . . . . . . . . . . . 8mV (Typ)
• -3dB Bandwidth . . . . . . . . . . . . . . . . . . . . . . . . . . 200MHz
• Very Fast Slew Rate . . . . . . . . . . . . . . . . . . . . . . . 600V/
µs
• Fast Settling Time (0.1%) . . . . . . . . . . . . . . . . . . . . . . 9ns
• Excellent Gain Flatness, 32MHz . . . . . . . . . . . . . .
±0.1dB
• Overdrive Recovery . . . . . . . . . . . . . . . . . . . . . . . . <12ns
Applications
• RGB Video Sync Stripping
• RGB Video Distribution Amplifier for Workstations and PC
Networks
• Video Conferencing Systems
• RGB Video Monitor Preamp
• Fiberoptic Receivers
Pinout
HFA1103
(SOIC)
TOP VIEW
Ordering Information
PART NUMBER
(BRAND)
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
HFA1103IB
(H1103I)
-40 to 85
8 Ld SOIC
M8.15
0 TO
0 TO
0 TO
+0.7V
-0.3V
+0.7V
COMPONENT (RGB)
VIDEO INPUT
HFA1103 OUTPUT
+5V
HFA1103
RIN
75
RF
4.7K
RL
75
750
RG
750
VOUT
VIN
RB
RT
RT
75
75
2K
+
-
BAL
-IN
+IN
V-
1
2
3
4
8
7
6
5
NC
V+
OUT
BAL
-
+
V+
Data Sheet
March 1999


Similar Part No. - HFA1103IB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1103IB INTERSIL-HFA1103IB Datasheet
184Kb / 7P
   200MHz, Video Op Amp with High Speed Sync Stripper
logo
Renesas Technology Corp
HFA1103IB RENESAS-HFA1103IB Datasheet
484Kb / 7P
   200MHz, Video Op Amp with High Speed Sync Stripper
June 2004
More results

Similar Description - HFA1103IB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1103 INTERSIL-HFA1103_04 Datasheet
184Kb / 7P
   200MHz, Video Op Amp with High Speed Sync Stripper
logo
Renesas Technology Corp
HFA1103 RENESAS-HFA1103 Datasheet
484Kb / 7P
   200MHz, Video Op Amp with High Speed Sync Stripper
June 2004
logo
National Semiconductor ...
CLC411 NSC-CLC411 Datasheet
640Kb / 8P
   High-Speed Video Op Amp with Disable
logo
Texas Instruments
CLC411 TI1-CLC411 Datasheet
620Kb / 14P
[Old version datasheet]   High Speed Video Op Amp with Disable
logo
Analog Devices
AD829 AD-AD829_04 Datasheet
275Kb / 16P
   High Speed, Low Noise Video Op Amp
REV. G
AD829JNZ AD-AD829JNZ Datasheet
379Kb / 20P
   High Speed, Low Noise Video Op Amp
Rev. I
AD829 AD-AD829 Datasheet
321Kb / 12P
   High-Speed, Low-Noise Video Op Amp
REV. E
AD829 AD-AD829_15 Datasheet
379Kb / 20P
   High Speed, Low Noise Video Op Amp
Rev. I
AD829 AD-AD829_17 Datasheet
394Kb / 21P
   High Speed, Low Noise Video Op Amp
AD829 AD-AD829_11 Datasheet
385Kb / 20P
   High Speed, Low Noise Video Op Amp
Rev. I
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com