Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFA1120 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HFA1120
Description  850MHz, Low Distortion Current Feedback Operational Amplifiers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA1120 Datasheet(HTML) 1 Page - Intersil Corporation

  HFA1120 Datasheet HTML 1Page - Intersil Corporation HFA1120 Datasheet HTML 2Page - Intersil Corporation HFA1120 Datasheet HTML 3Page - Intersil Corporation HFA1120 Datasheet HTML 4Page - Intersil Corporation HFA1120 Datasheet HTML 5Page - Intersil Corporation HFA1120 Datasheet HTML 6Page - Intersil Corporation HFA1120 Datasheet HTML 7Page - Intersil Corporation HFA1120 Datasheet HTML 8Page - Intersil Corporation HFA1120 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207 | Copyright © Intersil Corporation 1999
HFA1100, HFA1120
850MHz, Low Distortion Current Feedback
Operational Amplifiers
The HFA1100, 1120 are a family of high-speed, wideband,
fast settling current feedback amplifiers built with Intersil's
proprietary complementary bipolar UHF-1 process. Both
amplifiers operate with single supply voltages as low as 4.5V
(see Application Information section).
The HFA1100 is a basic op amp with uncommitted pins 1, 5,
and 8. The HFA1120 includes inverting input bias current
adjust pins (pins 1 and 5) for adjusting the output offset
voltage.
These devices offer a significant performance improvement
over the AD811, AD9617/18, the CLC400-409, and the
EL2070, EL2073, EL2030.
For Military grade product refer to the HFA1100/883,
HFA1120/883 data sheet.
The Op Amps with Fastest Edges
Features
• Low Distortion (30MHz, HD2). . . . . . . . . . . . . . . . . -56dBc
• -3dB Bandwidth . . . . . . . . . . . . . . . . . . . . . . . . . . 850MHz
• Very Fast Slew Rate . . . . . . . . . . . . . . . . . . . . . . 2300V/
µs
• Fast Settling Time (0.1%) . . . . . . . . . . . . . . . . . . . . . 11ns
• Excellent Gain Flatness
- (100MHz) . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±0.14dB
- (50MHz) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±0.04dB
• High Output Current . . . . . . . . . . . . . . . . . . . . . . . . . 60mA
• Overdrive Recovery . . . . . . . . . . . . . . . . . . . . . . . . <10ns
• Operates with 5V Single Supply (See AN9745)
Applications
• Video Switching and Routing
• Pulse and Video Amplifiers
• RF/IF Signal Processing
• Flash A/D Driver
• Medical Imaging Systems
• Related Literature
- AN9420, Current Feedback Theory
- AN9202, HFA11XX Evaluation Fixture
- AN9745, Single 5V Supply Operation
Pinouts
HFA1100
(PDIP, SOIC)
TOP VIEW
HFA1120
(SOIC)
TOP VIEW
Ordering Information
PART NUMBER
(BRAND)
TEMP.
RANGE (oC)
PACKAGE
PKG. NO.
HFA1100IP
-40 to 85
8 Ld PDIP
E8.3
HFA1100IB
(H1100I)
-40 to 85
8 Ld SOIC
M8.15
HFA1120IB
(H1120I)
-40 to 85
8 Ld SOIC
M8.15
HFA11XXEVAL
DIP Evaluation Board for High-Speed Op Amps
INPUT
220MHz
SIGNAL
OUTPUT
(AV = 2)
HFA1130
OP AMP
0ns
25ns
NC
-IN
+IN
V-
1
2
3
4
8
7
6
5
NC
V+
OUT
NC
-
+
BAL
-IN
+IN
V-
1
2
3
4
8
7
6
5
NC
V+
OUT
BAL
-
+
Data Sheet
May 1999
File Number
2945.7


Similar Part No. - HFA1120

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1120 INTERSIL-HFA1120 Datasheet
115Kb / 17P
   850MHz Current Feedback Amplifier with Offset Adjust
July 1994
HFA1120/883 INTERSIL-HFA1120/883 Datasheet
115Kb / 17P
   850MHz Current Feedback Amplifier with Offset Adjust
July 1994
HFA1120MJ/883 INTERSIL-HFA1120MJ/883 Datasheet
115Kb / 17P
   850MHz Current Feedback Amplifier with Offset Adjust
July 1994
More results

Similar Description - HFA1120

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1100 INTERSIL-HFA1100_04 Datasheet
335Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
logo
Renesas Technology Corp
HFA1100 RENESAS-HFA1100 Datasheet
594Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
logo
Intersil Corporation
HFA1100IP INTERSIL-HFA1100IP Datasheet
340Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
October 26, 2004
logo
Renesas Technology Corp
HFA1130 RENESAS-HFA1130 Datasheet
710Kb / 13P
   850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
logo
Intersil Corporation
HFA1130 INTERSIL-HFA1130 Datasheet
162Kb / 12P
   850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
September 1998
HFA1130 INTERSIL-HFA1130_05 Datasheet
378Kb / 12P
   850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
HFA1130IBZ INTERSIL-HFA1130IBZ Datasheet
381Kb / 13P
   850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
April 25, 2013
logo
Texas Instruments
THS3091 TI1-THS3091 Datasheet
770Kb / 45P
[Old version datasheet]   High-voltage, Low-distortion, Current-feedback Operational Amplifiers
THS3095 TI1-THS3095_14 Datasheet
1Mb / 37P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3092 TI1-THS3092_14 Datasheet
2Mb / 45P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com