Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFA1115 Datasheet(PDF) 6 Page - Intersil Corporation

Part # HFA1115
Description  225MHz, Low Power, Output Limiting, Closed Loop Buffer Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA1115 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button HFA1115 Datasheet HTML 2Page - Intersil Corporation HFA1115 Datasheet HTML 3Page - Intersil Corporation HFA1115 Datasheet HTML 4Page - Intersil Corporation HFA1115 Datasheet HTML 5Page - Intersil Corporation HFA1115 Datasheet HTML 6Page - Intersil Corporation HFA1115 Datasheet HTML 7Page - Intersil Corporation HFA1115 Datasheet HTML 8Page - Intersil Corporation HFA1115 Datasheet HTML 9Page - Intersil Corporation HFA1115 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
Driving Capacitive Loads
Capacitive loads, such as an A/D input, or an improperly
terminated transmission line degrade the amplifier’s phase
margin resulting in frequency response peaking and
possible oscillations. In most cases, the oscillation can be
avoided by placing a resistor (RS) in series with the output
prior to the capacitance.
Figure 1 details starting points for the selection of this
resistor. The points on the curve indicate the RS and CL
combinations for the optimum bandwidth, stability, and
settling time, but experimental fine tuning is recommended.
Picking a point above or to the right of the curve yields an
overdamped response, while points below or left of the curve
indicate areas of underdamped performance.
RS and CL form a low pass network at the output, thus
limiting system bandwidth well below the amplifier bandwidth
of 200MHz (AV = +1). By decreasing RS as CLincreases (as
illustrated by the curves), the maximum bandwidth is
obtained without sacrificing stability. In spite of this,
bandwidth still decreases as the load capacitance increases.
For example, at AV = +1, RS = 50Ω, CL = 22pF, the overall
bandwidth is 185MHz, but the bandwidth drops to 50MHz at
AV = +1, RS = 15Ω, CL = 330pF.
Evaluation Board
The performance of the HFA1115 may be evaluated using
the HFA11XX Evaluation Board, slightly modified as follows:
1. 1. Remove the 510
Ω feedback resistor (R2), and leave the
connection open.
2. 2. a. For AV = +1 evaluation, remove the 510Ω gain setting
resistor (R1), and leave pin 2 floating.
b. For AV = +2, replace the 510Ω gain setting resistor with
a 0
Ω resistor to GND.
The layout and modified schematic of the board are shown
in Figure 2.
To order evaluation boards (Part Number HFA11XXEVAL),
please contact your local sales office.
Limiting Operation
General
The HFA1115 features user programmable output clamps to
limit output voltage excursions. Limiting action is obtained by
applying voltages to the VH and VL terminals (pins 8 and 5)
of the amplifier. VH sets the upper output limit, while VL sets
the lower limit level. If the amplifier tries to drive the output
above VH, or below VL, the clamp circuitry limits the output
voltage at VH or VL (± the limit accuracy), respectively. The
low input bias currents of the limit pins allow them to be
driven by simple resistive divider circuits, or active elements
such as amplifiers or DACs.
Limit Circuitry
Figure 3 shows a simplified schematic of the HFA1115 input
stage, and the high limit (VH) circuitry. As with all current
feedback amplifiers, there is a unity gain buffer (QX1 - QX2)
between the positive and negative inputs. This buffer forces
-IN to track +IN, and sets up a slewing current of:
ISLEW = (V-IN - VOUT)/RF + V-IN/RG
LOAD CAPACITANCE (pF)
50
45
40
35
30
25
20
15
10
5
0
0
40
80
120
160
200
240
280
320
360
400
FIGURE 1. RECOMMENDED SERIES RESISTOR vs LOAD
CAPACITANCE
AV = +1
AV = +2
BOARD SCHEMATIC (MODIFIED)
TOP LAYOUT
BOTTOM LAYOUT
FIGURE 2. EVALUATION BOARD SCHEMATIC (AFTER
MODIFICATION FOR BUFFER USE) AND LAYOUT
1
2
3
4
8
7
6
5
+5V
10
µF
0.1
µF
VH
50
GND
GND
-5V
0.1
µF
10
µF
50
IN
OUT
VL
R1 = (AV = +1) or 0Ω (AV = +2)
R1
VH
+IN
VL
V+
GND
1
V-
OUT
HFA1115


Similar Part No. - HFA1115

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1115 INTERSIL-HFA1115 Datasheet
402Kb / 14P
   225MHz, Low Power, Output Limiting, Closed Loop Buffer Amplifier
logo
Renesas Technology Corp
HFA1115 RENESAS-HFA1115 Datasheet
408Kb / 14P
   225MHz, Low Power, Output Limiting, Closed Loop Buffer Amplifier
July 2004
logo
Intersil Corporation
HFA1115/883 INTERSIL-HFA1115/883 Datasheet
537Kb / 5P
   High Speed, Low Power, Output Limiting Closed Loop Buffer Amplifier
HFA1115883 INTERSIL-HFA1115883 Datasheet
537Kb / 5P
   High Speed, Low Power, Output Limiting Closed Loop Buffer Amplifier
HFA1115IB INTERSIL-HFA1115IB Datasheet
402Kb / 14P
   225MHz, Low Power, Output Limiting, Closed Loop Buffer Amplifier
More results

Similar Description - HFA1115

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1115 INTERSIL-HFA1115_04 Datasheet
402Kb / 14P
   225MHz, Low Power, Output Limiting, Closed Loop Buffer Amplifier
logo
Renesas Technology Corp
HFA1115 RENESAS-HFA1115 Datasheet
408Kb / 14P
   225MHz, Low Power, Output Limiting, Closed Loop Buffer Amplifier
July 2004
logo
Intersil Corporation
HFA1115883 INTERSIL-HFA1115883 Datasheet
537Kb / 5P
   High Speed, Low Power, Output Limiting Closed Loop Buffer Amplifier
HS-1115RH INTERSIL-HS-1115RH Datasheet
42Kb / 4P
   Radiation Hardened, High Speed, Low Power Output Limiting, Closed-Loop-Buffer Amplifier
HS-1115RH INTERSIL-HS-1115RH_02 Datasheet
133Kb / 4P
   Radiation Hardened, High Speed, Low Power Output Limiting, Closed-Loop-Buffer Amplifier
HFA1212 INTERSIL-HFA1212 Datasheet
90Kb / 10P
   Dual 350MHz, Low Power Closed Loop Buffer Amplifier
September 1998
HFA1212 INTERSIL-HFA1212_04 Datasheet
198Kb / 12P
   Dual 350MHz, Low Power Closed Loop Buffer Amplifier
logo
Renesas Technology Corp
HFA1212 RENESAS-HFA1212 Datasheet
204Kb / 12P
   Dual 350MHz, Low Power Closed Loop Buffer Amplifier
July 2004
logo
National Semiconductor ...
CLC109 NSC-CLC109 Datasheet
171Kb / 6P
   Low-Power, Wideband, Closed-Loop Buffer
CLC110 NSC-CLC110 Datasheet
305Kb / 6P
   Wideband, Closed-Loop Monolithic Buffer Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com