Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT5551 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # MMBT5551
Description  NPN Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

MMBT5551 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  MMBT5551_15 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd MMBT5551_15 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
Transistors
www.kexin.com.cn
2
Typical Characteristics
SMD Type
MMBT5551 (KMBT5551)
0.1
1
10
1
10
100
0.2
0.4
0.6
0.8
1.0
1
10
100
1
1
0
100
1
1
1
0
00
10
100
0
25
50
75
100
125
150
0.0
0.1
0.2
0.3
0.4
0
2
4
6
8
10
12
0
3
6
9
12
15
18
0.1
1
10
100
0.2
0.4
0.6
0.8
1.0
1
1
1
0
00
0.01
0.1
f=1MHz
I
E=0 / IC=0
T
a=25
REVERSE VOLTAGE V (V)
C
ob
C
ib
C
ob / Cib
——
V
CB / VEB
V
BE
—— I
C
BASE-EMITTER VOLTAGE
V
BE(V)
T
a=25
T
a=100
V
CE=10V
T
a=25
COLLECTOR CURRENT I
C
(mA)
I
C
f
T
——
COMMON EMITTER
V
CE=5V
COLLECTOR CURRENT I
C
(mA)
T
a=25
T
a=100
COMMON EMITTER
V
CE=5V
I
C
h
FE ——
AMBIENT TEMPERATURE T
a
( )
P
C
—— T
a
COMMON
EMITTER
T
a=25
40uA
50uA
70uA
90uA
80uA
60uA
30uA
I
B=20uA
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
Static Characteristic
β=10
T
a=100
T
a=25
COLLECTOR CURRENT I
C
(mA)
I
C
V
BEsat ——
0.3
200
200
200
3
150
50
30
20
20
200
500
COLLECTOR CURRENT I
C
(mA)
β=10
T
a=25
T
a=100
V
CEsat ——
I
C
B


Similar Part No. - MMBT5551_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
MMBT5551 SECOS-MMBT5551_15 Datasheet
331Kb / 3P
   General Purpose Transistor
logo
Diodes Incorporated
MMBT5551 DIODES-MMBT5551_15 Datasheet
217Kb / 6P
   160V NPN SMALL SIGNAL TRANSISTOR IN SOT23
logo
Unisonic Technologies
MMBT5551 UTC-MMBT5551_15 Datasheet
172Kb / 4P
   HIGH VOLTAGE SWITCHING TRANSISTOR
logo
Diotec Semiconductor
MMBT5551 DIOTEC-MMBT5551_15 Datasheet
99Kb / 2P
   Surface Mount General Purpose Si-Epi-Planar Transistors
logo
Micro Commercial Compon...
MMBT5551 MCC-MMBT5551_15 Datasheet
155Kb / 2P
   NPN Plastic Encapsulate Transistor
More results

Similar Description - MMBT5551_15

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
   NPN Transistors
2SD2391 KEXIN-2SD2391_15 Datasheet
1,008Kb / 2P
   NPN Transistors
2SC4617 KEXIN-2SC4617_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
   NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
   NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com