Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT6520 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # MMBT6520
Description  PNP Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

MMBT6520 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  MMBT6520_15 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd MMBT6520_15 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd MMBT6520_15 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd MMBT6520_15 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= -100 μA, IE=0
-350
Collector- emitter breakdown voltage
VCEO
Ic= -1 mA, IB=0
-350
Emitter - base breakdown voltage
VEBO
IE= -100μA, IC=0
-5
Collector-base cut-off current
ICBO
VCB= -250 V , IE=0
-50
Emitter cut-off current
IEBO
VEB= -4V , IC=0
-50
IC=-10 mA, IB=-1mA
-0.3
IC=-20 mA, IB=-2mA
-0.35
IC=-30 mA, IB=-3mA
-0.5
IC=-50 mA, IB=-5mA
-1
IC=-10 mA, IB=-1mA
-0.75
IC=-20 mA, IB=-2mA
-0.85
IC=-30 mA, IB=-3mA
-0.9
Base-Emitter On Voltage
VBE(on) VCE= -10V, IC= -100mA
-2
VCE= -10V, IC= -1mA
20
VCE=- 10V, IC= -10mA
30
VCE=- 10V, IC= -30mA
30
200
VCE=- 10V, IC= -50mA
20
200
VCE=- 10V, IC= -100mA
15
Emitter-base capacitance
Ceb
VEB= -0.5V, IC= 0,f=1MHz
100
Collector output capacitance
Cob
VCB= -20V, IE= 0,f=1MHz
6
Transition frequency
fT
VCE= -20V, IC= -10mA,f=20MHz
40
200
MHz
Base - emitter saturation voltage
VBE(sat)
V
V
nA
Collector-emitter saturation voltage
VCE(sat)
DC current gain
hFE
pF
Marking
Marking
2Z
PNP Transistors
MMBT6520 (KMBT6520)


Similar Part No. - MMBT6520_15

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
MMBT6520-3 KEXIN-MMBT6520-3_15 Datasheet
1Mb / 4P
   PNP Transistors
logo
ON Semiconductor
MMBT6520L ONSEMI-MMBT6520L Datasheet
141Kb / 5P
   High Voltage Transistor
October, 2016 ??Rev. 7
logo
Inchange Semiconductor ...
MMBT6520L ISC-MMBT6520L Datasheet
301Kb / 3P
   isc Silicon PNP Power Transistors
logo
Motorola, Inc
MMBT6520LT1 MOTOROLA-MMBT6520LT1 Datasheet
231Kb / 8P
   High Voltage Transistor
logo
Leshan Radio Company
MMBT6520LT1 LRC-MMBT6520LT1 Datasheet
167Kb / 5P
   High Voltage Transistor(PNP Silicon)
More results

Similar Description - MMBT6520_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
   PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
   PNP Transistors
logo
Guangdong Kexin Industr...
2SB1026-HF KEXIN-2SB1026-HF_15 Datasheet
951Kb / 3P
   PNP Transistors
2SB1027 KEXIN-2SB1027_15 Datasheet
893Kb / 3P
   PNP Transistors
2SB1027-HF KEXIN-2SB1027-HF_15 Datasheet
896Kb / 3P
   PNP Transistors
2SB1070 KEXIN-2SB1070_15 Datasheet
1,002Kb / 2P
   PNP Transistors
2SB1115-HF KEXIN-2SB1115-HF_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1118 KEXIN-2SB1118_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1120 KEXIN-2SB1120_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1174 KEXIN-2SB1174_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1176 KEXIN-2SB1176_15 Datasheet
1Mb / 3P
   PNP Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com