Selected language     English  ▼


HFA1145 Datasheet(PDF) 4 Page - Intersil Corporation

Part No. HFA1145
Description  High Speed, Low Power, Current Feedback Video Operational Amplifier with Output Disable
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

   
 4 page
background image
3-217
Specifications HFA1145/883
Quiescent Power
Supply Current
ICC
RL = 100Ω
1
+25oC
5.6
6.1
mA
2, 3
+125oC, -55oC
5.2
6.5
mA
IEE
RL = 100Ω
1
+25oC
-6.1
-5.6
mA
2, 3
+125oC, -55oC
-6.5
-5.2
mA
Disabled Power
Supply Current
DISICC
RL = 100Ω, VDIS = 0V
1
+25oC-
4
mA
2, 3
+125oC, -55oC-
4
mA
DISIEE
RL = 100Ω, VDIS = 0V
1
+25oC-4
-
mA
2, 3
+125oC, -55oC-4
-
mA
Disabled Output
Leakage Current
DOLC
VDIS = 0V,
VIN = ±2.5V, VOUT = 2.5V
1
+25oC
-10
10
µA
2, 3
+125oC, -55oC
-10
10
µA
Disable Input
Current
DILLC
VDIS = 0V
1
+25oC
-
200
µA
2, 3
+125oC, -55oC
-
200
µA
DILHC
VDIS = 5V
1
+25oC-
15
µA
2, 3
+125oC, -55oC-
15
µA
Disable Input
Logic Levels
DILLV
1
+25oC
-
0.8
V
2, 3
+125oC, -55oC
-
0.8
V
DILHV
1, 2
+25oC, +125oC
2.0
-
V
3
-55oC
2.4
-
V
NOTES:
1. Output is short circuit protected to ground. Brief short circuits to ground will not degrade reliability, however continuous (100% duty cycle)
output current must not exceed 30mA for maximum reliability.
2. Guaranteed from +IN Common Mode Rejection Test, by: +RIN = 1/CMSIBP .
3. Guaranteed from VOUT Test with RL =50Ω, by: IOUT =VOUT/50Ω.
TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS
Table 2 Intentionally Left Blank.
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
Table 3 Intentionally Left Blank.
TABLE 4. ELECTRICAL TEST REQUIREMENTS
MIL-STD-883 TEST REQUIREMENTS
SUBGROUPS (SEE TABLE 1)
Interim Electrical Parameters (Pre Burn-In)
1
Final Electrical Test Parameters
1 (Note 1), 2, 3
Group A Test Requirements
1, 2, 3
Groups C and D Endpoints
1
NOTE:
1. PDA applies to Subgroup 1 only.
TABLE 1. DC ELECTRICAL PERFORMANCE CHARACTERISTICS
(Continued)
Device Tested at: VSUPPLY = ±5V, AV = +1, RF = 510Ω, RSOURCE = 0Ω, RL = 100Ω, VOUT =0V, DIS = Floated, Unless Otherwise Specified.
PARAMETERS
SYMBOL
CONDITIONS
GROUP A
SUBGROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
+
_
Spec Number
511116-883




Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HS-1145RHRadiation Hardened High Speed Low Power Current Feedback Video Operational Amplifier with Output Disable 1 2 3 4 5 MoreIntersil Corporation
HS-1245RHRadiation Hardened Dual High Speed Low Power Video Operational Amplifier with Output Disable 1 2 3 4 Intersil Corporation
HS-1135RHRadiation Hardened High Speed Low Power Current Feedback Amplifier with Programmable Output Limiting 1 2 3 4 5 Intersil Corporation
HFA1245Dual 420MHz Low Power Video Current Feedback Operational Amplifier with Disable 1 2 3 4 5 MoreIntersil Corporation
HS-1410RHRadiation Hardened High Speed Low Power Current Feedback Op Amp with Output Disable 1 2 Intersil Corporation
HFA1149450MHz Low Power Video Operational Amplifier with Programmable Output Disable 1 2 3 4 5 MoreIntersil Corporation
HS-1254RHRadiation Hardened High Speed Low Power Dual Operational Amplifier with Disable 1 2 3 Intersil Corporation
LM6310High Speed Low Power Operational Amplifier with TRI-STATE Output 1 2 3 4 5 MoreNational Semiconductor (TI)
HFA1135360MHz Low Power Video Operational Amplifier with Output Limiting 1 2 3 4 5 MoreIntersil Corporation
LMV710Low Power RRIO Operational Amplifiers with High Output Current Drive and Shutdown Option 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl