Selected language     English  ▼


HFA1145 Datasheet(PDF) 5 Page - Intersil Corporation

Part No. HFA1145
Description  High Speed, Low Power, Current Feedback Video Operational Amplifier with Output Disable
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

   
 5 page
background image
3-218
HFA1145/883
Die Characteristics
DIE DIMENSIONS:
59 x 58.2 x 19 mils
± 1 mils
1500 x 1480 x 483
µm ± 25.4µm
METALLIZATION:
Type: Metal 1: AICu(2%)/TiW
Type: Metal 2: AICu(2%)
Thickness: Metal 1: 8k
Å
± 0.4kÅ
Thickness: Metal 2: 16k
Å
± 0.8kÅ
GLASSIVATION:
Type: Nitride
Thickness: 4k
Å
± 0.5kÅ
SUBSTRATE POTENTIAL (Powered Up): Floating (Recommend Connection to V-)
WORST CASE CURRENT DENSITY: TBD
TRANSISTOR COUNT: 75
Metallization Mask Layout
HFA1145/883
V-
OPTIONAL
OUT
+IN
-IN
V+
GND (NOTE)
NOTE: This pad is not bonded out on packaged units. Die users may set a GND reference, via this pad, to ensure the TTL compatibility
of the DIS input when using asymmetrical supplies (e.g. V+ = 10V, V- = 0V).
Spec Number
511116-883
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate
and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which
may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com




Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HS-1145RHRadiation Hardened High Speed Low Power Current Feedback Video Operational Amplifier with Output Disable 1 2 3 4 5 MoreIntersil Corporation
HS-1245RHRadiation Hardened Dual High Speed Low Power Video Operational Amplifier with Output Disable 1 2 3 4 Intersil Corporation
HS-1135RHRadiation Hardened High Speed Low Power Current Feedback Amplifier with Programmable Output Limiting 1 2 3 4 5 Intersil Corporation
HFA1245Dual 420MHz Low Power Video Current Feedback Operational Amplifier with Disable 1 2 3 4 5 MoreIntersil Corporation
HS-1410RHRadiation Hardened High Speed Low Power Current Feedback Op Amp with Output Disable 1 2 Intersil Corporation
HFA1149450MHz Low Power Video Operational Amplifier with Programmable Output Disable 1 2 3 4 5 MoreIntersil Corporation
HS-1254RHRadiation Hardened High Speed Low Power Dual Operational Amplifier with Disable 1 2 3 Intersil Corporation
LM6310High Speed Low Power Operational Amplifier with TRI-STATE Output 1 2 3 4 5 MoreNational Semiconductor (TI)
HFA1135360MHz Low Power Video Operational Amplifier with Output Limiting 1 2 3 4 5 MoreIntersil Corporation
LMV710Low Power RRIO Operational Amplifiers with High Output Current Drive and Shutdown Option 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl