Selected language     English  ▼


HFA1145 Datasheet(PDF) 1 Page - Intersil Corporation

Part No. HFA1145
Description  High Speed, Low Power, Current Feedback Video Operational Amplifier with Output Disable
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

   
 1 page
background image
3-214
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999
HFA1145/883
High Speed, Low Power, Current Feedback Video
Operational Amplifier with Output Disable
Description
The HFA1145/883 is a high speed, low power current
feedback
amplifier
built
with
Intersil’
proprietary
complementary bipolar UHF-1 process.
This amplifier features a TTL/CMOS compatible disable
control, pin 8, which when pulled low, reduces the supply
current and forces the output into a high impedance state.
This allows easy implementation of simple, low power video
switching and routing systems. Component and composite
video systems also benefit from this op amp’s excellent gain
flatness, and good differential gain and phase specifications.
Multiplexed A/D applications will also find the HFA1145/883
useful as the A/D driver/multiplexer.
The HFA1145/883 is a low power, high performance upgrade
for the CLC410.
Ordering Information
PART NUMBER
TEMPERATURE
RANGE
PACKAGE
HFA1145MJ/883
-55oC to +125oC
8 Lead CerDIP
Features
• This Circuit is Processed in Accordance to MIL-STD-
883 and is Fully Conformant Under the Provisions of
Paragraph 1.2.1.
• Low Supply Current. . . . . . . . . . . . . . . . . . 5.9mA (Typ)
• Wide -3dB Bandwidth . . . . . . . . . . . . . . . 360MHz (Typ)
• High Slew Rate . . . . . . . . . . . . . . . . . . . . 1000V/
µs (Typ)
• Excellent Gain Flatness (to 50MHz)
. . . . .±0.07dB (Typ)
• Excellent Differential Gain . . . . . . . . . . . . . 0.02% (Typ)
• Excellent Differential Phase . . . . . . . . . 0.03 Deg. (Typ)
• High Output Current . . . . . . . . . . . . . . . . . . 60mA (Typ)
• Output Enable / Disable Time . . . . . . 180ns/35ns (Typ)
Applications
• Multiplexed Flash A/D Driver
• RGB Multiplexers / Preamps for Multimedia Systems
• Video Switching and Routing
• Pulse and Video Amplifiers
• Wideband Amplifiers
• RF/IF Signal Processing
• Medical Imaging Systems
June 1994
Pinout
HFA1145/883
(CERDIP)
TOP VIEW
NC
-IN
+IN
V-
1
2
3
4
8
7
6
5
DISABLE
V+
OUT
NC
+
-
Spec Number
511116-883
File Number
3726




Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HS-1145RHRadiation Hardened High Speed Low Power Current Feedback Video Operational Amplifier with Output Disable 1 2 3 4 5 MoreIntersil Corporation
HS-1245RHRadiation Hardened Dual High Speed Low Power Video Operational Amplifier with Output Disable 1 2 3 4 Intersil Corporation
HS-1135RHRadiation Hardened High Speed Low Power Current Feedback Amplifier with Programmable Output Limiting 1 2 3 4 5 Intersil Corporation
HFA1245Dual 420MHz Low Power Video Current Feedback Operational Amplifier with Disable 1 2 3 4 5 MoreIntersil Corporation
HS-1410RHRadiation Hardened High Speed Low Power Current Feedback Op Amp with Output Disable 1 2 Intersil Corporation
HFA1149450MHz Low Power Video Operational Amplifier with Programmable Output Disable 1 2 3 4 5 MoreIntersil Corporation
HS-1254RHRadiation Hardened High Speed Low Power Dual Operational Amplifier with Disable 1 2 3 Intersil Corporation
LM6310High Speed Low Power Operational Amplifier with TRI-STATE Output 1 2 3 4 5 MoreNational Semiconductor (TI)
HFA1135360MHz Low Power Video Operational Amplifier with Output Limiting 1 2 3 4 5 MoreIntersil Corporation
LMV710Low Power RRIO Operational Amplifiers with High Output Current Drive and Shutdown Option 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl