Selected language     English  ▼


HFA1145 Datasheet(PDF) 3 Page - Intersil Corporation

Part No. HFA1145
Description  High Speed, Low Power, Current Feedback Video Operational Amplifier with Output Disable
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

   
 3 page
background image
3-216
Specifications HFA1145/883
+IN Current Power
Supply Sensitivity
PPSSIBP
∆V
SUPPLY = ±1.8V
V+ = 6.8V, V- = -5V
V+ = 3.2V, V- = -5V
1
+25oC-
1
µA/V
2
+125oC-
3
µA/V
∆V
SUPPLY = ±1.2V
V+ = 6.2V, V- = -5V
V+ = 3.8V, V- = -5V
3
-55oC-
3
µA/V
NPSSIBP
∆V
SUPPLY = ±1.8V
V+ = 5V, V- = -6.8V
V+ = 5V, V- = -3.2V
1
+25oC-
1
µA/V
2
+125oC-
3
µA/V
∆V
SUPPLY = ±1.2V
V+ = 5V, V- = -6.2V
V+ = 5V, V- = -3.8V
3
-55oC-
3
µA/V
Inverting Input (-IN)
Current
IBSN
VCM = 0V
1
+25oC
-7.5
7.5
µA
2, 3
+125oC, -55oC
-25
25
µA
-IN Current Common
Mode Sensitivity
CMSIBN
∆V
CM = ±1.8V
V+ = 3.2V, V- = -6.8V
V+ = 6.8V, V- = -3.2V
1
+25oC-
6
µA/V
2
+125oC-
8
µA/V
∆V
CM = ±1.2V
V+ = 3.8V, V- = -6.2V
V+ = 6.2V, V- = -3.8V
3
-55oC-
8
µA/V
-IN Current Power
Supply Sensitivity
PPSSIBN
∆V
SUPPLY = ±1.8V
V+ = 6.8V, V- = -5V
V+ = 3.2V, V- = -5V
1
+25oC-
5
µA/V
2
+125oC-
8
µA/V
∆V
SUPPLY = ±1.2V
V+ = 6.2V, V- = -5V
V+ = 3.8V, V- = -5V
3
-55oC-
8
µA/V
NPSSIBN
∆V
SUPPLY = ±1.8V
V+ = 5V, V- = -6.8V
V+ = 5V, V- = -3.2V
1
+25oC-
5
µA/V
2
+125oC-
8
µA/V
∆V
SUPPLY = ±1.2V
V+ = 5V, V- = -6.2V
V+ = 5V, V- = -3.8V
3
-55oC-
8
µA/V
Output Voltage Swing
VOP100
AV =-1
RL = 100Ω
VIN = -3.2V
1
+25oC3
-
V
VIN = -3V
2, 3
+125oC, -55oC
2.8
-
V
VON100
AV =-1
RL = 100Ω
VIN=+3.2V
1
+25oC
-
-3
V
VIN = +3V
2, 3
+125oC, -55oC
-
-2.8
V
Output Voltage Swing
VOP50
AV =-1
RL =50Ω
VIN = -2.7V
1
+25oC
2.5
-
V
VIN = -2.25V
2
+125oC
2.0
-
V
VIN = -2.25V
3
-55oC
1.4
-
V
VON50
AV =-1
RL =50Ω
VIN = +2.7V
1
+25oC
-
-2.5
V
VIN = +2.25V
2
+125oC
-
-2.0
V
VIN = +2.25V
3
-55oC
-
-1.4
V
Output Current
+IOUT
Note 3
1
+25oC50
-
mA
2
+125oC40
-
mA
3
-55oC28
-
mA
-IOUT
Note 3
1
+25oC
-
-50
mA
2
+125oC
-
-40
mA
3
-55oC
-
-28
mA
TABLE 1. DC ELECTRICAL PERFORMANCE CHARACTERISTICS
(Continued)
Device Tested at: VSUPPLY = ±5V, AV = +1, RF = 510Ω, RSOURCE = 0Ω, RL = 100Ω, VOUT =0V, DIS = Floated, Unless Otherwise Specified.
PARAMETERS
SYMBOL
CONDITIONS
GROUP A
SUBGROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Spec Number
511116-883




Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HS-1145RHRadiation Hardened High Speed Low Power Current Feedback Video Operational Amplifier with Output Disable 1 2 3 4 5 MoreIntersil Corporation
HS-1245RHRadiation Hardened Dual High Speed Low Power Video Operational Amplifier with Output Disable 1 2 3 4 Intersil Corporation
HS-1135RHRadiation Hardened High Speed Low Power Current Feedback Amplifier with Programmable Output Limiting 1 2 3 4 5 Intersil Corporation
HFA1245Dual 420MHz Low Power Video Current Feedback Operational Amplifier with Disable 1 2 3 4 5 MoreIntersil Corporation
HS-1410RHRadiation Hardened High Speed Low Power Current Feedback Op Amp with Output Disable 1 2 Intersil Corporation
HFA1149450MHz Low Power Video Operational Amplifier with Programmable Output Disable 1 2 3 4 5 MoreIntersil Corporation
HS-1254RHRadiation Hardened High Speed Low Power Dual Operational Amplifier with Disable 1 2 3 Intersil Corporation
LM6310High Speed Low Power Operational Amplifier with TRI-STATE Output 1 2 3 4 5 MoreNational Semiconductor (TI)
HFA1135360MHz Low Power Video Operational Amplifier with Output Limiting 1 2 3 4 5 MoreIntersil Corporation
LMV710Low Power RRIO Operational Amplifiers with High Output Current Drive and Shutdown Option 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl