Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMST3904 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # MMST3904
Description  NPN Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

MMST3904 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  MMST3904_15 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd MMST3904_15 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd MMST3904_15 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
NPN Transistors
MMST3904 (KMST3904)
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= 100 μA, IE= 0
60
Collector- emitter breakdown voltage
VCEO
Ic= 10 mA, IB= 0
40
Emitter - base breakdown voltage
VEBO
IE= 100μA, IC= 0
5
Collector-base cut-off current
ICBO
VCB= 60 V , IE= 0
60
Collector-emitter cut-off current
ICEO
VCE= 40 V , IB=0
500
Collector-emitter cut-off current
ICEX
VCE=30V, VBE(off)=-3V
50
Emitter cut-off current
IEBO
VEB= 5V , IC=0
100
IC=10 mA, IB=1mA
(Note.1)
0.25
IC= 50 mA, IB= 5mA (Note.1)
0.3
IC=10 mA, IB=1mA
(Note.1)
0.85
IC= 50 mA, IB= 5mA (Note.1)
0.95
hFE(1)
VCE= 1V, IC= 0.1mA
40
hFE(2)
VCE= 1V, IC= 1mA
70
hFE(3)
VCE= 1V, IC= 10mA
100
30
hFE(4)
VCE= 1V, IC= 50mA
60
Delay time
td
35
Rise time
tr
35
Storage time
ts
225
Fall time
tf
75
Collector output capacitance
Cob
VCB= 5 V, IE= 0,f=1MHz
4
Collector input capacitance
Cib
VEB=0.5V, IE=0, f=1MHz
8
Transition frequency
fT
VCE= 20V, IC= 10mA,f=100MHz
300
MHz
VCC=30V, VBE(off)=-0.5V
IC=10mA, IB1=1mA
nS
VCC=30V, IC=10mA, IB1=IB2=1mA
pF
V
nA
Collector-emitter saturation voltage
VCE(sat)
VBE(sat)
Base - emitter saturation voltage
V
DC current gain
(Note.1)
Note.1: Pulse test: pulse width ≤300 us,duty cycle≤ 2 %.
Marking
Marking
K2N


Similar Part No. - MMST3904_15

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
MMST3904 WINNERJOIN-MMST3904_15 Datasheet
131Kb / 1P
   NPN TRANSISTOR
logo
Diodes Incorporated
MMST3904 DIODES-MMST3904_15 Datasheet
235Kb / 5P
   60V NPN SMALL SIGNAL TRANSISTOR IN SOT323
logo
Galaxy Semi-Conductor H...
MMST3904 BILIN-MMST3904_15 Datasheet
212Kb / 5P
   NPN Silicon Epitaxial Planar Transistor
More results

Similar Description - MMST3904_15

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
   NPN Transistors
2SD2391 KEXIN-2SD2391_15 Datasheet
1,008Kb / 2P
   NPN Transistors
2SC4617 KEXIN-2SC4617_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
   NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
   NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com