Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFA1150IB96 Datasheet(PDF) 11 Page - Intersil Corporation

Part # HFA1150IB96
Description  700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA1150IB96 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button HFA1150IB96 Datasheet HTML 5Page - Intersil Corporation HFA1150IB96 Datasheet HTML 6Page - Intersil Corporation HFA1150IB96 Datasheet HTML 7Page - Intersil Corporation HFA1150IB96 Datasheet HTML 8Page - Intersil Corporation HFA1150IB96 Datasheet HTML 9Page - Intersil Corporation HFA1150IB96 Datasheet HTML 10Page - Intersil Corporation HFA1150IB96 Datasheet HTML 11Page - Intersil Corporation HFA1150IB96 Datasheet HTML 12Page - Intersil Corporation HFA1150IB96 Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
Die Characteristics
DIE DIMENSIONS:
53 mils x 25mils
1350
µm x 630µm
METALLIZATION:
Type: Metal 1: AlCu (2%)/TiW
Thickness: Metal 1: 8k
Å
±0.4kÅ
Type: Metal 2: AlCu (2%)
Thickness: Metal 2: 16k
Å
±0.8kÅ
PASSIVATION:
Type: Nitride
Thickness: 4k
Å
±0.5kÅ
TRANSISTOR COUNT:
40
SUBSTRATE POTENTIAL (POWERED UP):
Floating (Recommend Connection to V-)
Metallization Mask Layout
HFA1150
OUT
V+
V-
+IN
-IN
HFA1150


Similar Part No. - HFA1150IB96

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1150IB96 INTERSIL-HFA1150IB96 Datasheet
341Kb / 11P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
logo
Renesas Technology Corp
HFA1150IB96 RENESAS-HFA1150IB96 Datasheet
713Kb / 11P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
More results

Similar Description - HFA1150IB96

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1150 INTERSIL-HFA1150_04 Datasheet
341Kb / 11P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
logo
Renesas Technology Corp
HFA1150 RENESAS-HFA1150 Datasheet
713Kb / 11P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
logo
Burr-Brown (TI)
OPA644 BURR-BROWN-OPA644 Datasheet
104Kb / 13P
   Low Distortion Current Feedback OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HFA1155 INTERSIL-HFA1155 Datasheet
244Kb / 13P
   380MHz, SOT-23, Low Power Current Feedback Operational Amplifier
June 2000
HFA1155 INTERSIL-HFA1155_04 Datasheet
253Kb / 10P
   380MHz, SOT-23, Low Power Current Feedback Operational Amplifier
logo
Renesas Technology Corp
HFA1155 RENESAS-HFA1155 Datasheet
515Kb / 10P
   380MHz, SOT-23, Low Power Current Feedback Operational Amplifier
HFA1130 RENESAS-HFA1130 Datasheet
710Kb / 13P
   850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
logo
Intersil Corporation
HFA1130 INTERSIL-HFA1130 Datasheet
162Kb / 12P
   850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
September 1998
HFA1130 INTERSIL-HFA1130_05 Datasheet
378Kb / 12P
   850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
HFA1130IBZ INTERSIL-HFA1130IBZ Datasheet
381Kb / 13P
   850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
April 25, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com