Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFA1155IB Datasheet(PDF) 9 Page - Intersil Corporation

Part # HFA1155IB
Description  380MHz, SOT-23, Low Power Current Feedback Operational Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA1155IB Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HFA1155IB Datasheet HTML 5Page - Intersil Corporation HFA1155IB Datasheet HTML 6Page - Intersil Corporation HFA1155IB Datasheet HTML 7Page - Intersil Corporation HFA1155IB Datasheet HTML 8Page - Intersil Corporation HFA1155IB Datasheet HTML 9Page - Intersil Corporation HFA1155IB Datasheet HTML 10Page - Intersil Corporation HFA1155IB Datasheet HTML 11Page - Intersil Corporation HFA1155IB Datasheet HTML 12Page - Intersil Corporation HFA1155IB Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
FIGURE 18. GAIN FLATNESS
FIGURE 19. FULL POWER BANDWIDTH
FIGURE 20. OPEN LOOP TRANSIMPEDANCE
FIGURE 21. CLOSED LOOP OUTPUT RESISTANCE
FIGURE 22. SETTLING RESPONSE
FIGURE 23. SETTLING RESPONSE
Typical Performance Curves
VSUPPLY = ±5V, RF = Value From the “Optimum Feedback Resistor” Table, TA = 25
oC,
RL = 100Ω, Unless Otherwise Specified (Continued)
FREQUENCY (MHz)
1
1000
0.4
0.3
0.2
0.1
0
-0.1
-0.2
-0.3
-0.4
AV = +1
AV = +2
100
10
VOUT = 200mVP-P , SOT-23
AV = +1
FREQUENCY (MHz)
1
10
100
1000
3
0
-3
-6
-9
AV = +1
AV = +2
VOUT =5VP-P , AV = 2, SOT-23
VOUT =4VP-P , AV = 1
630
63
6.3
0.63
0.01
0.1
1
10
100
500
180
135
90
45
0
FREQUENCY (MHz)
GAIN
PHASE
1000
100
10
1
0.1
0.3
1
10
100
1000
FREQUENCY (MHz)
30
50
70
20
40
60
TIME (ns)
10
80
100
90
0.1
0.05
-0.025
0
0.025
-0.05
-0.1
VOUT = 2V
AV = +2
SOIC
30
50
70
20
40
60
TIME (ns)
10
80
100
90
0.1
0.05
-0.025
0
0.025
-0.05
-0.1
VOUT = 2V
AV = +2
SOT-23
HFA1155


Similar Part No. - HFA1155IB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1155IH96 INTERSIL-HFA1155IH96 Datasheet
253Kb / 10P
   380MHz, SOT-23, Low Power Current Feedback Operational Amplifier
logo
Renesas Technology Corp
HFA1155IH96 RENESAS-HFA1155IH96 Datasheet
515Kb / 10P
   380MHz, SOT-23, Low Power Current Feedback Operational Amplifier
More results

Similar Description - HFA1155IB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HFA1155 RENESAS-HFA1155 Datasheet
515Kb / 10P
   380MHz, SOT-23, Low Power Current Feedback Operational Amplifier
logo
Intersil Corporation
HFA1155 INTERSIL-HFA1155_04 Datasheet
253Kb / 10P
   380MHz, SOT-23, Low Power Current Feedback Operational Amplifier
HFA1150 INTERSIL-HFA1150_04 Datasheet
341Kb / 11P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
logo
Renesas Technology Corp
HFA1150 RENESAS-HFA1150 Datasheet
713Kb / 11P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
logo
Intersil Corporation
HFA1150 INTERSIL-HFA1150 Datasheet
203Kb / 13P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
March 2000
logo
Texas Instruments
OPA684 TI1-OPA684_15 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Power, Current Feedback OPERATIONAL AMPLIFIER
logo
Zarlink Semiconductor I...
ZL40120 ZARLINK-ZL40120 Datasheet
298Kb / 16P
   Low Power, Current Feedback Quad Operational Amplifier
logo
Burr-Brown (TI)
OPA658 BURR-BROWN-OPA658 Datasheet
215Kb / 13P
   Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA694IDBVRG4 TI1-OPA694IDBVRG4 Datasheet
1Mb / 28P
[Old version datasheet]   Wideband, Low-Power, Current Feedback Operational Amplifier
OPA658 TI1-OPA658 Datasheet
384Kb / 18P
[Old version datasheet]   Wideband, Low-Power, Current-Feedback Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com