Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFA1155IB96 Datasheet(PDF) 4 Page - Intersil Corporation

Part # HFA1155IB96
Description  380MHz, SOT-23, Low Power Current Feedback Operational Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA1155IB96 Datasheet(HTML) 4 Page - Intersil Corporation

  HFA1155IB96 Datasheet HTML 1Page - Intersil Corporation HFA1155IB96 Datasheet HTML 2Page - Intersil Corporation HFA1155IB96 Datasheet HTML 3Page - Intersil Corporation HFA1155IB96 Datasheet HTML 4Page - Intersil Corporation HFA1155IB96 Datasheet HTML 5Page - Intersil Corporation HFA1155IB96 Datasheet HTML 6Page - Intersil Corporation HFA1155IB96 Datasheet HTML 7Page - Intersil Corporation HFA1155IB96 Datasheet HTML 8Page - Intersil Corporation HFA1155IB96 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
Application Information
Relevant Application Notes
The following Application Notes pertain to the HFA1155:
• AN9787-An Intuitive Approach to Understanding
Current Feedback Amplifiers
• AN9420-Current Feedback Amplifier Theory and
Applications
• AN9663-Converting from Voltage Feedback to Current
Feedback Amplifiers
• AN9897-Operating the HFA1155 from 5V Single
Supply
These publications may be obtained from Intersil’s web site
(www.intersil.com) or via our AnswerFax system.
Performance Differences Between Packages
The HFA1155 is a high frequency current feedback amplifier.
As such, it is sensitive to parasitic capacitances which
influence the amplifier’s operation. The different parasitic
capacitances of the SOIC and SOT-23 packages yield
performance differences (notably bandwidth and bandwidth
related parameters) between the two devices - see Electrical
Specification tables for details.
Because of these performance differences, designers
should evaluate and breadboard with the same package
style to be used in production.
Note that some “Typical Performance Curves” have separate
graphs for each package type. Graphs not labeled with a
specific package type are applicable to both packages.
Optimum Feedback Resistor
The enclosed frequency response graphs detail the
performance of the HFA1155 in various gains. Although the
bandwidth dependency on ACL isn’t as severe as that of a
voltage feedback amplifier, there is an appreciable decrease
in bandwidth at higher gains. This decrease can be minimized
by taking advantage of the current feedback amplifier’s unique
relationship between bandwidth and RF. All current feedback
amplifiers require a feedback resistor, even for unity gain
applications, and the RF, in conjunction with the internal
compensation capacitor, sets the dominant pole of the
frequency response. Thus, the amplifier’s bandwidth is
inversely proportional to RF. The HFA1155 is optimized for
RF = 715Ω/604Ω (SOIC/SOT-23), at a gain of +2. Decreasing
RF decreases stability, resulting in excessive peaking and
overshoot (Note: Capacitive feedback causes the same
problems due to the feedback impedance decrease at higher
frequencies). At higher gains the amplifier is more stable, so
RF can be decreased in a trade-off of stability for bandwidth.
The table below lists recommended RF values for various
gains, and the expected bandwidth.
5V Single Supply Operation
This amplifier operates at single supply voltages down to
4.5V. The dramatic supply current reduction at this operating
condition (refer also to Figure 25) makes this op amp an
even better choice for low power 5V systems. Refer to
Application Note AN9897 for further information.
Driving Capacitive Loads
Capacitive loads, such as an A/D input, or an improperly
terminated transmission line will degrade the amplifier’s
phase margin resulting in frequency response peaking and
possible oscillations. In most cases, the oscillation can be
avoided by placing a resistor (RS) in series with the output
prior to the capacitance.
Figure 1 details starting points for the selection of this
resistor. The points on the curve indicate the RS and CL
combinations for the optimum bandwidth, stability, and
settling time, but experimental fine tuning is recommended.
Picking a point above or to the right of the curve yields an
overdamped response, while points below or left of the curve
indicate areas of underdamped performance.
RS and CL form a low pass network at the output, thus
limiting system bandwidth well below the amplifier bandwidth
of 380MHz/355MHz (SOIC/SOT-23, AV = +2). By decreasing
RS as CLincreases (as illustrated by the curves), the
maximum bandwidth is obtained without sacrificing stability.
In spite of this, bandwidth still decreases as the load
capacitance increases. For example, at AV = +2, RS = 30Ω,
CL = 22pF, the SOIC bandwidth is 290MHz, but the
bandwidth drops to 90MHz at AV = +2, RS = 6Ω,
CL = 390pF.
OPTIMUM FEEDBACK RESISTOR
ACL
RF (Ω)
SOIC/SOT-23
BANDWIDTH (MHz)
SOIC/SOT-23
-1
576/576
370/360
+1
453, (+RS = 348)/
453, (+RS = 221)
370/365
+2
715/604
380/355
+5
402/475
300/300
+10
182/182
230/250
HFA1155


Similar Part No. - HFA1155IB96

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1155IH96 INTERSIL-HFA1155IH96 Datasheet
253Kb / 10P
   380MHz, SOT-23, Low Power Current Feedback Operational Amplifier
logo
Renesas Technology Corp
HFA1155IH96 RENESAS-HFA1155IH96 Datasheet
515Kb / 10P
   380MHz, SOT-23, Low Power Current Feedback Operational Amplifier
More results

Similar Description - HFA1155IB96

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HFA1155 RENESAS-HFA1155 Datasheet
515Kb / 10P
   380MHz, SOT-23, Low Power Current Feedback Operational Amplifier
logo
Intersil Corporation
HFA1155 INTERSIL-HFA1155_04 Datasheet
253Kb / 10P
   380MHz, SOT-23, Low Power Current Feedback Operational Amplifier
HFA1150 INTERSIL-HFA1150_04 Datasheet
341Kb / 11P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
logo
Renesas Technology Corp
HFA1150 RENESAS-HFA1150 Datasheet
713Kb / 11P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
logo
Intersil Corporation
HFA1150 INTERSIL-HFA1150 Datasheet
203Kb / 13P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
March 2000
logo
Texas Instruments
OPA684 TI1-OPA684_15 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Power, Current Feedback OPERATIONAL AMPLIFIER
logo
Zarlink Semiconductor I...
ZL40120 ZARLINK-ZL40120 Datasheet
298Kb / 16P
   Low Power, Current Feedback Quad Operational Amplifier
logo
Burr-Brown (TI)
OPA658 BURR-BROWN-OPA658 Datasheet
215Kb / 13P
   Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA694IDBVRG4 TI1-OPA694IDBVRG4 Datasheet
1Mb / 28P
[Old version datasheet]   Wideband, Low-Power, Current Feedback Operational Amplifier
OPA658 TI1-OPA658 Datasheet
384Kb / 18P
[Old version datasheet]   Wideband, Low-Power, Current-Feedback Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com