Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFA1212 Datasheet(PDF) 10 Page - Intersil Corporation

Part # HFA1212
Description  Dual 350MHz, Low Power Closed Loop Buffer Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA1212 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button HFA1212 Datasheet HTML 2Page - Intersil Corporation HFA1212 Datasheet HTML 3Page - Intersil Corporation HFA1212 Datasheet HTML 4Page - Intersil Corporation HFA1212 Datasheet HTML 5Page - Intersil Corporation HFA1212 Datasheet HTML 6Page - Intersil Corporation HFA1212 Datasheet HTML 7Page - Intersil Corporation HFA1212 Datasheet HTML 8Page - Intersil Corporation HFA1212 Datasheet HTML 9Page - Intersil Corporation HFA1212 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time with-
out notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Die Characteristics
DIE DIMENSIONS:
69 mils x 92 mils x 19 mils
1750
µm x 2330µm x 483µm
METALLIZATION:
Type: Metal 1: AICu(2%)/TiW
Thickness: Metal 1: 8k
Å
±0.4kÅ
Type: Metal 2: AICu(2%)
Thickness: Metal 2: 16k
Å
±0.8kÅ
PASSIVATION:
Type: Nitride
Thickness: 4k
Å
±0.5kÅ
TRANSISTOR COUNT:
180
SUBSTRATE POTENTIAL (Powered Up):
Floating (Recommend Connection to V-)
Metallization Mask Layout
NC
+IN1
-IN1
V+
OUT1
NC
-IN2
OUT2
NC
NC
+IN2
NC
NC
HFA1212
V-
HFA1212


Similar Part No. - HFA1212

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1212 INTERSIL-HFA1212 Datasheet
198Kb / 12P
   Dual 350MHz, Low Power Closed Loop Buffer Amplifier
logo
Renesas Technology Corp
HFA1212 RENESAS-HFA1212 Datasheet
204Kb / 12P
   Dual 350MHz, Low Power Closed Loop Buffer Amplifier
July 2004
logo
Intersil Corporation
HFA1212/883 INTERSIL-HFA1212/883 Datasheet
36Kb / 5P
   Dual, High Speed, Low Power, Video Closed Loop Buffer
HFA1212883 INTERSIL-HFA1212883 Datasheet
36Kb / 5P
   Dual, High Speed, Low Power, Video Closed Loop Buffer
HFA1212IB INTERSIL-HFA1212IB Datasheet
198Kb / 12P
   Dual 350MHz, Low Power Closed Loop Buffer Amplifier
More results

Similar Description - HFA1212

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1212 INTERSIL-HFA1212_04 Datasheet
198Kb / 12P
   Dual 350MHz, Low Power Closed Loop Buffer Amplifier
logo
Renesas Technology Corp
HFA1212 RENESAS-HFA1212 Datasheet
204Kb / 12P
   Dual 350MHz, Low Power Closed Loop Buffer Amplifier
July 2004
logo
Intersil Corporation
HFA1115 INTERSIL-HFA1115 Datasheet
159Kb / 14P
   225MHz, Low Power, Output Limiting, Closed Loop Buffer Amplifier
September 1998
HFA1115 INTERSIL-HFA1115_04 Datasheet
402Kb / 14P
   225MHz, Low Power, Output Limiting, Closed Loop Buffer Amplifier
logo
Renesas Technology Corp
HFA1115 RENESAS-HFA1115 Datasheet
408Kb / 14P
   225MHz, Low Power, Output Limiting, Closed Loop Buffer Amplifier
July 2004
logo
National Semiconductor ...
CLC109 NSC-CLC109 Datasheet
171Kb / 6P
   Low-Power, Wideband, Closed-Loop Buffer
logo
Intersil Corporation
HFA1212883 INTERSIL-HFA1212883 Datasheet
36Kb / 5P
   Dual, High Speed, Low Power, Video Closed Loop Buffer
HFA1115883 INTERSIL-HFA1115883 Datasheet
537Kb / 5P
   High Speed, Low Power, Output Limiting Closed Loop Buffer Amplifier
logo
National Semiconductor ...
CLC110 NSC-CLC110 Datasheet
305Kb / 6P
   Wideband, Closed-Loop Monolithic Buffer Amplifier
logo
Intersil Corporation
HS-1212RH INTERSIL-HS-1212RH Datasheet
107Kb / 9P
   Radiation Hardened, Dual, High Speed Low Power, Video Closed Loop Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com