Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFA3102B96 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HFA3102B96
Description  Dual Long-Tailed Pair Transistor Array
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA3102B96 Datasheet(HTML) 1 Page - Intersil Corporation

  HFA3102B96 Datasheet HTML 1Page - Intersil Corporation HFA3102B96 Datasheet HTML 2Page - Intersil Corporation HFA3102B96 Datasheet HTML 3Page - Intersil Corporation HFA3102B96 Datasheet HTML 4Page - Intersil Corporation HFA3102B96 Datasheet HTML 5Page - Intersil Corporation HFA3102B96 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
3-449
HFA3102
Dual Long-Tailed Pair Transistor Array
The HFA3102 is an all NPN transistor array configured as
dual differential amplifiers with tail transistors. Based on
Intersil bonded wafer UHF-1 SOI process, this array
achieves very high fT (10GHz) while maintaining excellent
hFE and VBE matching characteristics over temperature.
Collector leakage currents are maintained to under 0.01nA.
Pinout/Functional Diagram
HFA3102
(SOIC)
TOP VIEW
Features
• High Gain-Bandwidth Product (fT) . . . . . . . . . . . . . 10GHz
• High Power Gain-Bandwidth Product . . . . . . . . . . . . 5GHz
• High Current Gain (hFE) . . . . . . . . . . . . . . . . . . . . . . . 70
• Noise Figure (Transistor) . . . . . . . . . . . . . . . . . . . . . 3.5dB
• Low Collector Leakage Current . . . . . . . . . . . . . <0.01nA
• Excellent hFE and VBE Matching
• Pin-to-Pin to UPA102G
Applications
• Single Balanced Mixers
• Wide Band Amplification Stages
• Differential Amplifiers
• Multipliers
• Automatic Gain Control Circuits
• Frequency Doublers, Tripplers
• Oscillators
• Constant Current Sources
• Wireless Communication Systems
• Radio and Satellite Communications
• Fiber Optic Signal Processing
• High Performance Instrumentation
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
HFA3102B
-40 to 85
14 Ld SOIC
M14.15
HFA3102B96
-40 to 85
14 Ld SOIC Tape
and Reel
M14.15
1234567
14
13
12
11
10
9
8
Q1
Q2
Q3
Q4
Q5
Q6
Data Sheet
August 1996
File Number
3635.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Copyright
© Intersil Corporation 1999


Similar Part No. - HFA3102B96

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3102B96 INTERSIL-HFA3102B96 Datasheet
208Kb / 8P
   Dual Long-Tailed Pair Transistor Array
logo
Renesas Technology Corp
HFA3102B96 RENESAS-HFA3102B96 Datasheet
391Kb / 7P
   Dual Long-Tailed Pair Transistor Array
More results

Similar Description - HFA3102B96

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3102 INTERSIL-HFA3102_05 Datasheet
208Kb / 8P
   Dual Long-Tailed Pair Transistor Array
logo
Renesas Technology Corp
HFA3102 RENESAS-HFA3102 Datasheet
391Kb / 7P
   Dual Long-Tailed Pair Transistor Array
logo
Sanyo Semicon Device
LB1741 SANYO-LB1741 Datasheet
82Kb / 4P
   Octal NPN Darlington-pair Transistor Array
logo
ADL Embedded Solutions
ALD1107 ADL-ALD1107 Datasheet
84Kb / 9P
   QUAD/DUAL P-CHANNEL MATCHED PAIR MOSFET ARRAY
2021
logo
Advanced Linear Devices
ALD1106 ALD-ALD1106_V01 Datasheet
106Kb / 11P
   QUAD/DUAL N-CHANNEL MATCHED PAIR MOSFET ARRAY
2012
ALD1106 ALD-ALD1106_12 Datasheet
124Kb / 11P
   QUAD/DUAL N-CHANNEL MATCHED PAIR MOSFET ARRAY
logo
ADL Embedded Solutions
ALD1106 ADL-ALD1106 Datasheet
82Kb / 9P
   QUAD/DUAL N-CHANNEL MATCHED PAIR MOSFET ARRAY
2021
logo
Advanced Linear Devices
ALD1107 ALD-ALD1107_12 Datasheet
126Kb / 11P
   QUAD/DUAL P-CHANNEL MATCHED PAIR MOSFET ARRAY
logo
ON Semiconductor
MC3346 ONSEMI-MC3346 Datasheet
147Kb / 5P
   General Purpose Transistor Array One Differentially Connected Pair
July, 2006 ??Rev. 2
logo
New Jersey Semi-Conduct...
MD6001 NJSEMI-MD6001 Datasheet
99Kb / 2P
   Silicon annular complementary-pair dual transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com