Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFA3424 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HFA3424
Description  2.4GHz - 2.5GHz Low Noise Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA3424 Datasheet(HTML) 1 Page - Intersil Corporation

  HFA3424 Datasheet HTML 1Page - Intersil Corporation HFA3424 Datasheet HTML 2Page - Intersil Corporation HFA3424 Datasheet HTML 3Page - Intersil Corporation HFA3424 Datasheet HTML 4Page - Intersil Corporation HFA3424 Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2-7
HFA3424
2.4GHz - 2.5GHz Low Noise Amplifier
The Intersil 2.4GHz PRISM™ chip set is
a highly integrated five-chip solution for
RF modems employing Direct
Sequence Spread Spectrum (DSSS)
signaling. The HFA3424 2.4GHz -
2.5GHz low noise amplifier is an optional chip that can be
added to the five chips in the PRISM™ chip set. The
HFA3424 offers increased sensitivity for systems targeting
802.11 specifications. (See Figure 1, the Typical Application
Diagram.)
The Intersil HFA3424 PRISM™ is a high performance low
noise amplifier in a low cost SOIC 8 lead surface mount
plastic package. The HFA3424 employs a fully monolithic
design which eliminates the need for external tuning
networks. It can be biased using 3V or 5V supplies and has
an option for biasing at higher currents for increased
dynamic range.
The HFA3424 is ideally suited for use where low noise
figure, high gain, high dynamic range and low power
consumption required. Typical applications include receiver
front ends in the Wireless Local Area Network (WLAN) and
wireless data collection markets in the 2.4GHz Industrial,
Scientific and Medical (ISM) band, as well as standard gain
blocks, buffer amps, driver amps and IF amps in both fixed
and portable systems.
Features
• Low Noise Figure . . . . . . . . . . . . . . . . . . . . . . . . . . 1.90dB
• High Gain . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .14dB
• Low Power Consumption . . . . . . . . . . . . . . 3V to 5V, 5mA
• High Dynamic Range
• DC Decoupled RF Input and Output
• No External RF Tuning Elements Necessary
• Low Cost SOIC 8 Lead Plastic Package
Applications
• Systems Targeting IEEE 802.11 Standard
• TDD Quadrature-Modulated Communication
Systems
• Wireless Local Area Networks
• PCMCIA Wireless Transceivers
• ISM Systems
• TDMA Packet Protocol Radios
• PCS/Wireless PBX
• Wireless Local Loop
Pinout
HFA3424
(SOIC)
TOP VIEW
Functional Block Diagram
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
HFA3424IB
-40 to 85
8 Ld SOIC
M8.15
HFA3424IB96
-40 to 85
Tape and Reel
GND
VBIAS
RF IN
GND
1
2
3
4
8
7
6
5
GND
VDD
RF OUT
GND
VDD
RF IN
LNA 1
RF OUT
EXTENDED
BIAS
Data Sheet
January 1997
File Number
4131.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999
PRISM® is a registered trademark of Intersil Corporation. PRISM logo is a trademark of Intersil Corporation.


Similar Part No. - HFA3424

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3421 INTERSIL-HFA3421 Datasheet
30Kb / 3P
   1.7GHz - 2.3GHz Low Noise Amplifier
September 1997
HFA3421IB INTERSIL-HFA3421IB Datasheet
30Kb / 3P
   1.7GHz - 2.3GHz Low Noise Amplifier
September 1997
HFA3421IB96 INTERSIL-HFA3421IB96 Datasheet
30Kb / 3P
   1.7GHz - 2.3GHz Low Noise Amplifier
September 1997
More results

Similar Description - HFA3424

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3925 INTERSIL-HFA3925 Datasheet
95Kb / 9P
   2.4GHz - 2.5GHz 250mW Power Amplifier
logo
Maxim Integrated Produc...
MAX2242 MAXIM-MAX2242 Datasheet
191Kb / 9P
   2.4GHz to 2.5GHz Linear Power Amplifier
19-1912; Rev 3; 11/03
logo
RF Micro Devices
RFPA5208 RFMD-RFPA5208 Datasheet
195Kb / 7P
   WiFi Power Amplifier 2.4GHz to 2.5GHz
RFPA5201E RFMD-RFPA5201E Datasheet
248Kb / 7P
   WiFi Power Amplifier 5.0V, 2.4GHz to 2.5GHz
RF2472 RFMD-RF2472 Datasheet
183Kb / 8P
   2.4GHZ LOW NOISE AMPLIFIER WITH ENABLE
RF2472 RFMD-RF2472_1 Datasheet
329Kb / 12P
   2.4GHz LOW NOISE AMPLIFIER WITH ENABLE
logo
Qorvo, Inc
RFPA5201E QORVO-RFPA5201E Datasheet
248Kb / 7P
   WiFi Power Amplifier 5.0V, 2.4GHz to 2.5GHz
logo
RF Micro Devices
RF2472 RFMD-RF2472_06 Datasheet
225Kb / 10P
   2.4GHz LOW NOISE AMPLIFIER WITH ENABLE
RF2472G RFMD-RF2472G_11 Datasheet
219Kb / 11P
   2.4GHz LOW NOISE AMPLIFIER WITH ENABLE
logo
Maxim Integrated Produc...
MAX2644 MAXIM-MAX2644 Datasheet
162Kb / 8P
   2.4GHz SiGe, High IP3 Low-Noise Amplifier
Rev 1; 11/03
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com