Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFA3421IB96 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HFA3421IB96
Description  1.7GHz - 2.3GHz Low Noise Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA3421IB96 Datasheet(HTML) 1 Page - Intersil Corporation

  HFA3421IB96 Datasheet HTML 1Page - Intersil Corporation HFA3421IB96 Datasheet HTML 2Page - Intersil Corporation HFA3421IB96 Datasheet HTML 3Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2-1
TM
File Number
4288.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil and Design is a trademark of Intersil Corporation. | Copyright
© Intersil Corporation 2000
PRISM® is a registered trademark of Intersil Corporation. PRISM logo is a trademark of Intersil Corporation.
HFA3421
1.7GHz - 2.3GHz Low Noise Amplifier
The Intersil HFA3421 PRISM® is a high
performance low noise amplifier in a
low cost SOIC 8 lead surface mount
plastic package. The HFA3421 employs
a fully monolithic design which
eliminates the need for external tuning networks. It can be
biased using 3V or 5V supplies and has an option for biasing
at higher currents for increased dynamic range.
The HFA3421 is ideally suited for use where low noise
figure, high gain, high dynamic range and low power
consumption are required. Typical applications include
receiver front ends in the Wireless Local Loop (WLL)
systems, as well as standard gain blocks, buffer amps, driver
amps and IF amps in both fixed and portable systems.
Pinout
HFA3421
(SOIC)
TOP VIEW
Features
• Low Noise Figure . . . . . . . . . . . . . . . . . . . . . . . . . . 1.65dB
• High Gain . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .20dB
• Low Power Consumption . . . . . . . . . . . . . . 3V to 5V, 8mA
• High Dynamic Range
• DC Decoupled RF Input and Output
• No External RF Tuning Elements Necessary
• Low Cost SOIC 8 Lead Plastic Package
Applications
• Wireless Local Loop
• TDD Quadrature-Modulated Communication Systems
• Wireless Local Area Networks
• PCMCIA Wireless Transceivers
• TDMA Packet Protocol Radio
• PCS/Wireless PBX
Functional Block Diagram
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
HFA3421IB
-40 to 85
8 Ld SOIC
M8.15
HFA3421IB96
-40 to 85
Tape and Reel
GND
VBIAS
RF IN
GND
1
2
3
4
8
7
6
5
GND
VDD
RF OUT
GND
VDD
RF IN
LNA 1
RF OUT
EXTENDED
BIAS
Data Sheet
September 1997


Similar Part No. - HFA3421IB96

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3424 INTERSIL-HFA3424 Datasheet
43Kb / 5P
   2.4GHz - 2.5GHz Low Noise Amplifier
January 1997
HFA3424IB INTERSIL-HFA3424IB Datasheet
43Kb / 5P
   2.4GHz - 2.5GHz Low Noise Amplifier
January 1997
HFA3424IB96 INTERSIL-HFA3424IB96 Datasheet
43Kb / 5P
   2.4GHz - 2.5GHz Low Noise Amplifier
January 1997
More results

Similar Description - HFA3421IB96

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F1421 RENESAS-F1421 Datasheet
2Mb / 17P
   RF Amplifier 1.7GHz to 2.2GHz
logo
RF Micro Devices
SZM-2166Z RFMD-SZM-2166Z Datasheet
849Kb / 21P
   2.3GHz to 2.7GHz 2W POWER AMPLIFIER
logo
American Accurate Compo...
JXWBLA-5845-6430-20 AAC-JXWBLA-5845-6430-20 Datasheet
99Kb / 1P
   Low Noise Amplifier
JXWBLA-T-0.1-100-15 AAC-JXWBLA-T-0.1-100-15 Datasheet
62Kb / 1P
   Low Noise Amplifier
JXWBLA-T-10.7-12.7-20 AAC-JXWBLA-T-10.7-12.7-20 Datasheet
56Kb / 1P
   Low Noise Amplifier
JXWBLA-T-85-115-42 AAC-JXWBLA-T-85-115-42 Datasheet
74Kb / 1P
   Low Noise Amplifier
JXWBLA-T-880-960-15 AAC-JXWBLA-T-880-960-15 Datasheet
59Kb / 1P
   Low Noise Amplifier
JXWBLA-T-1000-3000-25 AAC-JXWBLA-T-1000-3000-25 Datasheet
36Kb / 1P
   Low Noise Amplifier
JXWBLA-T-3000-3500-45 AAC-JXWBLA-T-3000-3500-45 Datasheet
37Kb / 1P
   Low Noise Amplifier
logo
Tyco Electronics
AM50-0002V7 MACOM-AM50-0002V7 Datasheet
214Kb / 5P
   Low Noise Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com