Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KB520B Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # KB520B
Description  high bright InGaN blue LED
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KB520B Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  KB520B Datasheet HTML 1Page - KODENSHI_AUK CORP. KB520B Datasheet HTML 2Page - KODENSHI_AUK CORP. KB520B Datasheet HTML 3Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AUK CORP.
KB4647B45 (KLB-520 B-08-T)
The contents of this data sheet are subject to change without advance notice for the purpose of improvement.
When using this product, would you please refer to the latest specifications.
Rev.O date: 08-AUG-11
AUK-LDM-001(A)
5. Absolute Maximums
Parameter
Symbol
Ratings
Unit
Reverse voltage
VR
5
V
Forward current
IF
30
mA
Pulse forward current
*1
IFP
0.3
A
Power dissipation
PD
105
mW
Operating temperature
Topr.
-30 ~ +85
°C
Storage temperature
Tstg.
-40 ~ +100
°C
Soldering Temperature
*2
Tsol.
260
°C
*1. IFP Measured under duty : 1/100 @ tw=10ms
*2.
For MAX.5 seconds at the position of 2mm from the package
6. Electro-Optical Characteristics (TA = 25℃)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Forward voltage
VF
IF = 20 mA
3.2
3.5
V
Reverse current
IR
VR = 5 V
-
-
50
uA
Luminous Intensity
Iv
IF = 20 mA
3
5
-
cd
Dominant Wave Length
λD
IF = 20 mA
450
-
460
nm
Spectral half bandwidth
∆λ
IF = 20 mA
-
15
-
nm
Half angle
2∆θ1/2
IF = 20 mA
-
8
-
deg.


Similar Part No. - KB520B

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KB520G KODENSHI-KB520G Datasheet
543Kb / 3P
   Transparent epoxy lens
KB520O KODENSHI-KB520O Datasheet
236Kb / 3P
   high bright InGaN blue LED
More results

Similar Description - KB520B

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KB520O KODENSHI-KB520O Datasheet
236Kb / 3P
   high bright InGaN blue LED
KB521B KODENSHI-KB521B Datasheet
264Kb / 3P
   high bright InGaN blue LED
logo
Marktech Corporate
LP379PBL1-C0G MARKTECH-LP379PBL1-C0G Datasheet
57Kb / 2P
   P4 InGaN Blue Ultra Bright LED
LC503PBL1-15Q MARKTECH-LC503PBL1-15Q Datasheet
209Kb / 2P
   5mm Blue InGaN Ultra Bright LED
LC503QBL1-30H MARKTECH-LC503QBL1-30H Datasheet
209Kb / 2P
   5mm Blue InGaN Ultra Bright LED
logo
KODENSHI_AUK CORP.
KB521G KODENSHI-KB521G Datasheet
274Kb / 3P
   high bright InGaN Green LED
logo
Marktech Corporate
LC307PBL1-30Q-A3 MARKTECH-LC307PBL1-30Q-A3 Datasheet
42Kb / 2P
   InGaN Blue Ultra Bright 3mm LED
LC503QBL1-15H-A MARKTECH-LC503QBL1-15H-A Datasheet
357Kb / 2P
   5mm Blue InGaN Ultra Bright LED
LC503QBL1-15G-A MARKTECH-LC503QBL1-15G-A Datasheet
344Kb / 2P
   5mm Blue InGaN Ultra Bright LED
LC503PBL1-30Q-A MARKTECH-LC503PBL1-30Q-A Datasheet
212Kb / 2P
   5mm Blue InGaN Ultra Bright LED
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com