Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9858 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9858
Description  1 GSPS Direct Digital Synthesizer
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9858 Datasheet(HTML) 5 Page - Analog Devices

  AD9858_15 Datasheet HTML 1Page - Analog Devices AD9858_15 Datasheet HTML 2Page - Analog Devices AD9858_15 Datasheet HTML 3Page - Analog Devices AD9858_15 Datasheet HTML 4Page - Analog Devices AD9858_15 Datasheet HTML 5Page - Analog Devices AD9858_15 Datasheet HTML 6Page - Analog Devices AD9858_15 Datasheet HTML 7Page - Analog Devices AD9858_15 Datasheet HTML 8Page - Analog Devices AD9858_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
AD9858
Rev. C | Page 5 of 32
Parameter
Temp
Test Level
Min
Typ
Max
Unit
TIMING CHARACTERISTICS
Serial Control Bus
Maximum Frequency
Full
IV
10
MHz
Minimum Clock Pulse Width Low (tPWL)
Full
IV
5.5
ns
Minimum Clock Pulse Width High (tPWH)
Full
IV
15
ns
Maximum Clock Rise/Fall Time
Full
IV
1
ns
Minimum Data Setup Time (tDS)
Full
IV
7
ns
Minimum Data Hold Time (tDH)
Full
IV
0
ns
Maximum Data Valid Time (tDV)
Full
IV
20
ns
Parallel Control Bus10
WR Minimum Low Time (tWRLOW)
Full
IV
3
ns
WR Minimum High Time (tWRHIGH)
Full
IV
6
ns
WR Minimum Period (tWR)
Full
IV
9
ns
Address to WR Setup (tASU)
Full
IV
3
ns
Address to WR Hold (tAHU)
Full
IV
0
ns
Data to WR Setup (tDSU)
Full
IV
3.5
ns
Data to WR Hold (tDHU)
Full
IV
0
ns
Miscellaneous Timing Specifications
REFCLK to SYNCLK
Full
V
2.5
ns
FUD/PS[1:0] to SYNCLK Setup Time11
Full
IV
4
ns
FUD/PS[1:0] to SYNCLK Hold Time11
Full
IV
0
ns
REFCLK to SYNCLK Delay
Full
IV
2.5
3
ns
DATA LATENCY (PIPELINE DELAY)
FTW/POW to DAC Output
25°C
IV
83
83
SYSCLK
cycles12
DFTW to DAC Output
25°C
IV
99
99
SYSCLK
cycles12
1 REFCLK input is internally dc biased. AC coupling should be used.
2 Reference clock frequency is selected to ensure that the second harmonic is out of the bandwidth of interest.
3 PD inputs set at 400 MHz with divide-by-4 enabled.
4 The charge pump current is programmable in eight discrete steps; minimum value assumes current sharing.
5 For 0.75 V < VCP < CPVDD − 0.75 V.
6 These differential inputs are internally dc biased. AC coupling should be used.
7 The charge pump supply voltage can range from 4.75 V to 5.25 V.
8 DAC output is differential open collector.
9 For 1 dB output compression; input power measured at 50 Ω.
10 See Figure 35 and Figure 36 for timing diagrams.
11 See Figure 34 for timing diagram.
12 SYSCLK = REFCLK/x, where x is 1 or 2, as set using CFR[6].


Similar Part No. - AD9858_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9858BSV AD-AD9858BSV Datasheet
1Mb / 32P
   1 GSPS Direct Digital Synthesizer
REV. A
AD9858BSVZ AD-AD9858BSVZ Datasheet
838Kb / 32P
   1 GSPS Direct Digital Synthesizer
REV. C
AD9858FDPCB AD-AD9858FDPCB Datasheet
1Mb / 32P
   1 GSPS Direct Digital Synthesizer
REV. A
AD9858PCB AD-AD9858PCB Datasheet
1Mb / 32P
   1 GSPS Direct Digital Synthesizer
REV. A
AD9858TLPCB AD-AD9858TLPCB Datasheet
1Mb / 32P
   1 GSPS Direct Digital Synthesizer
REV. A
More results

Similar Description - AD9858_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9858BSVZ AD-AD9858BSVZ Datasheet
838Kb / 32P
   1 GSPS Direct Digital Synthesizer
REV. C
AD9858 AD-AD9858 Datasheet
1Mb / 32P
   1 GSPS Direct Digital Synthesizer
REV. A
AD9912BCPZ AD-AD9912BCPZ Datasheet
649Kb / 40P
   1 GSPS Direct Digital Synthesizer with 14-Bit DAC
Rev. F
AD9912 AD-AD9912 Datasheet
113Kb / 3P
   1 GSPS Direct Digital Synthesizer w/ 14-bit DAC
Rev. F
AD9912ABCPZ AD-AD9912ABCPZ Datasheet
649Kb / 40P
   1 GSPS Direct Digital Synthesizer with 14-Bit DAC
Rev. F
AD9910 AD-AD9910 Datasheet
488Kb / 13P
   1 GSPS 14-Bit, 3.3V CMOS Direct Digital Synthesizer
Rev. PrD
AD9910 AD-AD9910_07 Datasheet
1Mb / 60P
   1 GSPS, 14-Bit, 3.3 V CMOS Direct Digital Synthesizer
REV. 0
AD9914 AD-AD9914_16 Datasheet
1Mb / 45P
   3.5 GSPS Direct Digital Synthesizer 12-Bit DAC
AD9914 AD-AD9914 Datasheet
852Kb / 48P
   3.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
REV. C
AD9915 AD-AD9915 Datasheet
877Kb / 48P
   2.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com