Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFA3665 Datasheet(PDF) 6 Page - Intersil Corporation

Part # HFA3665
Description  CDMA/AMPS Downconverter with AGC Capability
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA3665 Datasheet(HTML) 6 Page - Intersil Corporation

  HFA3665 Datasheet HTML 1Page - Intersil Corporation HFA3665 Datasheet HTML 2Page - Intersil Corporation HFA3665 Datasheet HTML 3Page - Intersil Corporation HFA3665 Datasheet HTML 4Page - Intersil Corporation HFA3665 Datasheet HTML 5Page - Intersil Corporation HFA3665 Datasheet HTML 6Page - Intersil Corporation HFA3665 Datasheet HTML 7Page - Intersil Corporation HFA3665 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Typical RF Front End AGC Application Diagram
NOTE:
5. LNA degeneration inductance built with a PC trace to ground in combination with VLNA power supply to improve IIP3. A transmission line
inductance of 1.2nH at 882MHz to a solid ground plane is typical (see Test Diagram).
2
3
4
5
6
7
1
8
9
10
11
12
13
14
AGC_CTRL
PIN_O_IBIAS1
LNA_OUT
LNA_IN
PIN_O_IBIAS2
PIN_I_GND
RX_PE
R_REF
BIAS_GND
BIAS_VCC
FM_OUT+
FM_OUT-
CDMA_OUT+
CDMA_OUT-
LO_IN
RF_RET
LO_RET
RF_IN
MIX_VCC
MIX_IND
SEL
?
0.01
HFA3665
PE
SEL
VCC
100p
RF_LO_INPUT
MIX_VCC
GND
82n
82n
8.2n
49.9k
9.53k
100p
12p
12
12
220p
49.9K
220p
VCC
15p
12p
47p
100p
13p
0.33
47p
220p
0.1
18n
15n
100p
4.7p
100p
0.33
2200p
2200p
AGC
LNA_OUT
MACOM MA4P282-1141
PIN
PIN
PIN DIODE:
R1
R2
R3
R4
R5
R6
R7
R8
C1
C2
C3
C4
C5
C6
C7
C8
C9
L1
L2
L4
L5
L6
L7
L8
L9
L10
1.5p
C13
VLNA
6.2K
6.2K
270n
270n
25.3p
25.3p
SAWTEK
855292
390n
330n
5p
6.6p
MURATA SX439A
NOTE 5
Note 1
S+M B4691
FROM
PA
DFY2RR836CR881BHHN
DUPLEXER:
LE
L11
C9
C10
C11
C12
C1
C7
8.2n
4p
4p


Similar Part No. - HFA3665

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3661 INTERSIL-HFA3661 Datasheet
45Kb / 5P
   2.0GHz to 2.7GHz DownConverter
HFA3661IA INTERSIL-HFA3661IA Datasheet
45Kb / 5P
   2.0GHz to 2.7GHz DownConverter
HFA3661IA INTERSIL-HFA3661IA Datasheet
45Kb / 5P
   2.0GHz to 2.7GHz DownConverter
HFA3661IA96 INTERSIL-HFA3661IA96 Datasheet
45Kb / 5P
   2.0GHz to 2.7GHz DownConverter
HFA3661IA96 INTERSIL-HFA3661IA96 Datasheet
45Kb / 5P
   2.0GHz to 2.7GHz DownConverter
More results

Similar Description - HFA3665

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA9502 PHILIPS-SA9502 Datasheet
256Kb / 26P
   Dual-band, CDMA/AMPS downconverter IC
1999 Mar 19
SA9500 PHILIPS-SA9500 Datasheet
150Kb / 22P
   Dual-band, CDMA/AMPS downconverter IC
1998 Aug 11
logo
Intersil Corporation
HFA3767 INTERSIL-HFA3767 Datasheet
150Kb / 6P
   130MHz CDMA/AMPS Quadrature Modulator and AGC
logo
NXP Semiconductors
SA9503 PHILIPS-SA9503 Datasheet
169Kb / 16P
   Dual-band, CDMA/AMPS LNA and downconverter mixers
1999 Jul 29
logo
RF Micro Devices
RF2456 RFMD-RF2456 Datasheet
261Kb / 8P
   CDMA/FM DOWNCONVERTER
RF2627 RFMD-RF2627 Datasheet
112Kb / 6P
   3V CDMA RECEIVE AGC AMPLIFIER
RF2607 RFMD-RF2607 Datasheet
110Kb / 8P
   CDMA/FM RECEIVE AGC AMPLIFIER
RF2609 RFMD-RF2609 Datasheet
94Kb / 8P
   CDMA/FM TRANSMIT AGC AMPLIFIER
logo
Intersil Corporation
HFA3667 INTERSIL-HFA3667 Datasheet
189Kb / 6P
   CDMA/AMPS, UpConverter with Gain Control
logo
RF Micro Devices
RF2690 RFMD-RF2690 Datasheet
259Kb / 16P
   W-CDMA RECEIVE AGC AND DEMODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com