Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFA3724IN Datasheet(PDF) 1 Page - Intersil Corporation

Part # HFA3724IN
Description  400MHz Quadrature IF Modulator/Demodulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA3724IN Datasheet(HTML) 1 Page - Intersil Corporation

  HFA3724IN Datasheet HTML 1Page - Intersil Corporation HFA3724IN Datasheet HTML 2Page - Intersil Corporation HFA3724IN Datasheet HTML 3Page - Intersil Corporation HFA3724IN Datasheet HTML 4Page - Intersil Corporation HFA3724IN Datasheet HTML 5Page - Intersil Corporation HFA3724IN Datasheet HTML 6Page - Intersil Corporation HFA3724IN Datasheet HTML 7Page - Intersil Corporation HFA3724IN Datasheet HTML 8Page - Intersil Corporation HFA3724IN Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
HFA3724
400MHz Quadrature IF
Modulator/Demodulator
The Intersil 2.4GHz PRISM™ chip set is a
highly integrated five-chip solution for RF
modems employing Direct Sequence
Spread Spectrum (DSSS) signaling. The
HFA3724 400MHz Quadrature IF
Modulator/Demodulator is one of the five chips in the PRISM™
chip set (see the Typical Application Diagram).
The HFA3724 is a highly integrated baseband converter for
quadrature modulation applications. It features all the necessary
blocks for baseband modulation and demodulation of I and Q
signals. It has a two stage integrated limiting IF amplifier with 84db
of gain with a built in Receive Signal Strength Indicator (RSSI).
Baseband antialiasing and shaping filters are integrated in the
design. Four filter bandwidths are programmable via a two bit
digital control interface. In addition, these filters are continuously
tunable over a
±20% frequency range via one external resistor. The
modulator channel receives digital I and Q data for processing. To
achieve broadband operation, the Local Oscillator frequency input
is required to be twice the desired frequency of
modulation/demodulation. A selectable buffered divide by 2 LO
output and a stable reference voltage are provided for convenience
of the user. The device is housed in a thin 80 lead TQFP package
well suited for PCMCIA board applications.
Features
• Integrates all IF Transmit and Receive Functions
• Broad Frequency Range . . . . . . . . . . . 10MHz to 400MHz
• I/Q Amplitude and Phase Balance . . . . . . . . . . . 0.2dB, 2o
• 5th Order Programmable
Low Pass Filter. . . . . . . . . . . . . . . . . . . 2.2MHz - 17.6MHz
• 400MHz Limiting IF Gain Strip with RSSI. . . . . . . . . .84dB
• Low LO Drive Level . . . . . . . . . . . . . . . . . . . . . . . -15dBm
• Fast Transmit-Receive Switching . . . . . . . . . . . . . . . . . 1
µs
• Power Management/Standby Mode
• Single Supply 2.7V to 5.5V Operation
Applications
• Systems Targeting IEEE 802.11 Standard
• TDD Quadrature-Modulated Communication Systems
• Wireless Local Area Networks
• PCMCIA Wireless Transceivers
• ISM Systems
• TDMA Packet Protocol Radios
• PCS/Wireless PBX
• Wireless Local Loop
Simplified Block Diagram
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
PKG. NO.
HFA3724IN
-40 to 85
80 Ld TQFP
Q80.14x14
HFA3724IN96
-40 to 85
Tape and Reel
0o/90o
LIM1_IN
MOD_LO_IN
MOD_TX_IF_OUT
LPF_RXQ _OUT
RSSI2
MOD_LO_OUT
RSSI1
÷2
LPF_TXI_IN
LPF_TXQ_IN
2V
REF
LPF_RXI_OUT
I
Q
LO_GND
IF
IF
M
U
X
M
U
X
Data Sheet
November 1999
File Number
4067.7
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Copyright
© Intersil Corporation 1999
PRISM® is a registered trademark of Intersil Corporation. PRISM logo is a trademark of Intersil Corporation.


Similar Part No. - HFA3724IN

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3726 INTERSIL-HFA3726 Datasheet
162Kb / 21P
   400MHz Quadrature IF Modulator/Demodulator
November 1999
HFA3726IN INTERSIL-HFA3726IN Datasheet
162Kb / 21P
   400MHz Quadrature IF Modulator/Demodulator
November 1999
HFA3726IN96 INTERSIL-HFA3726IN96 Datasheet
162Kb / 21P
   400MHz Quadrature IF Modulator/Demodulator
November 1999
More results

Similar Description - HFA3724IN

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3726 INTERSIL-HFA3726 Datasheet
162Kb / 21P
   400MHz Quadrature IF Modulator/Demodulator
November 1999
HFA3766 INTERSIL-HFA3766 Datasheet
79Kb / 11P
   400MHz AGC Quadrature IF Modulator/Demodulator
January 1999
logo
Linear Technology
LT5502 LINER-LT5502 Datasheet
237Kb / 12P
   400MHz Quadrature IF Demodulator with RSSI
LT5502 LINER-LT5502_15 Datasheet
240Kb / 12P
   400MHz Quadrature IF Demodulator with RSSI
logo
Intersil Corporation
HFA3761 INTERSIL-HFA3761 Datasheet
68Kb / 9P
   400MHz AGC and Quadrature IF Demodulator
July 1999
logo
RF Micro Devices
RF2713 RFMD-RF2713_1 Datasheet
337Kb / 16P
   QUADRATURE MODULATOR/DEMODULATOR
RF2713 RFMD-RF2713 Datasheet
135Kb / 12P
   QUADRATURE MODULATOR/DEMODULATOR
RF2713 RFMD-RF2713_06 Datasheet
177Kb / 14P
   QUADRATURE MODULATOR/DEMODULATOR
logo
Intersil Corporation
HFA3763 INTERSIL-HFA3763 Datasheet
72Kb / 10P
   400MHz Quadrature Modulator and AGC
June 1999
logo
Agilent(Hewlett-Packard...
HPMX-5002 HP-HPMX-5002 Datasheet
162Kb / 14P
   IF Modulator/Demodulator IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com