Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFA3726 Datasheet(PDF) 6 Page - Intersil Corporation

Part # HFA3726
Description  400MHz Quadrature IF Modulator/Demodulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA3726 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button HFA3726 Datasheet HTML 2Page - Intersil Corporation HFA3726 Datasheet HTML 3Page - Intersil Corporation HFA3726 Datasheet HTML 4Page - Intersil Corporation HFA3726 Datasheet HTML 5Page - Intersil Corporation HFA3726 Datasheet HTML 6Page - Intersil Corporation HFA3726 Datasheet HTML 7Page - Intersil Corporation HFA3726 Datasheet HTML 8Page - Intersil Corporation HFA3726 Datasheet HTML 9Page - Intersil Corporation HFA3726 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
6
65, 66,
67, 68,
69, 70,
71, 72,
73
GND
Ground. Connect to a solid ground plane.
74
LIM1_PE
Digital input control to enable the limiter amplifier 1. Enable logic level is High.
75
LIM1_VCC
Limiter amplifier 1 supply pin. Use high quality decoupling capacitors right at the pin.
76
LIM1_Out-
Negative output of limiter amplifier 1. Requires AC coupling.
77
LIM1_Out+
Positive output of limiter amplifier 1. Requires AC coupling.
78
GND
Ground. Connect to a solid ground plane.
79
RSSI_RL1
Load resistor to ground. Nominal value is 6k
Ω. This load is used to terminate the LIM RSSI current output and
maintain temperature and process variation to a minimum.
80
LIM1_RSSI
Current output of RSSI for the limiter amplifier 1. Connect in parallel with the RSSI output of the amplifier limiter 2
for cascaded response.
NOTES:
1. The HFA3726 generates a lower side band signal when the “I” input leads the “Q” input by 90 degrees.
2. For a reference LO frequency higher than a CW IF signal input, the “I” channel leads the “Q” channel by 90 degrees.
3. The in-phase reference LO transitions occur at the rising edges of the 2XLO signal. Quadrature LO transitions occur at the falling edges. 180
degrees phase ambiguity is expected for carrier locked systems without differential encoding.
TABLE 1. POWER MANAGEMENT
TRANSMIT
RECEIVE
POWER DOWN
LIM1_PE
0
1
0
LIM2_PE
0
1
0
LPF_RX_PE
0
1
0
MOD_RX_PE
0
1
0
MOD_TX_PE
1
0
0
LPF_TX_PE
1
0
0
Pin Description (Continued)
PIN
SYMBOL
DESCRIPTION
HFA3726


Similar Part No. - HFA3726

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3724 INTERSIL-HFA3724 Datasheet
186Kb / 24P
   400MHz Quadrature IF Modulator/Demodulator
November 1999
HFA3724IN INTERSIL-HFA3724IN Datasheet
186Kb / 24P
   400MHz Quadrature IF Modulator/Demodulator
November 1999
HFA3724IN96 INTERSIL-HFA3724IN96 Datasheet
186Kb / 24P
   400MHz Quadrature IF Modulator/Demodulator
November 1999
More results

Similar Description - HFA3726

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3724 INTERSIL-HFA3724 Datasheet
186Kb / 24P
   400MHz Quadrature IF Modulator/Demodulator
November 1999
HFA3766 INTERSIL-HFA3766 Datasheet
79Kb / 11P
   400MHz AGC Quadrature IF Modulator/Demodulator
January 1999
logo
Linear Technology
LT5502 LINER-LT5502 Datasheet
237Kb / 12P
   400MHz Quadrature IF Demodulator with RSSI
LT5502 LINER-LT5502_15 Datasheet
240Kb / 12P
   400MHz Quadrature IF Demodulator with RSSI
logo
Intersil Corporation
HFA3761 INTERSIL-HFA3761 Datasheet
68Kb / 9P
   400MHz AGC and Quadrature IF Demodulator
July 1999
logo
RF Micro Devices
RF2713 RFMD-RF2713_1 Datasheet
337Kb / 16P
   QUADRATURE MODULATOR/DEMODULATOR
RF2713 RFMD-RF2713 Datasheet
135Kb / 12P
   QUADRATURE MODULATOR/DEMODULATOR
RF2713 RFMD-RF2713_06 Datasheet
177Kb / 14P
   QUADRATURE MODULATOR/DEMODULATOR
logo
Intersil Corporation
HFA3763 INTERSIL-HFA3763 Datasheet
72Kb / 10P
   400MHz Quadrature Modulator and AGC
June 1999
logo
Agilent(Hewlett-Packard...
HPMX-5002 HP-HPMX-5002 Datasheet
162Kb / 14P
   IF Modulator/Demodulator IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com