Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9878 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9878
Description  Mixed-Signal Front End for Broadband Applications
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9878 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9878_15 Datasheet HTML 4Page - Analog Devices AD9878_15 Datasheet HTML 5Page - Analog Devices AD9878_15 Datasheet HTML 6Page - Analog Devices AD9878_15 Datasheet HTML 7Page - Analog Devices AD9878_15 Datasheet HTML 8Page - Analog Devices AD9878_15 Datasheet HTML 9Page - Analog Devices AD9878_15 Datasheet HTML 10Page - Analog Devices AD9878_15 Datasheet HTML 11Page - Analog Devices AD9878_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
AD9878
Rev. A | Page 8 of 36
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
100
99
98
97
96
95
94
93
92
91
90
89
88
87
86
85
84
83
82
81
80
79
78
77
76
REFT10
75
REFB10
74
AGND10
73
AVDD10
72
DRVDD
71
DRGND
70
REFCLK
69
SIGDELT
68
FLAG1
67
FLAG2
66
CA_EN
65
CA_DATA
64
CA_CLK
63
DVDDOSC
62
OSCIN
61
XTAL
60
DGNDOSC
59
AGNDPLL
58
PLLFILT
57
AVDDPLL
56
DVDDPLL
55
DGNDPLL
54
AVDDTx
53
Tx+
52
Tx–
51
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
DRGND
1
DRVDD
2
(MSB) IF12(11)
3
IF12(10)
4
IF12(9)
5
IF12(8)
6
IF12(7)
7
IF12(6)
8
IF12(5)
9
IF12(4) 10
IF12(3) 11
IF12(2) 12
IF12(1) 13
IF12(0) 14
(MSB) IF10(4) 15
IF10(3) 16
IF10(2) 17
IF10(1) 18
IF10(0) 19
RxSYNC 20
DRGND 21
DRVDD 22
MCLK 23
DVDD 24
DGND 25
AD9878
TOP VIEW
(Not to Scale)
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Descriptions
1, 21, 70
DRGND
Pin Driver Digital Ground
2, 22, 71
DRVDD
Pin Driver Digital 3.3 V Supply
3
(MSB) IF12(11)
12-Bit ADC Digital Ouput
4 to 14
IF12[10:0]
12-Bit ADC Digital Ouput
15
(MSB) IF10(4)
10-Bit ADC Digital Ouput
16 to 19
IF10[3:0]
10-Bit ADC Digital Ouput
20
RxSYNC
Sync Output, 10-Bit and 12-Bit ADCs
23
MCLK
Master Clock Output
24, 33, 35, 39
DVDD
Digital 3.3 V Supply
25, 34, 36, 40
DGND
Digital Ground
26
TxSYNC
Sync Input for Transmit Port
27
(MSB) TxIQ(5)
Digital Input for Transmit Port
28 to 32
TxIQ[4:0]
Digital Input for Transmit Port
37
PROFILE
Profile Selection Input
38
RESET
Chip Reset Input
41
SCLK
SPORT Clock
42
CS
SPORT Chip Select
43
SDIO
SPORT Data I/O


Similar Part No. - AD9878_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9878-EB AD-AD9878-EB Datasheet
749Kb / 36P
   Mixed-Signal Front End for Broadband Applications
REV. A
AD9878BST AD-AD9878BST Datasheet
749Kb / 36P
   Mixed-Signal Front End for Broadband Applications
REV. A
AD9878BSTZ AD-AD9878BSTZ Datasheet
749Kb / 36P
   Mixed-Signal Front End for Broadband Applications
REV. A
More results

Similar Description - AD9878_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9878 AD-AD9878 Datasheet
749Kb / 36P
   Mixed-Signal Front End for Broadband Applications
REV. A
AD9863 AD-AD9863_15 Datasheet
997Kb / 40P
   Mixed-Signal Front-End Baseband Transceiver for Broadband Applications
REV. A
AD9861 AD-AD9861_15 Datasheet
1Mb / 52P
   Mixed-Signal Front-End Baseband Transceiver for Broadband Applications
REV. 0
AD9863 AD-AD9863 Datasheet
997Kb / 40P
   Mixed-Signal Front-End (MxFE?? Baseband Transceiver for Broadband Applications
REV. A
AD9863-50EBZ AD-AD9863-50EBZ Datasheet
997Kb / 40P
   Mixed-Signal Front-End (MxFE) Baseband Transceiver for Broadband Applications
REV. A
AD9861 AD-AD9861 Datasheet
1Mb / 52P
   Mixed-Signal Front-End (MxFE?? Baseband Transceiver for Broadband Applications
Rev. 0
AD9861BCPZ-50 AD-AD9861BCPZ-50 Datasheet
1Mb / 52P
   Mixed-Signal Front-End (MxFE) Baseband Transceiver for Broadband Applications
REV. 0
AD9865 AD-AD9865 Datasheet
1Mb / 48P
   Broadband Modem Mixed-Signal Front End
REV. A
AD9975 AD-AD9975_15 Datasheet
1Mb / 20P
   Broadband Modem Mixed-Signal Front End
REV. 0
AD9865 AD-AD9865_15 Datasheet
1Mb / 48P
   Broadband Modem Mixed-Signal Front End
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com