Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFA3726IN96 Datasheet(PDF) 5 Page - Intersil Corporation

Part # HFA3726IN96
Description  400MHz Quadrature IF Modulator/Demodulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA3726IN96 Datasheet(HTML) 5 Page - Intersil Corporation

  HFA3726IN96 Datasheet HTML 1Page - Intersil Corporation HFA3726IN96 Datasheet HTML 2Page - Intersil Corporation HFA3726IN96 Datasheet HTML 3Page - Intersil Corporation HFA3726IN96 Datasheet HTML 4Page - Intersil Corporation HFA3726IN96 Datasheet HTML 5Page - Intersil Corporation HFA3726IN96 Datasheet HTML 6Page - Intersil Corporation HFA3726IN96 Datasheet HTML 7Page - Intersil Corporation HFA3726IN96 Datasheet HTML 8Page - Intersil Corporation HFA3726IN96 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
5
35
Mod_RXQ+
Quadrature demodulator positive output. AC coupling is required. Normally connects to the non inverting input of
the Low pass filter (LPF_RXQ+), pin 28.
36
Mod_RXQ-
Quadrature demodulator negative output. AC coupling is required. Normally connects to the inverting input of the
Low pass filter (LPF_RXQ+), pin 27.
37
Mod_TXI+
In phase modulator non inverting input. AC coupling is required. This input is normally coupled to the Low pass
filter positive output (LPF_TXI+), pin 26.
38
Mod_TXI-
In phase modulator inverting input. AC coupling is required. This input is normally coupled to the Low pass filter
negative output (LPF_TXI-), pin 25.
39
Mod_TXQ+
Quadrature modulator non inverting input. AC coupling is required. This input is normally coupled to the Low pass
filter positive output (LPF_TXQ+), pin 24.
40
Mod_TXQ-
Quadrature modulator inverting input. AC coupling is required. This input is normally coupled to the Low pass filter
negative output (LPF_TXQ-), pin 23.
41
Mod_TX_PE
Digital input control to enable the Modulator section. Enable logic level is High for transmit.
42
Mod_TX_IF_Out
Modulator open collector output, single ended. Termination resistor to VCC with a typical value of 316Ω.
43
Mod_RX_PE
Digital input control to enable the demodulator section. Enable logic level is High for receive.
44
Mod_LO_In
(2XLO)
Single ended local oscillator current input. Frequency of input signal must be twice the required modulator carrier
and demodulator LO frequency. Input current is optimum at 200
µARMS. Input matching networks and filters can
be designed for a wide range of power and impedances at this port. Typical input impedance is 130
Ω. This pin
requires AC coupling. (Note 3)
NOTE: High second harmonic content input waveforms may degrade I/Q phase accuracy.
45
Mod_VCC
Modulator/Demodulator supply pin. Use high quality decoupling capacitors right at the pin.
46
Mod_LO_Out
Divide by 2 buffered output reference from “Mod_LO_in” input. Used for external applications where the modulating
and demodulating carrier reference frequency is required. 50
Ω single end driving capability.This output can be
disabled by use of pin 50. AC coupling is required, otherwise tie to VCC.
47
Mod_VCC
Modulator/Demodulator supply pin. Use high quality decoupling capacitors right at the pin.
48
Mod_IF_In+
Demodulator non inverting input. Requires AC coupling.
49
Mod_IF In-
Demodulator inverting input. Requires AC coupling.
50
LO_GND
When grounded, this pin enables the LO buffer (Mod_LO_Out). When open (NC) it disables the LO buffer.
51, 52,
53
GND
Ground. Connect to a solid ground plane.
54
LIM2_PE
Digital input control to enable the limiter amplifier 2. Enable logic level is High.
55
LIM2_VCC
Limiter amplifier 2 supply pin. Use high quality decoupling capacitors right at the pin.
56
LIM2_Out-
Positive output of limiter amplifier 2. Requires AC coupling.
57
LIM2_Out+
Negative output of limiter amplifier 2. Requires AC coupling.
58
GND
Ground. Connect to a solid ground plane.
59
RSSI_RL2
Load resistor to ground. Nominal value is 6k
Ω. This load is used to terminate the LIM RSSI current output and
maintain temperature and process variation to a minimum.
60
LIM2_RSSI
Current output of RSSI for the limiter amplifier 2. Connect in parallel with the RSSI output of the amplifier limiter 1
for cascaded response.
61
LIM2_BYP+
DC feedback pin for Limiter amplifier 2. Requires good decoupling and minimum wire length to a solid signal
ground.
62
LIM2_In+
Non inverting analog input of Limiter amplifier 2.
63
LIM2_In-
Inverting input of Limiter amplifier 2.
64
LIM2_BYP-
DC feedback pin for Limiter amplifier 2. Requires good decoupling and minimum wire length to a solid signal
ground.
Pin Description (Continued)
PIN
SYMBOL
DESCRIPTION
HFA3726


Similar Part No. - HFA3726IN96

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3724 INTERSIL-HFA3724 Datasheet
186Kb / 24P
   400MHz Quadrature IF Modulator/Demodulator
November 1999
HFA3724IN INTERSIL-HFA3724IN Datasheet
186Kb / 24P
   400MHz Quadrature IF Modulator/Demodulator
November 1999
HFA3724IN96 INTERSIL-HFA3724IN96 Datasheet
186Kb / 24P
   400MHz Quadrature IF Modulator/Demodulator
November 1999
More results

Similar Description - HFA3726IN96

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3724 INTERSIL-HFA3724 Datasheet
186Kb / 24P
   400MHz Quadrature IF Modulator/Demodulator
November 1999
HFA3766 INTERSIL-HFA3766 Datasheet
79Kb / 11P
   400MHz AGC Quadrature IF Modulator/Demodulator
January 1999
logo
Linear Technology
LT5502 LINER-LT5502 Datasheet
237Kb / 12P
   400MHz Quadrature IF Demodulator with RSSI
LT5502 LINER-LT5502_15 Datasheet
240Kb / 12P
   400MHz Quadrature IF Demodulator with RSSI
logo
Intersil Corporation
HFA3761 INTERSIL-HFA3761 Datasheet
68Kb / 9P
   400MHz AGC and Quadrature IF Demodulator
July 1999
logo
RF Micro Devices
RF2713 RFMD-RF2713_1 Datasheet
337Kb / 16P
   QUADRATURE MODULATOR/DEMODULATOR
RF2713 RFMD-RF2713 Datasheet
135Kb / 12P
   QUADRATURE MODULATOR/DEMODULATOR
RF2713 RFMD-RF2713_06 Datasheet
177Kb / 14P
   QUADRATURE MODULATOR/DEMODULATOR
logo
Intersil Corporation
HFA3763 INTERSIL-HFA3763 Datasheet
72Kb / 10P
   400MHz Quadrature Modulator and AGC
June 1999
logo
Agilent(Hewlett-Packard...
HPMX-5002 HP-HPMX-5002 Datasheet
162Kb / 14P
   IF Modulator/Demodulator IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com