Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9882 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9882
Description  Dual Interface for Flat Panel Displays
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9882 Datasheet(HTML) 3 Page - Analog Devices

  AD9882_15 Datasheet HTML 1Page - Analog Devices AD9882_15 Datasheet HTML 2Page - Analog Devices AD9882_15 Datasheet HTML 3Page - Analog Devices AD9882_15 Datasheet HTML 4Page - Analog Devices AD9882_15 Datasheet HTML 5Page - Analog Devices AD9882_15 Datasheet HTML 6Page - Analog Devices AD9882_15 Datasheet HTML 7Page - Analog Devices AD9882_15 Datasheet HTML 8Page - Analog Devices AD9882_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
REV. A
AD9882
–3–
Test
AD9882KST-100
AD9882KST-140
Parameter
Temp Level
Min
Typ
Max
Min
Typ
Max
Unit
POWER SUPPLY
1
VD Supply Voltage
Full
IV
3.15
3.3
3.45
3.15
3.3
3.45
V
VDD Supply Voltage
Full
IV
2.2
3.3
3.6
2.20
3.3
3.6
V
PVD Supply Voltage
Full
IV
3.15
3.3
3.45
3.15
3.3
3.45
V
ID Supply Current (VD)25
∞CV
162
181
mA
IDD Supply Current (VDD)
3
25
∞CV
47
63
mA
IPVD Supply Current (PVD)25
∞CV
19
21
mA
Total Supply Current
Full
VI
228
237
265
274
mA
Power-Down Supply Current
Full
VI
30
35
30
35
mA
DYNAMIC PERFORMANCE
Analog Bandwidth, Full Power
25
∞CV
300
300
MHz
Signal-to-Noise Ratio (SNR)
25
∞CV
44
43
dB
fIN = 2.3 MHz
Crosstalk
Full
V
55
55
dBc
THERMAL CHARACTERISTICS
JA Junction-to-Ambient
4
V43
43
∞C/W
NOTES
1Drive Strength = 11.
2VCO Range = 10, Charge Pump Current = 110, PLL Divider = 1693.
3DATACK Load = 15 pF, Data Load = 5 pF.
4Simulated typical performance with package mounted to a four-layer board.
Specifications subject to change without notice.


Similar Part No. - AD9882_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9882/PCB AD-AD9882/PCB Datasheet
370Kb / 36P
   Dual Interface for Flat Panel Displays
REV. A
AD9882A AD-AD9882A Datasheet
984Kb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9882A/PCB AD-AD9882A/PCB Datasheet
984Kb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9882AKSTZ-100 AD-AD9882AKSTZ-100 Datasheet
984Kb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9882AKSTZ-140 AD-AD9882AKSTZ-140 Datasheet
984Kb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
More results

Similar Description - AD9882_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9887 AD-AD9887_15 Datasheet
1Mb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9887 AD-AD9887 Datasheet
321Kb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9882 AD-AD9882 Datasheet
370Kb / 36P
   Dual Interface for Flat Panel Displays
REV. A
AD9882A AD-AD9882A_15 Datasheet
985Kb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9882A AD-AD9882A Datasheet
984Kb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9887A AD-AD9887A Datasheet
384Kb / 44P
   Dual Interface for Flat Panel Displays
REV. 0
AD9886 AD-AD9886 Datasheet
248Kb / 32P
   Analog Interface for Flat Panel Displays
REV. 0
AD9886 AD-AD9886_15 Datasheet
248Kb / 32P
   Analog Interface for Flat Panel Displays
REV. 0
AD9883 AD-AD9883 Datasheet
177Kb / 24P
   110 MSPS Analog Interface for Flat Panel Displays
REV. 0
AD9887A AD-AD9887A_15 Datasheet
918Kb / 52P
   Dual Interface for Flat Panel Display
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com