Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT742540TPYB Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT742540TPYB
Description  FAST CMOS OCTAL BUFFER/LINE DRIVERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT742540TPYB Datasheet(HTML) 6 Page - Integrated Device Technology

  IDT742540TPYB Datasheet HTML 1Page - Integrated Device Technology IDT742540TPYB Datasheet HTML 2Page - Integrated Device Technology IDT742540TPYB Datasheet HTML 3Page - Integrated Device Technology IDT742540TPYB Datasheet HTML 4Page - Integrated Device Technology IDT742540TPYB Datasheet HTML 5Page - Integrated Device Technology IDT742540TPYB Datasheet HTML 6Page - Integrated Device Technology IDT742540TPYB Datasheet HTML 7Page - Integrated Device Technology IDT742540TPYB Datasheet HTML 8Page - Integrated Device Technology IDT742540TPYB Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
IDT54/74FCT240/244T/AT/CT/DT - 2240/2244T/AT/CT, IDT54/74FCT540/541/2541T/AT/CT
FAST CMOS OCTAL BUFFER/LINE DRIVER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
6.8
6
SWITCHING CHARACTERISTICS OVER OPERATING RANGE FOR FCT240/2240T
2565 tbl 09
2565 tbl 10
SWITCHING CHARACTERISTICS OVER OPERATING RANGE FOR FCT244/2244T
2565 tbl 11
NOTES:
1. See test circuit and waveforms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
2565 tbl 12
FCT240T
FCT2240T
FCT240AT
FCT2240AT
Com'l.
Mil.
Com'l.
Mil.
Symbol
Parameter
Condition(1)
Min.(2)
Max.
Min.(2)
Max.
Min.(2)
Max.
Min.(2)
Max.
Unit
tPLH
tPHL
Propagation Delay
DN to
ON
CL = 50pF
RL = 500
1.5
8.0
1.5
9.0
1.5
4.8
1.5
5.1
ns
tPZH
tPZL
Output Enable Time
1.5
10.0
1.5
10.5
1.5
6.2
1.5
6.5
ns
tPHZ
tPLZ
Output Disable Time
1.5
9.5
1.5
10.0
1.5
5.6
1.5
5.9
ns
FCT240CT
FCT2240CT
FCT240DT
Com'l.
Mil.
Com'l.
Mil.
Symbol
Parameter
Condition(1)
Min.(2)
Max.
Min.(2)
Max.
Min.(2)
Max.
Min.(2)
Max.
Unit
tPLH
tPHL
Propagation Delay
DN to
ON
CL = 50pF
RL = 500
1.5
4.3
1.5
4.7
1.5
3.6
ns
tPZH
tPZL
Output Enable Time
1.5
5.8
1.5
6.5
1.5
4.8
ns
tPHZ
tPLZ
Output Disable Time
1.5
5.2
1.5
5.7
1.5
4.0
ns
FCT244T
FCT2244T
FCT244AT
FCT2244AT
Com'l.
Mil.
Com'l.
Mil.
Symbol
Parameter
Condition(1)
Min.(2)
Max.
Min.(2)
Max.
Min.(2)
Max.
Min.(2)
Max.
Unit
tPLH
tPHL
Propagation Delay
DN to ON
CL = 50pF
RL = 500
1.5
6.5
1.5
7.0
1.5
4.8
1.5
5.1
ns
tPZH
tPZL
Output Enable Time
1.5
8.0
1.5
8.5
1.5
6.2
1.5
6.5
ns
tPHZ
tPLZ
Output Disable Time
1.5
7.0
1.5
7.5
1.5
5.6
1.5
5.9
ns
FCT244CT
FCT2244CT
FCT244DT
Com'l.
Mil.
Com'l.
Mil.
Symbol
Parameter
Condition(1)
Min.(2)
Max.
Min.(2)
Max.
Min.(2)
Max.
Min.(2)
Max.
Unit
tPLH
tPHL
Propagation Delay
DN to ON
CL = 50pF
RL = 500
1.5
4.1
1.5
4.6
1.5
3.6
ns
tPZH
tPZL
Output Enable Time
1.5
5.8
1.5
6.5
1.5
4.8
ns
tPHZ
tPLZ
Output Disable Time
1.5
5.2
1.5
5.7
1.5
4.0
ns


Similar Part No. - IDT742540TPYB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74541 IDT-IDT74541 Datasheet
230Kb / 9P
   FAST CMOS OCTAL BUFFER/LINE DRIVERS
DECEMBER 1995
IDT74541APG IDT-IDT74541APG Datasheet
68Kb / 6P
   3.3V CMOS OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
IDT74541APY IDT-IDT74541APY Datasheet
68Kb / 6P
   3.3V CMOS OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
IDT74541AQ IDT-IDT74541AQ Datasheet
68Kb / 6P
   3.3V CMOS OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
IDT74541ASO IDT-IDT74541ASO Datasheet
68Kb / 6P
   3.3V CMOS OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
More results

Similar Description - IDT742540TPYB

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT244T PERICOM-PI74FCT244T Datasheet
434Kb / 7P
   Fast CMOS Octal Buffer/Line Drivers
logo
Integrated Device Techn...
74541 IDT-74541 Datasheet
230Kb / 9P
   FAST CMOS OCTAL BUFFER/LINE DRIVERS
DECEMBER 1995
logo
Pericom Semiconductor C...
PI74FCT240T PERICOM-PI74FCT240T Datasheet
135Kb / 6P
   Fast CMOS Octal Buffer/Line Drivers
PI74FCT244T PERICOM-PI74FCT244T_06 Datasheet
730Kb / 8P
   Fast CMOS Octal Buffer/Line Drivers
PI74FCT162541 PERICOM-PI74FCT162541 Datasheet
61Kb / 6P
   Fast CMOS 16-Bit Octal Buffer/Line Drivers
logo
Integrated Device Techn...
74FCT2244T IDT-74FCT2244T Datasheet
52Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT540AT IDT-IDT74FCT540AT_06 Datasheet
71Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT540AT IDT-IDT74FCT540AT_16 Datasheet
78Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
logo
Texas Instruments
CD54AC240 TI1-CD54AC240_16 Datasheet
1Mb / 17P
[Old version datasheet]   Octal Buffer Line Drivers
logo
Integrated Device Techn...
IDT74FCT240 IDT-IDT74FCT240 Datasheet
155Kb / 8P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com