Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFA3824A Datasheet(PDF) 9 Page - Intersil Corporation

Part # HFA3824A
Description  Direct Sequence Spread Spectrum Baseband Processor
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA3824A Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HFA3824A Datasheet HTML 5Page - Intersil Corporation HFA3824A Datasheet HTML 6Page - Intersil Corporation HFA3824A Datasheet HTML 7Page - Intersil Corporation HFA3824A Datasheet HTML 8Page - Intersil Corporation HFA3824A Datasheet HTML 9Page - Intersil Corporation HFA3824A Datasheet HTML 10Page - Intersil Corporation HFA3824A Datasheet HTML 11Page - Intersil Corporation HFA3824A Datasheet HTML 12Page - Intersil Corporation HFA3824A Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
2-107
CR30
RX-SQ2_ ACQ (High) Threshold
R/W
78
CR31
RX-SQ2- ACQ (Low) Threshold
R/W
7C
CR32
RX-SQ2_ ACQ (High) Read
R
80
CR33
RX-SQ2_ ACQ (Low) Read
R
84
CR34
RX-SQ2_Data (High) Threshold
R/W
88
CR35
RX-SQ2_Data (Low) Threshold
R/W
8C
CR36
RX-SQ2_Data (High) Read
R
90
CR37
RX-SQ2_Data (Low) Read
R
94
CR38
RX_SQ_Read; Full Protocol
R
98
CR39
Modem Configuration Register E
R/W
9C
CR40
Reserved (must load 00h)
W
A0
CR41
UW_Time Out_Length
R/W
A4
CR42
SIG_DBPSK Field
R/W
A8
CR43
SIG_DQPSK Field
R/W
AC
CR44
RX_SER_Field
R
B0
CR45
RX_LEN Field (High)
R
B4
CR46
RX_LEN Field (Low)
R
B8
CR47
RX_CRC16 (High)
R
BC
CR48
RX_CRC16 (Low)
R
C0
CR49
UW (High)
R/W
C4
CR50
UW (Low)
R/W
C8
CR51
TX_SER_F
R/W
CC
CR52
TX_LEN (High)
R/W
D0
CR53
TX_LEN (LOW)
R/W
D4
CR54
TX_CRC16 (HIGH)
R
D8
CR55
TX_CRC16 (LOW)
R
DC
CR56
TX_PREM_LEN
R/W
E0
TABLE 1. CONFIGURATION AND CONTROL INTERNAL REGISTER LIST (CONTINUED)
CONFIGURATION
REGISTER
NAME
TYPE
REGISTER
ADDRESS HEX
HFA3824A


Similar Part No. - HFA3824A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3841 INTERSIL-HFA3841 Datasheet
211Kb / 27P
   Wireless LAN Medium Access Controller
January 2000
HFA3841CN INTERSIL-HFA3841CN Datasheet
211Kb / 27P
   Wireless LAN Medium Access Controller
January 2000
HFA3841CN96 INTERSIL-HFA3841CN96 Datasheet
211Kb / 27P
   Wireless LAN Medium Access Controller
January 2000
HFA3842 INTERSIL-HFA3842 Datasheet
512Kb / 26P
   Wireless LAN Medium Access Controller
HFA3842A INTERSIL-HFA3842A Datasheet
528Kb / 27P
   PCMCIA/USB Wireless LAN Medium Access Controller
More results

Similar Description - HFA3824A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3861B INTERSIL-HFA3861B Datasheet
733Kb / 36P
   Direct Sequence Spread Spectrum Baseband Processor
February 2002
HFA3863 INTERSIL-HFA3863 Datasheet
305Kb / 39P
   Direct Sequence Spread Spectrum Baseband Processor
logo
Harris Corporation
HSP3824 HARRIS-HSP3824 Datasheet
276Kb / 41P
   Direct Sequence Spread Spectrum Baseband Processor
logo
Intersil Corporation
HFA3860B INTERSIL-HFA3860B Datasheet
272Kb / 40P
   Direct Sequence Spread Spectrum Baseband Processor
HFA3861 INTERSIL-HFA3861 Datasheet
218Kb / 35P
   Direct Sequence Spread Spectrum Baseband Processor
July 1999
HFA3860A INTERSIL-HFA3860A Datasheet
251Kb / 39P
   Direct Sequence Spread Spectrum Baseband
November 1998
HFA3860 INTERSIL-HFA3860 Datasheet
250Kb / 40P
   11 Mbps Direct Sequence Spread Spectrum Baseband Processor
July 1998
HFA3861A INTERSIL-HFA3861A Datasheet
440Kb / 37P
   Direct Sequence Spread Spectrum Baseband Processo
logo
List of Unclassifed Man...
TRW-24DSMCU ETC2-TRW-24DSMCU Datasheet
498Kb / 8P
   2.4G Direct Sequence Spread Spectrum RF Module
TRW-24DSSS ETC2-TRW-24DSSS Datasheet
781Kb / 4P
   2.4GHz Direct Sequence Spread Spectrum RF Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com