Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HGT1S20N60B3S Datasheet(PDF) 2 Page - Intersil Corporation

Part # HGT1S20N60B3S
Description  40A, 600V, UFS Series N-Channel IGBTs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HGT1S20N60B3S Datasheet(HTML) 2 Page - Intersil Corporation

  HGT1S20N60B3S Datasheet HTML 1Page - Intersil Corporation HGT1S20N60B3S Datasheet HTML 2Page - Intersil Corporation HGT1S20N60B3S Datasheet HTML 3Page - Intersil Corporation HGT1S20N60B3S Datasheet HTML 4Page - Intersil Corporation HGT1S20N60B3S Datasheet HTML 5Page - Intersil Corporation HGT1S20N60B3S Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Absolute Maximum Ratings TC = 25oC, Unless Otherwise Specified
HGT1S20N60B3S
HGTP20N60B3
HGTG20N60B3
UNITS
Collector to Emitter Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .BVCES
600
V
Collector to Gate Voltage, RGE = 1MΩ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . BVCGR
600
V
Collector Current Continuous
At TC = 25
oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . I
C25
40
A
At TC = 110
oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . I
C110
20
A
Collector Current Pulsed (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ICM
160
A
Gate to Emitter Voltage Continuous. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VGES
±20
V
Gate to Emitter Voltage Pulsed . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VGEM
±30
V
Switching Safe Operating Area at TC = 150
oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . SSOA
30A at 600V
Power Dissipation Total at TC = 25
oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . P
D
165
W
Power Dissipation Derating TC > 25
oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
1.32
W/oC
Operating and Storage Junction Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . TJ,TSTG
-40 to 150
oC
Maximum Temperature for Soldering
Leads at 0.063in (1.6mm) from Case for 10s . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TL
Package Body for 10s, see Tech Brief 334. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .Tpkg
300
260
oC
oC
Short Circuit Withstand Time (Note 2) at VGE = 15V. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .tSC
4
µs
Short Circuit Withstand Time (Note 2) at VGE = 10V. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .tSC
10
µs
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. Repetitive Rating: Pulse width limited by maximum junction temperature.
2. VCE = 360V, TC = 125
oC, R
G = 25Ω.
Electrical Specifications
TC = 25
oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Collector to Emitter Breakdown Voltage
BVCES
IC = 250µA, VGE = 0V
600
-
-
V
Collector to Emitter Leakage Current
ICES
VCE = BVCES
TC = 25
oC
-
-
250
µA
TC = 150
oC
-
-
1.0
mA
Collector to Emitter Saturation Voltage
VCE(SAT)
IC = IC110, VGE = 15V
TC = 25
oC
-
1.8
2.0
V
TC = 150
oC
-
2.1
2.5
V
Gate to Emitter Threshold Voltage
VGE(TH)
IC = 250µA, VCE = VGE
3.0
5.0
6.0
V
Gate to Emitter Leakage Current
IGES
VGE = ±20V
-
-
±100
nA
Switching SOA
SSOA
TC = 150
oC, V
GE =
15V, RG = 10Ω, L =
45
µH
VCE = 480V
100
-
-
A
VCE = 600V
30
-
-
A
Gate to Emitter Plateau Voltage
VGEP
IC = IC110, VCE = 0.5 BVCES
-
8.0
-
V
On-State Gate Charge
QG(ON)
IC = IC110,
VCE = 0.5 BVCES
VGE = 15V
-
80
105
nC
VGE = 20V
-
105
135
nC
Current Turn-On Delay Time
td(ON)I
TC = 150
oC
ICE = IC110
VCE = 0.8 BVCES
VGE = 15V
RG = 10Ω
L = 100
µH
-25-
ns
Current Rise Time
trI
-20-
ns
Current Turn-Off Delay Time
td(OFF)I
-
220
275
ns
Current Fall Time
tfI
-
140
175
ns
Turn-On Energy
EON
-
475
-
µJ
Turn-Off Energy (Note 3)
EOFF
-
1050
-
µJ
Thermal Resistance
RθJC
-
-
0.76
oC/W
NOTE:
3. Turn-Off Energy Loss (EOFF) is defined as the integral of the instantaneous power loss starting at the trailing edge of the input pulse and ending
at the point where the collector current equals zero (ICE = 0A). The HGT1S20N60B3S, HGTP20N60B3 and HGTG20N60B3 were tested per
JEDEC standard No. 24-1 Method for Measurement of Power Device Turn-Off Switching Loss. This test method produces the true total Turn-
Off Energy Loss. Turn-On losses include diode losses.
HGT1S20N60B3S, HGTP20N60B3, HGTG20N60B3


Similar Part No. - HGT1S20N60B3S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HGT1S20N60B3S FAIRCHILD-HGT1S20N60B3S Datasheet
138Kb / 6P
   40A, 600V, UFS Series N-Channel IGBTs
More results

Similar Description - HGT1S20N60B3S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HGT1S20N60B3S FAIRCHILD-HGT1S20N60B3S Datasheet
138Kb / 6P
   40A, 600V, UFS Series N-Channel IGBTs
HGTG20N60B3 FAIRCHILD-HGTG20N60B3 Datasheet
223Kb / 7P
   40A, 600V, UFS Series N-Channel IGBTs
HGTG20N60C3R FAIRCHILD-HGTG20N60C3R Datasheet
107Kb / 6P
   40A, 600V, Rugged UFS Series N-Channel IGBTs
logo
Harris Corporation
HGTD3N60C3 HARRIS-HGTD3N60C3 Datasheet
227Kb / 9P
   6A, 600V, UFS Series N-Channel IGBTs
logo
Intersil Corporation
HGTD3N60C3S INTERSIL-HGTD3N60C3S Datasheet
243Kb / 6P
   6A, 600V, UFS Series N-Channel IGBTs
January 2000
logo
Harris Corporation
HGTD7N60C3 HARRIS-HGTD7N60C3 Datasheet
153Kb / 6P
   14A, 600V, UFS Series N-Channel IGBTs
logo
Fairchild Semiconductor
HGTG12N60B3 FAIRCHILD-HGTG12N60B3 Datasheet
247Kb / 8P
   27A, 600V, UFS Series N-Channel IGBTs
HGTP12N60C3 FAIRCHILD-HGTP12N60C3 Datasheet
131Kb / 7P
   24A, 600V, UFS Series N-Channel IGBTs
logo
Intersil Corporation
HGTD7N60C3S INTERSIL-HGTD7N60C3S Datasheet
144Kb / 7P
   14A, 600V, UFS Series N-Channel IGBTs
January 2000
HGTP12N60B3 INTERSIL-HGTP12N60B3 Datasheet
112Kb / 7P
   27A, 600V, UFS Series N-Channel IGBTs
January 2000
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com