Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KP5630W5AD29 Datasheet(PDF) 6 Page - KODENSHI_AUK CORP.

Part # KP5630W5AD29
Description  Small Footprint Surface Mount Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KP5630W5AD29 Datasheet(HTML) 6 Page - KODENSHI_AUK CORP.

  KP5630W5AD29 Datasheet HTML 1Page - KODENSHI_AUK CORP. KP5630W5AD29 Datasheet HTML 2Page - KODENSHI_AUK CORP. KP5630W5AD29 Datasheet HTML 3Page - KODENSHI_AUK CORP. KP5630W5AD29 Datasheet HTML 4Page - KODENSHI_AUK CORP. KP5630W5AD29 Datasheet HTML 5Page - KODENSHI_AUK CORP. KP5630W5AD29 Datasheet HTML 6Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
AUK CORP.
KP5630W5AD29
9. Characteristic Graphs
AUK-LDM-001(A)
The contents of this data sheet are subject to change without advance notice for the purpose of improvement.
When using this product, would you please refer to the latest specifications.
Rev.O date : 09-MAY-12
Forward current vs.
Ambient temperature
Radiant Intensity vs.
Forward current
Relative radiant intensity vs.
Ambient temperature
Forward current vs.
Forward voltage
Relative intensity vs.
Wavelength
Radiant Pattern
Forward current I
F[mA]
Ambient temperature T
a[℃]
Relative intensity[%]
Angle(deg)
I
F = 50mA
25 50 75 100 125 150
0.00
0.20
0.40
0.60
0.80
1.00
1.20
400 450 500 550 600 650 700 750
Wavelength[nm]
0
0
5
10
0.5
1
(IF)
1.5
15
20
25
30
35
-20
0
20
0.1
1
10
80
60
40
100
50
+20
100
+40
50
0
100
-20
50
0
-40
120
60
0
(㎃)
90
30
1.0
0
Ta=25℃
(V)
3.0
Forward voltage(V )
2.0
F
4.0
80
Ambient temperature(Ta)
40
0
20
60
(℃)
100
80
40
0
(㎃)
60
20


Similar Part No. - KP5630W5AD29

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
KP5600A LUGUANG-KP5600A Datasheet
3Mb / 4P
   Phase control thyristor
More results

Similar Description - KP5630W5AD29

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KP3528W00A2I KODENSHI-KP3528W00A2I Datasheet
327Kb / 6P
   Small Footprint Surface Mount Package
KOI-6102BS KODENSHI-KOI-6102BS Datasheet
109Kb / 2P
   Small footprint surface mount package
KP1504WW0 KODENSHI-KP1504WW0 Datasheet
357Kb / 4P
   Small Footprint Surface Mount Package
KP3528BSKA2I-JX KODENSHI-KP3528BSKA2I-JX Datasheet
297Kb / 6P
   Small Footprint Surface Mount Package
KP3020W KODENSHI-KP3020W Datasheet
483Kb / 4P
   Small Footprint Surface Mount Package
KP3528W06A2I KODENSHI-KP3528W06A2I Datasheet
269Kb / 6P
   Small Footprint Surface Mount Package
KP3528BSKA2I-VX KODENSHI-KP3528BSKA2I-VX Datasheet
277Kb / 6P
   Small Footprint Surface Mount Package
KP1506W00 KODENSHI-KP1506W00 Datasheet
357Kb / 4P
   Small Footprint Surface Mount Package
KP1506WW0 KODENSHI-KP1506WW0 Datasheet
358Kb / 4P
   Small Footprint Surface Mount Package
KP3812W00A16 KODENSHI-KP3812W00A16 Datasheet
254Kb / 6P
   Small Footprint Surface Mount Package
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com