Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HGTP2N120CN Datasheet(PDF) 1 Page - Intersil Corporation

Part # HGTP2N120CN
Description  13A, 1200V, NPT Series N-Channel IGBT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HGTP2N120CN Datasheet(HTML) 1 Page - Intersil Corporation

  HGTP2N120CN Datasheet HTML 1Page - Intersil Corporation HGTP2N120CN Datasheet HTML 2Page - Intersil Corporation HGTP2N120CN Datasheet HTML 3Page - Intersil Corporation HGTP2N120CN Datasheet HTML 4Page - Intersil Corporation HGTP2N120CN Datasheet HTML 5Page - Intersil Corporation HGTP2N120CN Datasheet HTML 6Page - Intersil Corporation HGTP2N120CN Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
File Number
4680.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper ESD Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Copyright
© Intersil Corporation 2000
SABER™ is a trademark of Analogy, Inc.
HGTD2N120CNS, HGTP2N120CN,
HGT1S2N120CNS
13A, 1200V, NPT Series N-Channel IGBT
The HGTD2N120CNS, HGTP2N120CN, and
HGT1S2N120CNS are Non-Punch Through (NPT) IGBT
designs. They are new members of the MOS gated high
voltage switching IGBT family. IGBTs combine the best
features of MOSFETs and bipolar transistors. This device
has the high input impedance of a MOSFET and the low
on-state conduction loss of a bipolar transistor.
The IGBT is ideal for many high voltage switching
applications operating at moderate frequencies where low
conduction losses are essential, such as: AC and DC motor
controls, power supplies and drivers for solenoids, relays
and contactors.
Formerly Developmental Type TA49313.
Symbol
Features
• 13A, 1200V, TC = 25
oC
• 1200V Switching SOA Capability
• Typical Fall Time . . . . . . . . . . . . . . . . 360ns at TJ = 150
oC
• Short Circuit Rating
• Low Conduction Loss
• Avalanche Rated
• Temperature Compensating SABER™ Model
Thermal Impedance SPICE Model
www.intersil.com
• Related Literature
- TB334 “Guidelines for Soldering Surface Mount
Components to PC Boards”
Packaging
JEDEC TO-220AB
JEDEC TO-252AA
JEDEC TO-263AB
Ordering Information
PART NUMBER
PACKAGE
BRAND
HGTP2N120CN
TO-220AB
2N120CN
HGTD2N120CNS
TO-252AA
2N120C
HGT1S2N120CNS
TO-263AB
2N120CN
NOTE: When ordering, use the entire part number. Add the suffix 9A
to obtain the TO-263AB and TO-252AA variant in Tape and Reel,
e.g., HGT1S2N120CNS9A.
C
E
G
G
C
E
COLLECTOR
(FLANGE)
G
COLLECTOR
E
(FLANGE)
G
COLLECTOR
E
(FLANGE)
INTERSIL CORPORATION IGBT PRODUCT IS COVERED BY ONE OR MORE OF THE FOLLOWING U.S. PATENTS
4,364,073
4,417,385
4,430,792
4,443,931
4,466,176
4,516,143
4,532,534
4,587,713
4,598,461
4,605,948
4,620,211
4,631,564
4,639,754
4,639,762
4,641,162
4,644,637
4,682,195
4,684,413
4,694,313
4,717,679
4,743,952
4,783,690
4,794,432
4,801,986
4,803,533
4,809,045
4,809,047
4,810,665
4,823,176
4,837,606
4,860,080
4,883,767
4,888,627
4,890,143
4,901,127
4,904,609
4,933,740
4,963,951
4,969,027
Data Sheet
January 2000


Similar Part No. - HGTP2N120CN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HGTP2N120CN FAIRCHILD-HGTP2N120CN Datasheet
498Kb / 9P
   13A, 1200V, NPT Series N-Channel IGBT
logo
Intersil Corporation
HGTP2N120CND INTERSIL-HGTP2N120CND Datasheet
92Kb / 7P
   13A, 1200V, NPT Series N-Channel IGBTs with Anti-Parallel Hyperfast Diodes
January 2000
logo
Fairchild Semiconductor
HGTP2N120CNS FAIRCHILD-HGTP2N120CNS Datasheet
498Kb / 9P
   13A, 1200V, NPT Series N-Channel IGBT
More results

Similar Description - HGTP2N120CN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HGTD2N120CNS FAIRCHILD-HGTD2N120CNS Datasheet
498Kb / 9P
   13A, 1200V, NPT Series N-Channel IGBT
logo
Unisonic Technologies
UG1N120 UTC-UG1N120 Datasheet
290Kb / 3P
   1200V NPT SERIES N-CHANNEL IGBT
logo
Fairchild Semiconductor
HGTG30N120CN FAIRCHILD-HGTG30N120CN Datasheet
113Kb / 8P
   75A, 1200V, NPT Series N-Channel IGBT
logo
Intersil Corporation
HGTG10N120BN INTERSIL-HGTG10N120BN Datasheet
81Kb / 7P
   35A, 1200V, NPT Series N-Channel IGBT
January 2000
HGTG27N120BN INTERSIL-HGTG27N120BN Datasheet
82Kb / 7P
   72A, 1200V, NPT Series N-Channel IGBT
January 2000
logo
Fairchild Semiconductor
HGTD1N120BNS9A FAIRCHILD-HGTD1N120BNS9A Datasheet
96Kb / 8P
   5.3A, 1200V, NPT Series N-Channel IGBT
HGTG11N120CN FAIRCHILD-HGTG11N120CN Datasheet
138Kb / 7P
   43A, 1200V, NPT Series N-Channel IGBT
HGTG27N120BN FAIRCHILD-HGTG27N120BN Datasheet
212Kb / 8P
   72A, 1200V, NPT Series N-Channel IGBT
logo
Intersil Corporation
HGTD1N120BNS INTERSIL-HGTD1N120BNS Datasheet
71Kb / 7P
   5.3A, 1200V, NPT Series N-Channel IGBT
January 2000
HGTG11N120CN INTERSIL-HGTG11N120CN Datasheet
81Kb / 7P
   43A, 1200V, NPT Series N-Channel IGBT
January 2000
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com