Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HGTG11N120CN Datasheet(PDF) 5 Page - Intersil Corporation

Part # HGTG11N120CN
Description  43A, 1200V, NPT Series N-Channel IGBT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HGTG11N120CN Datasheet(HTML) 5 Page - Intersil Corporation

  HGTG11N120CN Datasheet HTML 1Page - Intersil Corporation HGTG11N120CN Datasheet HTML 2Page - Intersil Corporation HGTG11N120CN Datasheet HTML 3Page - Intersil Corporation HGTG11N120CN Datasheet HTML 4Page - Intersil Corporation HGTG11N120CN Datasheet HTML 5Page - Intersil Corporation HGTG11N120CN Datasheet HTML 6Page - Intersil Corporation HGTG11N120CN Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
FIGURE 9. TURN-ON DELAY TIME vs COLLECTOR TO
EMITTER CURRENT
FIGURE 10. TURN-ON RISE TIME vs COLLECTOR TO
EMITTER CURRENT
FIGURE 11. TURN-OFF DELAY TIME vs COLLECTOR TO
EMITTER CURRENT
FIGURE 12. FALL vs COLLECTOR TO EMITTER CURRENT
FIGURE 13. TRANSFER CHARACTERISTIC
FIGURE 14. GATE CHARGE WAVEFORMS
Typical Performance Curves Unless Otherwise Specified (Continued)
ICE, COLLECTOR TO EMITTER CURRENT (A)
0
15
20
25
30
35
5
40
15
20
RG = 10Ω, L = 2mH, VCE = 960V
TJ = 25
oC, T
J = 150
oC, V
GE = 15V
10
TJ = 25
oC, T
J = 150
oC, V
GE = 12V
ICE, COLLECTOR TO EMITTER CURRENT (A)
0
10
30
20
15
010
520
40
50
RG = 10Ω, L = 2mH, VCE = 960V
TJ = 25
oC OR T
J = 150
oC, V
GE = 15V
TJ = 25
oC, T
J = 150
oC, V
GE = 12V
0
250
5
100
200
ICE, COLLECTOR TO EMITTER CURRENT (A)
500
350
400
20
15
RG = 10Ω, L = 2mH, VCE = 960V
10
VGE = 12V, VGE = 15V, TJ = 25
oC
VGE = 12V, VGE = 15V, TJ = 150
oC
150
450
300
ICE, COLLECTOR TO EMITTER CURRENT (A)
0
100
300
400
5
500
700
20
15
RG = 10Ω, L = 2mH, VCE = 960V
200
600
10
TJ = 25
oC, V
GE = 12V OR 15V
TJ = 150
oC, V
GE = 12V OR 15V
0
40
13
8
9
10
12
VGE, GATE TO EMITTER VOLTAGE (V)
11
60
80
14
15
100
TC = 25
oC
TC = 150
oC
TC = -55
oC
250
µs PULSE TEST
DUTY CYCLE < 0.5%, VCE = 20V
7
20
QG, GATE CHARGE (nC)
5
20
0
060
20
80
VCE = 800V
IG(REF) = 1mA, RL = 54.5Ω, TC = 25
oC
VCE = 1200V
10
15
120
VCE = 400V
100
40
HGTG11N120CN, HGTP11N120CN, HGT1S11N120CNS


Similar Part No. - HGTG11N120CN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HGTG11N120CN FAIRCHILD-HGTG11N120CN Datasheet
138Kb / 7P
   43A, 1200V, NPT Series N-Channel IGBT
HGTG11N120CND FAIRCHILD-HGTG11N120CND Datasheet
110Kb / 8P
   43A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Intersil Corporation
HGTG11N120CND INTERSIL-HGTG11N120CND Datasheet
82Kb / 7P
   43A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
logo
ON Semiconductor
HGTG11N120CND ONSEMI-HGTG11N120CND Datasheet
437Kb / 10P
   NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
December, 2020 ??Rev. 2
More results

Similar Description - HGTG11N120CN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HGTG11N120CN FAIRCHILD-HGTG11N120CN Datasheet
138Kb / 7P
   43A, 1200V, NPT Series N-Channel IGBT
logo
Intersil Corporation
HGTG11N120CND INTERSIL-HGTG11N120CND Datasheet
82Kb / 7P
   43A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
logo
Fairchild Semiconductor
HGTG11N120CND FAIRCHILD-HGTG11N120CND Datasheet
110Kb / 8P
   43A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Unisonic Technologies
UG1N120 UTC-UG1N120 Datasheet
290Kb / 3P
   1200V NPT SERIES N-CHANNEL IGBT
logo
Fairchild Semiconductor
HGTG30N120CN FAIRCHILD-HGTG30N120CN Datasheet
113Kb / 8P
   75A, 1200V, NPT Series N-Channel IGBT
logo
Intersil Corporation
HGTD2N120CNS INTERSIL-HGTD2N120CNS Datasheet
89Kb / 7P
   13A, 1200V, NPT Series N-Channel IGBT
January 2000
HGTG10N120BN INTERSIL-HGTG10N120BN Datasheet
81Kb / 7P
   35A, 1200V, NPT Series N-Channel IGBT
January 2000
HGTG27N120BN INTERSIL-HGTG27N120BN Datasheet
82Kb / 7P
   72A, 1200V, NPT Series N-Channel IGBT
January 2000
logo
Fairchild Semiconductor
HGTD1N120BNS9A FAIRCHILD-HGTD1N120BNS9A Datasheet
96Kb / 8P
   5.3A, 1200V, NPT Series N-Channel IGBT
HGTG27N120BN FAIRCHILD-HGTG27N120BN Datasheet
212Kb / 8P
   72A, 1200V, NPT Series N-Channel IGBT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com