Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1815-JS4 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SA1815-JS4
Description  PNP Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SA1815-JS4 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SA1815-JS4 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SA1815-JS4 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SA1815-JS4 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Type
www.kexin.com.cn
1
Transistors
PNP Transistors
2SA1815
Features
High power gain : PG=25dB (f=100MHz).
High cutoff frequency ; fT=750MHz typ.
Low collector-to-emitter saturation voltage.
Complementary pair with the 2SC4432.
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
-15
Collector - Emitter Voltage
VCEO
-12
Emitter - Base Voltage
VEBO
-3
Collector Current - Continuous
IC
-50
mA
Collector Power Dissipation
PC
250
mW
Junction Temperature
TJ
150
Storage Temperature range
Tstg
-55 to 150
V
Electrical Characteristics Ta = 25℃
Classification of hfe
Type
2SA1815-JS3
2SA1815-JS4 2SA1815-JS5
Range
60-120
90-180
135-270
Marking
JS3
JS4
JS5
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= -100 μA, IE=0
-15
Collector- emitter breakdown voltage
VCEO
Ic= -1 mA, IB=0
-12
Emitter - base breakdown voltage
VEBO
IE= -100μA, IC=0
-3
Collector-base cut-off current
ICBO
VCB= -12 V , IE=0
-100
Emitter cut-off current
IEBO
VEB= -2V , IC=0
-100
Collector-emitter saturation voltage
VCE(sat) IC=-10mA, IB=-1mA
-0.1
-0.3
Base - emitter saturation voltage
VBE(sat) IC=-10mA, IB=-1mA
-1.2
DC current gain
hFE
VCE= -10V, IC= -5mA
60
270
Power Gain
PG
VCE= -10V, IC= -10mA,f=100MHz
25
dB
Collector output capacitance
Cob
VCB= -10V, IE= 0,f=1MHz
1.2
1.6
Reverse Transfer Capacitance
Cre
VCB= -10V, IE= 0,f=1MHz
0.9
Transition frequency
fT
VCE= -10V, IC= -5mA
750
MHz
V
V
nA
pF
0.4 +0.1
-0.1
2.9 +0.2
-0.1
0.95 +0.1
-0.1
1.9 +0.1
-0.2
1
2
3
Unit: mm
SOT-23-3
1. Base
2. Emitter
3. Collector
0.15 +0.02
-0.02


Similar Part No. - 2SA1815-JS4

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SA1815-JS4-HF KEXIN-2SA1815-JS4-HF Datasheet
1Mb / 3P
   PNP Transistors
2SA1815-JS4-HF KEXIN-2SA1815-JS4-HF Datasheet
1Mb / 3P
   PNP Transistors
More results

Similar Description - 2SA1815-JS4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
   PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
   PNP Transistors
logo
Guangdong Kexin Industr...
2SB1026-HF KEXIN-2SB1026-HF_15 Datasheet
951Kb / 3P
   PNP Transistors
2SB1027 KEXIN-2SB1027_15 Datasheet
893Kb / 3P
   PNP Transistors
2SB1027-HF KEXIN-2SB1027-HF_15 Datasheet
896Kb / 3P
   PNP Transistors
2SB1070 KEXIN-2SB1070_15 Datasheet
1,002Kb / 2P
   PNP Transistors
2SB1115-HF KEXIN-2SB1115-HF_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1118 KEXIN-2SB1118_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1120 KEXIN-2SB1120_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1174 KEXIN-2SB1174_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1176 KEXIN-2SB1176_15 Datasheet
1Mb / 3P
   PNP Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com