Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HGTP11N120CN Datasheet(PDF) 1 Page - Intersil Corporation

Part # HGTP11N120CN
Description  43A, 1200V, NPT Series N-Channel IGBT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HGTP11N120CN Datasheet(HTML) 1 Page - Intersil Corporation

  HGTP11N120CN Datasheet HTML 1Page - Intersil Corporation HGTP11N120CN Datasheet HTML 2Page - Intersil Corporation HGTP11N120CN Datasheet HTML 3Page - Intersil Corporation HGTP11N120CN Datasheet HTML 4Page - Intersil Corporation HGTP11N120CN Datasheet HTML 5Page - Intersil Corporation HGTP11N120CN Datasheet HTML 6Page - Intersil Corporation HGTP11N120CN Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
File Number
4577.2
HGTG11N120CN, HGTP11N120CN,
HGT1S11N120CNS
43A, 1200V, NPT Series N-Channel IGBT
The HGTG11N120CN, HGTP11N120CN, and
HGT1S11N120CNS are Non-Punch Through (NPT) IGBT
designs. They are new members of the MOS gated high
voltage switching IGBT family. IGBTs combine the best
features of MOSFETs and bipolar transistors. This device
has the high input impedance of a MOSFET and the low on-
state conduction loss of a bipolar transistor.
The IGBT is ideal for many high voltage switching
applications operating at moderate frequencies where low
conduction losses are essential, such as: AC and DC motor
controls, power supplies and drivers for solenoids, relays
and contactors.
Formerly Developmental Type TA49291.
Symbol
Features
• 43A, 1200V, TC = 25
oC
• 1200V Switching SOA Capability
• Typical Fall Time . . . . . . . . . . . . . . . . 340ns at TJ = 150
oC
• Short Circuit Rating
• Low Conduction Loss
• Avalanche Rated
• Thermal Impedance SPICE Model
Temperature Compensating SABER™ Model
www.intersil.com
• Related Literature
- TB334 “Guidelines for Soldering Surface Mount
Components to PC Boards”
Packaging
JEDEC STYLE TO-247
JEDEC TO-220AB (ALTERNATE VERSION)
JEDEC TO-263AB
Ordering Information
PART NUMBER
PACKAGE
BRAND
HGTG11N120CN
TO-247
G11N120CN
HGTP11N120CN
TO-220AB
11N120CN
HGT1S11N120CNS
TO-263AB
11N120CN
NOTE: When ordering, use the entire part number. Add the suffix 9A
to obtain the TO-263AB variant in Tape and Reel, i.e.,
HGT1S11N120CNS9A.
C
E
G
G
C
E
COLLECTOR
(BOTTOM SIDE
METAL)
G
COLLECTOR
E
(FLANGE)
C
G
COLLECTOR
E
(FLANGE)
INTERSIL CORPORATION IGBT PRODUCT IS COVERED BY ONE OR MORE OF THE FOLLOWING U.S. PATENTS
4,364,073
4,417,385
4,430,792
4,443,931
4,466,176
4,516,143
4,532,534
4,587,713
4,598,461
4,605,948
4,620,211
4,631,564
4,639,754
4,639,762
4,641,162
4,644,637
4,682,195
4,684,413
4,694,313
4,717,679
4,743,952
4,783,690
4,794,432
4,801,986
4,803,533
4,809,045
4,809,047
4,810,665
4,823,176
4,837,606
4,860,080
4,883,767
4,888,627
4,890,143
4,901,127
4,904,609
4,933,740
4,963,951
4,969,027
Data Sheet
January 2000
CAUTION: These devices are sensitive to electrostatic discharge; follow proper ESD Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Copyright
© Intersil Corporation 2000
SABER™ is a trademark of Analogy, Inc.


Similar Part No. - HGTP11N120CN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HGTP11N120CN FAIRCHILD-HGTP11N120CN Datasheet
138Kb / 7P
   43A, 1200V, NPT Series N-Channel IGBT
More results

Similar Description - HGTP11N120CN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HGTG11N120CN FAIRCHILD-HGTG11N120CN Datasheet
138Kb / 7P
   43A, 1200V, NPT Series N-Channel IGBT
logo
Intersil Corporation
HGTG11N120CND INTERSIL-HGTG11N120CND Datasheet
82Kb / 7P
   43A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
logo
Fairchild Semiconductor
HGTG11N120CND FAIRCHILD-HGTG11N120CND Datasheet
110Kb / 8P
   43A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Unisonic Technologies
UG1N120 UTC-UG1N120 Datasheet
290Kb / 3P
   1200V NPT SERIES N-CHANNEL IGBT
logo
Fairchild Semiconductor
HGTG30N120CN FAIRCHILD-HGTG30N120CN Datasheet
113Kb / 8P
   75A, 1200V, NPT Series N-Channel IGBT
logo
Intersil Corporation
HGTD2N120CNS INTERSIL-HGTD2N120CNS Datasheet
89Kb / 7P
   13A, 1200V, NPT Series N-Channel IGBT
January 2000
HGTG10N120BN INTERSIL-HGTG10N120BN Datasheet
81Kb / 7P
   35A, 1200V, NPT Series N-Channel IGBT
January 2000
HGTG27N120BN INTERSIL-HGTG27N120BN Datasheet
82Kb / 7P
   72A, 1200V, NPT Series N-Channel IGBT
January 2000
logo
Fairchild Semiconductor
HGTD1N120BNS9A FAIRCHILD-HGTD1N120BNS9A Datasheet
96Kb / 8P
   5.3A, 1200V, NPT Series N-Channel IGBT
HGTG27N120BN FAIRCHILD-HGTG27N120BN Datasheet
212Kb / 8P
   72A, 1200V, NPT Series N-Channel IGBT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com