Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15167-0474 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 15167-0474
Description  1.00mm Pitch Premo-Flex FFC Jumper
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

15167-0474 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  15167-0474 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 12/16/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
15167-0474
Status:
Active
Overview:
Premo-Flex™ FFC and Etched Polyimide Jumpers
Description:
1.00mm Pitch Premo-Flex™ FFC Jumper, Opposite Side Contacts (Type D), 30
Circuits, 0.127m Cable Length, Cable Thickness 0.12mm, Tin (Sn) Plating
Documents:
Drawing (PDF)
Packaging Specification PK-15167-001 (PDF)
Product Specification PS-15167-001 (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Cable
Series
15167
Comments
Contacts on opposite sides, Type D
Crimp Quality Equipment
Yes
Overview
Premo-Flex™ FFC and Etched Polyimide Jumpers
Product Name
Premo-Flex™FFC Jumper
UPC
884982853577
Physical
Cable Length
0.127m
Circuits (Loaded)
30
Circuits (maximum)
30
Net Weight
1.000/g
Packaging Type
Bag
Pitch - Termination Interface
1.00mm
Temperature Range - Operating
-40°C to +105°C
Wire Size AWG
N/A
Wire/Cable Type
Flat Flex Cable
Electrical
Current - Maximum per Contact
1.2A
Voltage - Maximum
60V AC
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-15167-001
Product Specification
PS-15167-001
Sales Drawing
SD-15167-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
15167Series
Use With
<a href="www.molex.com/link/ffc-
fpc.html">Molex FFC – FPC connector</a>.
Be sure to match like plating
This document was generated on 12/16/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 15167-0474

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
15167-0470 MOLEX11-15167-0470 Datasheet
44Kb / 1P
   1.00mm Pitch Premo-Flex FFC Jumper
15167-0471 MOLEX11-15167-0471 Datasheet
44Kb / 1P
   1.00mm Pitch Premo-Flex FFC Jumper
15167-0472 MOLEX11-15167-0472 Datasheet
44Kb / 1P
   1.00mm Pitch Premo-Flex FFC Jumper
15167-0473 MOLEX11-15167-0473 Datasheet
44Kb / 1P
   1.00mm Pitch Premo-Flex FFC Jumper
15167-0475 MOLEX11-15167-0475 Datasheet
44Kb / 1P
   1.00mm Pitch Premo-Flex FFC Jumper
More results

Similar Description - 15167-0474

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
15020-1138 MOLEX11-15020-1138 Datasheet
73Kb / 1P
   1.00mm Pitch Premo-Flex FFC Jumper
15020-1140 MOLEX11-15020-1140 Datasheet
73Kb / 1P
   1.00mm Pitch Premo-Flex FFC Jumper
15020-1144 MOLEX11-15020-1144 Datasheet
73Kb / 1P
   1.00mm Pitch Premo-Flex FFC Jumper
15166-0218 MOLEX11-15166-0218 Datasheet
44Kb / 1P
   1.00mm Pitch Premo-Flex FFC Jumper
15166-0150 MOLEX11-15166-0150 Datasheet
44Kb / 1P
   1.00mm Pitch Premo-Flex FFC Jumper
15166-0242 MOLEX11-15166-0242 Datasheet
44Kb / 1P
   1.00mm Pitch Premo-Flex FFC Jumper
15166-0158 MOLEX11-15166-0158 Datasheet
44Kb / 1P
   1.00mm Pitch Premo-Flex FFC Jumper
15166-0243 MOLEX11-15166-0243 Datasheet
44Kb / 1P
   1.00mm Pitch Premo-Flex FFC Jumper
15166-0411 MOLEX11-15166-0411 Datasheet
44Kb / 1P
   1.00mm Pitch Premo-Flex FFC Jumper
15166-0416 MOLEX11-15166-0416 Datasheet
44Kb / 1P
   1.00mm Pitch Premo-Flex FFC Jumper
15166-0417 MOLEX11-15166-0417 Datasheet
44Kb / 1P
   1.00mm Pitch Premo-Flex FFC Jumper
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com