Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9974 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9974
Description  Dual-Channel, 14-Bit, CCD Signal
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9974 Datasheet(HTML) 1 Page - Analog Devices

  AD9974_15 Datasheet HTML 1Page - Analog Devices AD9974_15 Datasheet HTML 2Page - Analog Devices AD9974_15 Datasheet HTML 3Page - Analog Devices AD9974_15 Datasheet HTML 4Page - Analog Devices AD9974_15 Datasheet HTML 5Page - Analog Devices AD9974_15 Datasheet HTML 6Page - Analog Devices AD9974_15 Datasheet HTML 7Page - Analog Devices AD9974_15 Datasheet HTML 8Page - Analog Devices AD9974_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
Dual-Channel, 14-Bit, CCD Signal
Processor with Precision Timing Core
AD9974
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009 Analog Devices, Inc. All rights reserved.
FEATURES
1.8 V analog and digital core supply voltage
Correlated double sampler (CDS) with
−3 dB, 0 dB, +3 dB, and +6 dB gain
6 dB to 42 dB, 10-bit variable gain amplifier (VGA)
14-bit, 65 MHz analog-to-digital converter (ADC)
Black level clamp with variable level control
Complete on-chip timing generator
Precision Timing core with 240 ps resolution @ 65 MHz
On-chip 3 V horizontal and RG drivers
100-lead, 9 mm × 9 mm, 0.8 mm pitch, CSP_BGA package
Internal low dropout (LDO) regulator circuitry
APPLICATIONS
Professional HDTV camcorders
Professional/high end digital cameras
Broadcast cameras
Industrial high speed cameras
GENERAL DESCRIPTION
The AD9974 is a highly integrated, dual-channel, charge-
coupled device (CCD) signal processor for high speed digital
video camera applications. Each channel is specified at pixel
rates of up to 65 MHz. The AD9974 consists of a complete
analog front end (AFE) with analog-to-digital conversion,
combined with a programmable timing driver. The Precision
Timing™ core allows adjustment of high speed clocks with
approximately 240 ps resolution at 65 MHz operation.
Each AFE includes black level clamping, CDS, VGA, and
a 65 MSPS, 14-bit ADC. The timing driver provides the high
speed CCD clock drivers for the RG_A, RG_B, H1_A to H4_A,
and H1_B to H4_B outputs. A 3-wire serial interface is used to
program each channel of the AD9974.
Available in a space-saving, 9 mm × 9 mm, CSP_BGA package,
the AD9974 is specified over an operating temperature range of
−25°C to +85°C.
FUNCTIONAL BLOCK DIAGRAM
AD9974
SYNC
GENERATOR
PRECISION
TIMING
CORE
INTERNAL CLOCKS
HORIZONTAL
DRIVERS
RG_B
RG_A
H1_A TO H4_A
4
H1_B TO H4_B
4
HD_A VD_A HD_B VD_B
INTERNAL
REGISTERS
SL_A
SDATA_A
SL_B
SDATA_B
SCK_A
SCK_B
CLI_A
CLI_B
CLAMP
DOUT_A
CCDINP_A
6dB TO 42dB
VGA
ADC
CDS
14
CLAMP
DOUT_B
CCDINP_B
6dB TO 42dB
VGA
ADC
CDS
14
REFT_B REFB_B
VREF_B
REFT_A REFB_A
VREF_A
–3, 0, +3, +6dB
–3, 0, +3, +6dB
1.8V OUTPUT
LDO A
1.8V OUTPUT
LDO B
CCDINM_A
CCDINM_B
Figure 1.


Similar Part No. - AD9974_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9974BBCZ AD-AD9974BBCZ Datasheet
902Kb / 52P
   Dual-Channel, 14-Bit, CCD Signal Processor with Precision Timing Core
REV. A
AD9974BBCZRL AD-AD9974BBCZRL Datasheet
902Kb / 52P
   Dual-Channel, 14-Bit, CCD Signal Processor with Precision Timing Core
REV. A
More results

Similar Description - AD9974_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9973 AD-AD9973_15 Datasheet
80Kb / 2P
   Dual-Channel, 14-Bit CCD Signal
Rev. SpA
AD9978 AD-AD9978_15 Datasheet
69Kb / 2P
   Dual-Channel, 14-Bit CCD Signal
Rev. SpB
AD9978BCPZ AD-AD9978BCPZ Datasheet
69Kb / 2P
   Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing Core
Rev. SpB
AD9978 AD-AD9978_08 Datasheet
69Kb / 2P
   Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing Core
Rev. SpB
AD9973 AD-AD9973 Datasheet
68Kb / 2P
   Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing??Core
Rev. SpA
AD9978 AD-AD9978 Datasheet
71Kb / 2P
   Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing Core
Rev. SpA
AD9974 AD-AD9974 Datasheet
73Kb / 2P
   Dual-Channel, 14-Bit, CCD Signal Processor with Precision Timing??Core
Rev. Sp0
AD9990 AD-AD9990_15 Datasheet
62Kb / 2P
   Dual-Channel, 14-Bit CCD Signal Processor and Precision Timing Core
Rev. SpB
AD9942 AD-AD9942_15 Datasheet
654Kb / 36P
   Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing Core
REV. A
AD9942 AD-AD9942 Datasheet
653Kb / 36P
   Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing??Core
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com