Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCT16N60P Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # SCT16N60P
Description  Triac
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SCT16N60P Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  SCT16N60P Datasheet HTML 1Page - KODENSHI_AUK CORP. SCT16N60P Datasheet HTML 2Page - KODENSHI_AUK CORP. SCT16N60P Datasheet HTML 3Page - KODENSHI_AUK CORP. SCT16N60P Datasheet HTML 4Page - KODENSHI_AUK CORP. SCT16N60P Datasheet HTML 5Page - KODENSHI_AUK CORP. SCT16N60P Datasheet HTML 6Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
KSD-S0P005-000
1
SCT16N60P
Triac
600V, 16A STANDARD TRIAC
This device is suitable for low power AC switching application,
phase control application such as fan speed and temperature
modulation control, lighting control and static switching relay.
Features
Repetitive Peak Off-State Voltage : VDRM=600V
R.M.S On-State Current : IT(RMS)=16A
Gate trigger current : IGT=35mA max (Mode Ⅰ-Ⅱ-Ⅲ)
High Commutation: (dI/dt)C = 8.0A/㎳(Min)
Applications
Switching mode power supply, light dimmet
TV sets, stereo, refrigerator, washing machine
Electric blanket, solenoid driver, small motor control
Photo copier, electric tool
Ordering Information
Device
Marking Code
Package
Packaging
SCT16N60P
SCT16N60
TO-220AB-3L
50 Units /
Tube
Absolute Maximum Ratings (Limiting Values)
Characteristic
Symbol
Value
Unit
Repetitive Peak Off-state Voltage
VDRM
600
V
RMS on-state current (full sine wave)
IT(RMS)
16
A
Non- repetitive surge peak on-state current
(full cycle, Tj initial = 25℃)
ITSM
168
A
I
2t Value for fusing
I
2t
144
A
2s
Peak gate current
IGM
4
A
Peak gate power dissipation
PGM
5
W
Average gate peak dissipation
PG(AV)
1
W
Storage temperature range
Tstg
-40 to +150
Operating junction temperature range
Tj
-40 to +125
Column 1 : Manufacture Logo
Column 2 : Production Information
- △ : Factory Management Code
- YMDD : Date Code(Year, Month, Date)
Column 3 : Device code
Product Characteristics
Symbol
Rating
IT(RMS)
16A
VDRM
600V
TO-220AB-3L
1 2
3
Marking Diagram
AUK
△YMDD
SCT16N60


Similar Part No. - SCT16N60P

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SCT16N60FD KODENSHI-SCT16N60FD Datasheet
361Kb / 6P
   Triac
More results

Similar Description - SCT16N60P

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SCT04N60E KODENSHI-SCT04N60E Datasheet
388Kb / 6P
   Triac
SCT06N60FD KODENSHI-SCT06N60FD Datasheet
306Kb / 6P
   Triac
SCT25N60P KODENSHI-SCT25N60P Datasheet
371Kb / 6P
   Triac
SDB0740 KODENSHI-SDB0740 Datasheet
250Kb / 5P
   Triac
logo
Unisonic Technologies
UT139E UTC-UT139E Datasheet
139Kb / 3P
   TRIAC
UT139G UTC-UT139G Datasheet
151Kb / 4P
   TRIAC
logo
SEMTECH ELECTRONICS LTD...
STBT134T SEMTECH_ELEC-STBT134T Datasheet
172Kb / 2P
   TRIAC
logo
Renesas Technology Corp
BCR16PM-12LG RENESAS-BCR16PM-12LG_10 Datasheet
108Kb / 8P
   Triac
logo
Unisonic Technologies
UT136E UTC-UT136E_11 Datasheet
156Kb / 3P
   TRIAC
logo
Renesas Technology Corp
BCR8LM-14LB RENESAS-BCR8LM-14LB Datasheet
107Kb / 8P
   Triac
BCR10LM-12LB RENESAS-BCR10LM-12LB Datasheet
107Kb / 8P
   Triac
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com