Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD14060L Datasheet(PDF) 10 Page - Analog Devices

Part # AD14060L
Description  DSP Multiprocessor Family
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD14060L Datasheet(HTML) 10 Page - Analog Devices

Back Button AD14060L_15 Datasheet HTML 6Page - Analog Devices AD14060L_15 Datasheet HTML 7Page - Analog Devices AD14060L_15 Datasheet HTML 8Page - Analog Devices AD14060L_15 Datasheet HTML 9Page - Analog Devices AD14060L_15 Datasheet HTML 10Page - Analog Devices AD14060L_15 Datasheet HTML 11Page - Analog Devices AD14060L_15 Datasheet HTML 12Page - Analog Devices AD14060L_15 Datasheet HTML 13Page - Analog Devices AD14060L_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
AD14060/AD14060L
Rev. B | Page 10 of 48
SYNCHRONOUS READ/WRITE—BUS MASTER
Use these specifications for interfacing to external memory systems that require CLKIN—relative timing or for accessing a slave
ADSP 2106x in multiprocessor memory space. These synchronous switching characteristics are also valid during asynchronous memory
reads and writes (see the Memory Read—Bus Master and Memory Write—Bus Master sections).
When accessing a slave ADSP-2106x, these switching characteristics must meet the slave’s timing requirements for synchronous
read/writes (see the Synchronous Read/Write—Bus Slave section). The slave ADSP-2106x must also meet these bus master timing
requirements for data and acknowledge setup and hold times.
Table 10. Specifications
5 V
3.3 V
Parameter
Min
Max
Min
Max
Unit
Timing Requirements:
tSSDATI
Data Setup before CLKIN
3 + DT/8
3 + DT/8
ns
tHSDATI
Data Hold after CLKIN
4 − DT/8
4 − DT/8
ns
tDAAK
ACK Delay after Address, MSx, SW, BMS1, 2
13.5 + 7 DT/8 + W
13.5 + 7 DT/8 + W
ns
tSACKC
ACK Setup before CLKIN2
6.5 + DT/4
6.5 + DT/4
ns
tHACKC
ACK Hold after CLKIN
−0.5 − DT/4
−0.5 − DT/4
ns
Switching Characteristics:
tDADRO
Address, MSx, BMS, SW, Delay after CLKIN1
8 − DT/8
8 − DT/8
ns
tHADRO
Address, MSx, BMS, SW, Hold after CLKIN
−1 − DT/8
−1 − DT/8
ns
tDPGC
PAGE Delay after CLKIN
9 + DT/8
17 + DT/8
9 + DT/8
17 + DT/8
ns
tDRDO
RD High Delay after CLKIN
−2 − DT/8
+5 − DT/8
−2 − DT/8
+5 − DT/8
ns
tDWRO
WR High Delay after CLKIN
−3 − 3 DT/16
+5 − 3 DT/16
−3 − 3 DT/16
+5 − 3 DT/16
ns
tDRWL
RD/WR Low Delay after CLKIN
8 + DT/4
13.5 + DT/4
8 + DT/4
13.5 + DT/4
ns
tSDDATO
Data Delay after CLKIN
20 + 5 DT/16
20.25 + 5 DT/16
ns
tDATTR
Data Disable after CLKIN3
0 − DT/8
8 − DT/8
0 − DT/8
8 – DT/8
ns
tDADCCK
ADRCLK Delay after CLKIN
4 + DT/8
11 + DT/8
4 + DT/8
11 + DT/8
ns
tADRCK
ADRCLK Period
tCK
tCK
ns
tADRCKH
ADRCLK Width High
(tCK/2 − 2)
(tCK/2 − 2)
ns
tADRCKL
ADRCLK Width Low
(tCK/2 − 2)
(tCK/2 − 2)
ns
W = number of wait states specified in WAIT register × tCK.
1 For MSx, SW, BMS, the falling edge is referenced.
2 ACK delay/setup: User must meet tDAAK, tDSAK, or synchronous specification, tSACKC.
3 See the
section for the calculation of hold times given capacitive and dc loads.
System Hold Time Calculation Example


Similar Part No. - AD14060L_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD14060LBF-4 AD-AD14060LBF-4 Datasheet
744Kb / 44P
   Quad-SHARC DSP Multiprocessor Family
REV. A
More results

Similar Description - AD14060L_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD14060 AD-AD14060_15 Datasheet
1Mb / 48P
   DSP Multiprocessor Family
REV. B
AD14160 AD-AD14160 Datasheet
1Mb / 52P
   Quad-SHARC DSP Multiprocessor Family
REV. A
AD14060 AD-AD14060 Datasheet
744Kb / 44P
   Quad-SHARC DSP Multiprocessor Family
REV. A
ADSP21062 AD-ADSP21062 Datasheet
338Kb / 48P
   DSP Microcomputer Family
REV. B
ADSP-2106X AD-ADSP-2106X Datasheet
366Kb / 47P
   DSP Microcomputer Family
REV. B
ADSP-2105KP-40 AD-ADSP-2105KP-40 Datasheet
389Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2101 AD-ADSP-2101_15 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-21XX AD-ADSP-21XX Datasheet
666Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
logo
Cirrus Logic
CS49DV8C CIRRUS-CS49DV8C Datasheet
560Kb / 30P
   32-bit Audio DSP Family
logo
Analog Devices
ADSP-2115KP-80 AD-ADSP-2115KP-80 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com